Part Number Hot Search : 
F1603 TOM12212 STP16 0860C L7900AC Y2424 STP16 AOL1436
Product Description
Full Text Search
 

To Download INT035TFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: www.displaytech.com.hk lcd module product specification product: INT035TFT & INT035TFT-ts 3.5'' integrated tft display module (320rgbx240dots) contents in this document are subject to change wit hout notice. no part of this document may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, without the express written permis sion of displaytech ltd. january 3, 2013.
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 1 1. revision record version changes date 1.0 initial revision 28 september 2011 1.1 changed the temperature range of ts version 3 n ovember 2011 2.0 change d pin#38 to +5.0v at page 5, 6, & 7. january 2, 2013 2.1 added voltage and current details for pin#38 at page 8 january 3, 2013
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 2 table of content 1. revision record ................................... ........................................ 1 2. introduction ...................................... ................................................... .. 3 3. features .......................................... ................................................... ..... 3 4. general specifications ............................ .............................................. 4 5. mechanical drawing ................................ ............................................. 5 6. interface description ............................. ............................................... 7 7. absolute maximum ratings .......................... ....................................... 8 8. electrical characteristics ........................ ............................................. 8 9. display and touch screen controller /power supply t iming ......... 8 10. backlight specification ........................... ............................................... 9 11. optical characteristics ........................... .............................................. 9 12. safety precaution ................................. ............................................... 12
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 3 2. introduction INT035TFT and INT035TFT-ts are integrated display module based upon a tft display with a 240 x 320 rgb resolution. the tft module is mounted on a pcb on whic h is mounted a solomon ssd1963 controller with integrated touch screen control and pwm driving circuit for the led backlight. the tft module is automatic ally initialised upon power up by an on-board controller circuit. 3. features ? 8080/6800 mcu interface (1) ? built-in 1215k bytes frame buffer. support up to 864 x 480 at 24bpp display ? deep sleep mode for power saving ? screen display rotation ? display vertical scrolling ? display mirroring ? programmable contrast and saturation control ? auto initialisation (2) ? embedded 4-wires touch panel controller ? embedded pwm control and led driving circuit for backlight remarks: (1) mcu interface is selected by soldering option as below. ? 8080 interface (default setting): r4 is with 0 ohm resistor / r19 is opened. ? 6800 interface (by request): r19 is with 0 ohm resistor / r4 is opened. ? 8/9/16/18-bit mcu interface are available. (2) ?auto initialisation? takes around half second to complete, customer i s suggested to add an one second delay at the beginning of their program.
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 4 4. general specifications item specification unit lcd mode transmissive --- resolution 320(rgb) line 240 line diagonal size 3.5 inch overall size 87.00 mm 66.00 mm active area 70.08 mm 52.56 mm optimum viewing direction 12 o?clock --- controller driver ic solomon ssd1963; max11802 (touch screen) --- interface type 8080/6800 with 8/9/16/18 data bus width (1) --- colours 16.7m --- operation temperature range -20~70 c storage temperature range -30~80 c remarks: (1) mcu interface is selected by soldering option as below.  8080 interface (default setting): r4 is with 0 ohm resistor / r19 is opened.  6800 interface (by request): r19 is with 0 ohm resistor / r4 is opened.  8/9/16/18-bit mcu interface are available.  maxim max11802 is with spi interface. (2) color tune may be changed slightly by temperature and driving voltage. (3) rohs compliant. component life cycle 1) storage life: min. 1 year 2) operation life (*1): min. 43 x 103 h (24hr/day x 7days/week x 52weeks/ year x 5years) (not include backlight) 3) storage and operation life times are defined for a temperatur e of +25c notes: *1. operation life ends when one of the listed faults occurs:  the on/off response-times reach 1.5 times of the max. value specif ied for a new display  the contrast is reduced to 0.5 of the original contrast value  loss of function  the number of cosmetic defects exceeds the maximum defined
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 5 5. mechanical drawing ? INT035TFT
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 6 ? INT035TFT-ts
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 7 6. interface description pin no symbol i/o description 1 gnd --- power ground 0v 2 vddio --- po wer supply for digital i/o pads 3 vddd --- power supply for internal digital circuit 4 vddlcd --- power supply for lcd interface related pads 5 gnd --- power ground 0v 6 tp_aux i auxiliary input: analog input that used to monitor external conditions such as battery voltage or temperature. (INT035TFT-ts only: for max11802) 7 tp_tirq o active-low touch interrupt output: active-low inter rupt, indicating that a touch is present (cint) or has been initiated (eint) in dcm, or that new data is available in the fifo in acm. (INT035TFT-ts only: for max1180 2) 8 tp_din i spi serial data input. (INT035TFT-ts onl y: for max11802) 9 tp_clk i spi serial data clock input. (INT035TFT- ts only: for max11802) 10 tp_dout i spi data output. (INT035TFT-ts only: for max11802 ) 11 tp_cs i spi chip-select input. (INT035TFT-ts onl y: for max11802) 12 gnd --- power ground 0v 13 /cs i chip select (for controller ssd1963) 14 /rs i data/command select 15 e(/rd) i 6800 mode: e (enable signal) 8080 mode: / rd (read strobe signal) 16 r/w(/wr) i 6800 mode: r/w 0: write cycle 1: read cycle 8080 mode: /wr (write strobe signal) 17 /reset i master synchronize reset 18 gnd --- power ground 0v 19 | 36 data00 | data17 i/o data bus. pins not used should be floating 37 nc (pwm) --- no conn ection 38 +5.0v i power supply for backlight 39 nc (bl+) --- no connection 40 nc (bl-) --- no connection
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 8 7. absolute maximum ratings (gnd=vss=0v; ta=25c) item symbol min. max. unit i/o power supply vddio -0.5 4.6 v digital core power supply vddd -0.5 1.8 v lcd interface power supply vddlcd -0.5 4.6 v input voltage vin -0.5 4.6 v output voltage vout -0.5 4.6 v operating temperature top -20 +70 c storage temperature tst -30 +80 c note: ? when temperature is below 0c, the response time of liquid crystal (lc) will be slower and the color of panel will be darker. ? if module driving condition exceeds the absolute maximum ratings, perm anent damaged may be resulted. if module is driven within the absolute maximum ratings but exceeded the dc characteristics, mal-function may be resulted. ? vdd/vcc > vss 8. electrical characteristics dc characteristics (gnd=vss=0v; ta=25c) item symbol min. typ. max. unit i/o power supply vddio 3.135 3.3 3.465 v digital core power supply vddd 1.08 1.2 1.32 v lcd interface power supply vddlcd 1.65 3.3 3.6 v input signal voltage low level vil --- --- 0.2vddio high level vih 0.8vddio --- vddio + 0.5 v output signal voltage low level vol --- --- 0.2vddio v high level voh 0.8vddio --- --- v power supply for backlight (pin#38) 4.75 5.0 5.25 v current consumption for backlight (pin#38) 72 90 13 5 ma 9. display and touch screen controller /power supply t iming see display and touch screen controller specificat ion: solomon ssd1963 & maxim max11802
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 9 10. backlight specification (vcc=3.3v, vss=0v, ta=25c) item symbol condition min typ max unit note supply voltage vf if=20ma 18.0 19.2 20.4 v 1 forward current if --- --- 20 ma 2 uniformity ? bp if=20ma 70 --- --- % color coordination x 0.275 --- 0.315 --- y 0.275 --- 0.315 --- led circuit diagram: constant current if=20ma; vf=19.2v(typ) note: 1) the led?s driver mode needs to be constant current mode. 2) permanent damage to the device may occur if maximum values are exceeded. functional operation should b e restricted to the conditions described under normal operating conditions. 11. optical characteristics (vcc=3.3v, vss=0v, ta=25c) item symbol condition min typ max unit note brightness bp =0o =0o 220 --- --- cd/m2 1 uniformity ? bp 70 --- --- % 1, 2 viewing angle 1 ( =90 or 270) cr 10 -50 ~ 45 deg 3 2 ( =0 or 180) -60 ~ 60 contrast ratio cr =0o =0o --- 400 --- --- 4 response time tr --- 20 30 ms 5 tf cie (x,y) chromaticity white x =0o =0o 0.231 0.281 0.331 --- 1, 6 y 0.266 0.316 0.366 red x 0.531 0.581 0.631 y 0.264 0.314 0.364 green x 0.284 0.334 0.384 y 0.536 0.586 0.636 blue x 0.097 0.147 0.197 y 0.052 0.102 0.152 ntsc ratio s --- 50 --- %
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 10 note 1: the data are measured after leds are turned on for 5 minutes. lcm displays full white. the brightness is the average value of 9 measured s pots. measurement equipment pr-705 ( 8mm) measuring condition: - measuring surroundings: dark room. - measuring temperature: ta=25c. - adjust operating voltage to get optimum contrast at the center of the display. measured value at the center point of lcd panel aft er more than 5 minutes while backlight turning on. note 2: the luminance uniformity is calculated by using fol lowing formula. ? bp = bp (min.) / bp (max.)100 (%) bp (max.) = maximum brightness in 9 measured spots bp (min.) = minimum brightness in 9 measured spots. measurement equipment pr-705 ( 8mm) note 3: the definition of viewing angle: refer to the graph below marked by and ?y w/6 w/3 w/3 l/6 l/3 l/3
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 11 note 4: the definition of contrast ratio (test lcm using pr -705): contrast ratio (cr) = luminance when lcd is at ?white? state luminance when lcd is at ?blac k? state (contrast ratio is measured in optimum common elect rode voltage) note 5: definition of response time. (test lcd using dms501 ): the output signals of photo detector are measured w hen the input signals are changed from ?black? to ?white? (falling time) and from ?white? to ?black? (rising time), respectively. the response time is defined as the time interval b etween the 10% and 90% of amplitudes. refer to figu re as below. the definition of response time note 6: definition of color of cie coordinate and ntsc rati o. color gamut: s = area of rgb triangle x 100% area of ntsc triangle
displaytech ltd lcd module INT035TFT / INT035TFT-ts version: 2.1 12 12. safety precaution handling precautions: ? this device is susceptible to electro-static discha rge (esd) damage. observe anti-static precaution s. power supply precautions: ? identify and, at all times, observe absolute maximu m ratings for both logic and lc drivers. no te that there is some variance between models. ? prevent the application of reverse polarity to vcc and gnd, however briefly. ? use a clean power source free from transients. pow er up conditions are occasionally ?jolting? and may exceed the maximum ratings of the modules. ? the vcc power of the module should also supply the power to all devices that may access the display. don?t allow the data bus to be driven when the logi c supply to the module is turned off. operating precautions: ? do not plug or unplug the module when the system is powered up. ? minimize the cable length between the module and ho st mpu. ? operate the module within the limits of the module s temperature specifications. mechanical/environmental precautions: ? improper soldering is the major cause of module dif ficulty. use of flux cleaner is not recommended as they may seep under the elastomeric connection and cause display failure. ? mount the module so that it is free from torque and mechanical stress. ? surface of the lcd panel should not be touched or s cratched. the display front surface is an easily scratched, plastic polarizer. avoid contact and cle an only when necessary with soft, absorbent cotton dampened with petroleum benzene. ? always employ anti-static procedure while handling the module. ? prevent moisture build-up upon the module and obser ve the environmental constraints for storage temperature and humidity. ? do not store in direct sunlight ? if leakage of the liquid crystal material should oc cur, avoid contact with this material, particularl y ingestion. if the body or clothing becomes contami nated by the liquid crystal material, wash thorough ly with water and soap
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: displaytech: ? INT035TFT? INT035TFT-ts


▲Up To Search▲   

 
Price & Availability of INT035TFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X