Part Number Hot Search : 
1N4101 1SS388 2SC2833A SC1104 BT2222A RDX2A 82078 10PBF
Product Description
Full Text Search
 

To Download HRS1K-S-DC24V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hrs1kh relay c c u s u s 1.coil da ta 3,5,6,9,12,24vdc refer to coil data chart refer to coil data chart refer to coil data chart 200mw 360mw 2.contact dat a c-1 form c auag overlay,ag alloy 1a 120v ac/24vdc 220vac/30vdc 2a 120va,30w 5vdc,10ma max.50m 6vdc 0.1a 100,000 operations at nominal load 10,000,000 operations 3.g ene ral data 1-1.nominal voltage 1-2.coil resistance 1-3.operate voltage 1-4.release voltage 1-5.coil power 2-1.contact form 2-2.contact material 2-3.contact rating 2-4.max.switching voltage 2-5.max.switching current 2-6.max.switching power 2-7.min.switching load 2-8.contact resistance 2-9.life electrical mechanical 3-1. insulation resistance 3-2. dielectric strength 3-3. operate time 3-4. release time 3-5. operate t emperature 3-6. shock resistance endurance misoperation 3-7. vibration resistance endurance misoperation 3-8.humidity 3-9. weight 3-10.safety min.100m 500vdc 750vac,1min between open contacts nil:1,500vac,1min between coil and contacts e:2,500vac,1min between coil and contacts max.5ms max.5ms -25 ~+70 c 2 1,000m/s 2 100m/s 10 -55hz,1.5mm double amplitude 10 -55hz,1.5mm double amplitude 35~95%rh,+40 c approximately4.0g ul csa tuv cqc
hrs1 k-(s) -dc3 v hrs1 k-(s) -dc5 v hrs1 k-(s) -dc6 v hrs1 k-(s) -dc9 v hrs1 k-(s) -dc1 2v hrs1 k-(s) -dc2 4v hrs1 kh-(s )-dc3 v hrs1 kh-(s )-dc5 v hrs1 kh-(s )-dc6 v hrs1 kh-(s )-dc9 v hrs1 kh-(s )-dc1 2v hrs1 kh-(s )-dc2 4v 3 5 6 9 12 24 3 5 6 9 12 24 25 70 100 225 400 1600 45 125 180 405 720 2880 2.1 3.5 4.2 6.3 8.4 16.8 2.25 3.75 4.5 6.75 9.0 18.0 0.30 0.50 0.60 0.90 1.20 2.40 0.30 0.50 0.60 0.90 1.20 2.40 360 200 hrs1 k h - s - dc 5v - a 2 - e - 6 coil vol ta ge dc3v ,dc5 v ,dc6 v ,dc9 v ,dc1 2v ,dc2 4v con ta ct for m c-1 form c con ta ct cur ren t 2-2a , 3 -3a nil-s tanda rd(1a ) 6-6 lead s l ayou t nil-s tanda rd(5 lead s l ayou t) e-25 00v ac betw een coil and cont acts nil-1 500v ac betw een coil and cont acts 6.dim ens ions (mm ) 4.or der cod e 5.co il da ta cha rt 20 r r 0.3 0.3 0.5 10.2 2.5 7.6 3 . 5 1 1 . 7 15.6 10.6 5-o1.0 1.1 10.2 2.5 7 . 6 iso9001 iso/ts16949 iso14001 model nominai voltage vdc opera te vol tage vd c relea se vol tage vdc c oi l p ow er m w c oil resi stanc e +/-10% encl osu re s - plas tic seale d t ype h-high sensitivety 200 mw nil-standard 360mw model dime nsion s wirin g d iagra ms moun ting hole layo ut
ope rate r ange nomi nal v lotage multip lying facto r ambi ent t empe rature ( c ) max.s witch ing p ower life c urves oper ations (xl0,0 00) conta ct cu rrent( a) tim ing tim e(ms) coil p ower( w) coil t empe rature rise t empe rature rise ( c ) 120v ac resis tive hrs1 k 0a 0a 1a hrs1 kh 0 a relea se 6 4 2 0 0.1 0.2 0.3 0.4 0.5 0.6 60 40 20 0 0.1 0.2 0.3 0.4 0.5 0.6 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0 20 40 60 80 100 500 300 200 100 50 30 10 5 2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 opera te 7.hr s1k cha rac ter istic cha rt da t a conta ct cu rrent( a) conta ct v oltage (v) ac res istive dc res istive 10 20 30 40 50 100 200 0.2 0.5 1.0 2.0 300 r r coil p ower( w)


▲Up To Search▲   

 
Price & Availability of HRS1K-S-DC24V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X