Part Number Hot Search : 
W83L517D D8085A SD215 SD215 2160B 330MD 0CCK1L MSD726
Product Description
Full Text Search
 

To Download GP638 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a rugged radio for harsh environments motorola gp628 plus and GP638 plus are ip67-rated* dust-tight and water submersible free datasheet http:///
ip67 rated and fm approved gp628 plus ip67 rated and fm approved GP638 plus standing up to the challenge imagine this scenario C the shrill scream of the fire alarm pierced the night. within minutes, nine men assembled outside a fire engine awaiting instructions. this is no ordinary fire, cautioned the fire chief. we are dealing with a burning manufacturing plant, and its storage area contains tanks which may explode if burned, so please make sure you are carrying the correct communications equipment today. the fire fighters checked their motorola gp628 plus radios briefly, noting the prominent green dot on the li-ion battery pack, which identifies it as an fm-rated battery. as they arrived at the fire scene, its extent became clear. burning goods crackled noisily amongst the shouts of frightened plant workers. hearing one another was going to be difficult. the fire chief pulled on his helmet, oxygen tank and protective gloves. he was thankful for the lightweight radiosC it was important not to burden his men any more than necessary. easily finding the sculpted push-to-talk (ptt) button even with his gloved hands, he addressed his men. fan out into 3 teams. team alpha, go around the back to make sure the fire does not spread to the chemicals warehouse. team beta, control the fire in front and around the sides. team charlie, follow me inside for rescue operations. over and out, the fire chief spoke calmly into his radio. he knew he did not need to shout to make himself heard, given the audio clarity from the gp628 plus radio. visibility rapidly deteriorated once they were inside the burning building. out of the corner of his eye, the fire chief sensed something looming over him. collapse! he shouted, as he and his men dived away just a split second before a 20-foot wall crumbled before them. picking up his axe, he searched around for his radio, and found it lying in a pool of muddy water. this did not bother him one bit C he knew the gp628 plus was ip67-rated water submersible, thanks to its ruggedised casing. moreover, the ip67-rated dust-tight and water submersible radio is designed and built to globally-recognised fm and mil standards. a rugged radio for harsh environments introducing the motorola gp628 plus non-keypad and the GP638 plus keypad radios, the toughest from motorola to date. rated ip67 dust-tight and water submersible, the radios are also resistant to knocks and drops, thanks to their ruggedised exteriors. the gp628 plus and the GP638 plus feel right at home in the dangerous, extreme world of emergency rescue operations. lightweight and compact, motorolas smallest professional two-way radios have received factory mutual (fm) approval and meet military standards (mil) 810c, d, e and f. free datasheet http:///
1m submersion for 30 mins users fire rescue operations the motorola gp628 plus and GP638 plus are lightweight and compact and will not hamper you during rescue operations. durability is ensured with ip67-rated protection against dust and water. simple, programmable buttons enable lightning-fast communications during tense situations. a specially sculpted ergonomic ptt button, similarly ip67-rated, ensures easy operation even with gloved hands. manufacturing the rugged exterior of the gp628 plus and GP638 plus conform to stringent factory mutual (fm) and military standards 810c, d, e and f, making them suitable for operation in potentially sensitive environments such as petrochemical and manufacturing plants. the radios have been subjected to motorola accelerated life testing (alt) which ensures that they can withstand drop/shocks, rain, salt, fog, electro-static discharge and flame. rescue operations the ip67-rated gp628 plus and GP638 plus are suitable for use in typhoons, earthquakes and flood relief operations. rescue personnel already burdened with heavy equipment and protective gear will appreciate the compact size, light weight and ergonomic design of the radios. example: ip67 international protection degree of protection against the ingress of solid foreign objects. 6 = dust-tight degree of protection against the ingress of water with harmful effects. 7 = protection against the effects of temporary immersion in water (1m submersion for 30 minutes) ip code the ip code is a designation that indicates the level or amount of protection. the ip code designation consists of the letters ip (international protection) followed by two numerals C gp628 plus C compact & easy to use palm-sized and easy-to-use, any emergency-response team or fleet will be able to familiarise themselves quickly with the gp628 plus. its intuitive layout and programmable buttons offer fast responsiveness in emergency situations. time saved equals lives saved. 16 channels assign up to 16 channels for easy organisation of different work groups. led battery gauge an easily visible tri-colour battery gauge at the top of the radio provides battery level status at a glance. green indicates a full battery; amber means half-full and red is a signal to recharge the battery. tone tagging allows assignment of 8 different ring tones to 8 specific users or talkgroups, for audio identification of these groups. enhanced signalling features of gp628 plus gp628 plus supports the following systems: mdc1200 signalling ? ptt-id (encode) C identifies your outgoing calls during transmission, so verbal identification is not necessary ? selective call (decode) C allows you to receive a specific group or individual call ? call alert (decode) C notifies you of incoming calls ? radio check (decode) C informs other workgroups that your radio is activated or within range ? selective radio inhibit (decode) C if the radio is missing or stolen, the system owner can disable it remotely quick call ii signalling dtmf signalling gp628 plus and GP638 plus key features and benefits dust-tight, water submersible, lightweight and rugged advanced audio technology motorola s voice compression and low level expansion technology enable crisp, clear and loud audio, allowing you to keep communicating during critical operations. emergency alarm / siren an easily-accessible, one-touch emergency button on the gp628 plus or the GP638 plus will emit a piercing alarm when pressed, for urgent communications in critical situations. switchable rf power levels adjusts the radio s transmitting power according to the user environment, and offers a choice between maximum coverage and battery conservation. high rf power increases transmission range, while low power conserves battery life. repeater / talkaround enable / disable enjoy long-range communications via a repeater, or bypass it to communicate point-to-point. the talkaround feature is useful for maintaining communications lines when a repeater goes out of service. tight / normal squelch enhanced audio clarity is achieved by filtering out unwanted interference. a tight squelch gives clearer playback of messages, while a normal squelch increases coverage. other features ? led battery gauge ? tone tagging ? internal vox ? priority scan ? enhanced signalling systems free datasheet http:///
a rugged radio for harsh environments motorola gp628 plus and GP638 plus are ip67-rated* dust-tight and water submersible free datasheet http:///
enhance your radio s capabilities a comprehensive range of accessories is available so that the radio can be customised to suit your needs. using it with the proper headsets, microphones, batteries, chargers or carrying cases can enhance your operational productivity. motorola's accessories are specially engineered to ensure maximum performance of your radio, no matter what profession you are in. GP638 plus C compact & versatile the GP638 plus offers a versatile two-way solution for those who require additional features to meet their expanding communication needs. whether you are in the rugged environment of the surveillance industry or in rescue operations, the GP638 plus is the radio of your choice. 14-character alpha numeric dot matrix display the 14-character alpha numeric display allows immediate communication of vital information such as ptt id, radio strength indicator and signal strength indicator. in addition, the user-friendly icons make the information easy to read and understand. the keypad and display illuminations also provide the needed visibility to operate your radio in the dark. received signal strength indicator an easy to read on screen display indicator notifies users of signal strength in their vicinity. name & tone tagging the capability of assigning 8 different ringing tones and visual caller ids to 8 specific users/talkgroups enhances audio and visual caller identification for these groups. battery strength indicator easy to read on-screen lcd display indicator alerts users on low battery strength. 128 channels provides up to a maximum of 128 channels, allowing greater flexibility in organising different work groups. menu keys the easy to navigate menu keys allow users to select the relevant functionalities at their fingertips. dual tone multiple frequency (dtmf) encode allows users easy access to local landline telephone networks or to make a private calls to other radio system users from one radio. dual priority scanning allows activity on different channels to be monitored, and 2 channels can be designated as priority channels which are monitored more frequently. multi-unit charger (order 6 battery inserts pmln5010 separately, to charge ip67 radios in multi-unit charger) pmnn4074 1400mah lilon battery ip67-rated pmnn4073 1350mah fm lilon battery ip67-rated pmmn4023 remote speaker microphone ip57-rated (mic head only) single-unit charger enhanced signalling features of GP638 plus GP638 plus supports the following signalling protocol: i) mdc1200 signalling ptt-id (encode/decode) every time the ptt button is pushed, it enables the transmission of the caller s id and the decoding of the sender s id. status/messages (decode) this feature enables you to replace frequently used voice calls with status messages, saving you valuable communication time. call alert (encode/decode) if your call to a radio has no response, the radio will emit an alert tone until the other party takes action. voice selective call (encode/decode) the radio users receive a unique individual or group voice message with an alert to indicate that it is a selective call. ii) quick call ii signalling iii) dtmf signalling free datasheet http:///
d-style earset with boom- mic d-shell rsm earpiece racing headset - heavy duty earbud with combined mic/ppt ultra-light headset w/boom mic and in-line ptt lightweight headset w/boom mic and in-line ptt heavy duty noise cancelling boom mic w/ ptt earcup temple transducer headset heavy d a comprehensive range of accessories for gp628 plus and GP638 plus antennas: nad6566 antenna vhf helical 136-150.8mhz nad6567 antenna vhf helical 150.8-162mhz nad6568 antenna vhf helical 162-174mhz pmad4056 whip antenna 330-368mhz pmad4057 whip antenna 370-400mhz pmae4022 whip antenna 403-470mhz pmae4025 whip antenna 450-527mhz single unit chargers: pmtn4024 120v single unit rapid charger / us plug pmtn4025 230v single unit rapid charger / euro plug pmtn4026 230v single unit rapid charger / uk plug htn3006 230v single unit rapid rate charger / australia plug multi-unit chargers: wpln4187 impres muc, non-display, 110-230v, us cord wpln4189 impres muc, non-display, 110-230v, eu cord wpln4188 impres muc, non-display, 110-230v, uk cord wpln4190 impres muc, non-display, australia cord pmln5010a multi-unit charger insert (required to charge radios with ip67 batteries) wpln4197 impres muc, non-display base only batteries (capacity specified is typical value): pmnn4074 li-ion 1400mah, ip67 battery batteries - intrinsically safe (fm approved) (capacity specified is typical value): pmnn4073 li-ion 1350mah, fm ip67 battery (rated intrinsically safe for use in division 1, classes i,ii,iii, groups cdefg and nonincendive, division 2, class i, groups abcd). audio accessories: the following audio accessories are available for use with the radio in a non-ip67 environment. the radio is only ip67 rated when used without audio accessories. remote speaker microphones: pmmn4022 remote speaker microphone with 3.5 mm audio jack (ip54) pmmn4023 remote speaker microphone without audio jack (ip57) optional remote speaker microphone accessories: pmln4620 d-shell rsm earpiece standard earpieces / earsets: bdn6781 earbud (receive only) pmln4519 earbud with combined mic/ptt pmln4657 d-style earset with boom microphone tube pmln5002 d-style earpiece with mic/ptt bdn6780 earbud with combined mic/ptt (requires pmln4455) nmn6246 ultra-light headset w/ boom mic and in-line ptt, earbud style receiver (requires pmln4455) headsets: jmmn4066 lightweight headset w/ boom microphone and in-line ptt rln5590 lightweight headset w/ boom microphone (vox compatible) bdn6645 heavy duty noise cancelling boom mic headset w/ ptt earcup (requires rkn4093) bdn6635 heavy duty noise cancelling boom mic headset w/vox (requires rkn4093) nmn6245 lightweight single muff adjustable headset w/swivel boom mic and in-line ptt switch (requires pmln4455) pmln4585 temple transducer headset rmn5015 racing headset - heavy duty, behind the head headset with noise cancelling swivel boom microphone (requires rkn4093) free datasheet http:///
surveillance kits wireless discreet earpiece ear mic vox/ppt interface module remote body ptt switch for ear mic surveillance kits: pmln4608 2-wire surveillance kit with clear acoustic earpiece pmln4605 clear acoustic earpiece (for pmln4294, pmln4418, pmln4519) pmln4998 2-wire surveillance earpiece w/ combined mic/ptt, beige pmln4999 2-wire surveillance earpiece w/ combined mic/ptt, black the following surveillance kits requires pmln4455 adapter which attaches to the radio. they are compatible with ntn8370 and ntn 8371. the 2-w and 3-w kits are compatible with the rln4922. bdn6664 receive only earpiece beige bdn6726 receive only earpiece black bdn6665 receive only earpiece, xtra loud, beige bdn6727 receive only earpiece, xtra loud, black bdn6666 receive only earpiece with volume control, beige bdn6728 receive only earpiece with volume control, black bdn6667 2-wire surveillance earpiece w/ combined mic/ptt, beige bdn6729 2-wire surveillance earpiece w/ combined mic/ptt, black bdn6669 2-wire surveillance xtra loud earpiece w/ combined mic/ptt, beige bdn6731 2-wire surveillance xtra loud earpiece w/ combined mic/ptt, black bdn6668 3-wire surveillance earpiece w/ separate mic & ptt, beige bdn6730 3-wire surveillance earpiece w/ separate mic & ptt, black bdn6670 3-wire surveillance earpiece, xtra loud, w/ separate mic & ptt, beige bdn6732 3-wire surveillance earpiece, xtra loud, w/ separate mic & ptt, black ntn8370 extreme noisekit clear acoustic tube ntn8371 low noisekit clear acoustic tube rln4922 wireless discreet earpiece ear microphone system: jmmn4064 ear microphone vox/ptt radio interface module bdn6768 standard ear microphone, black (for noise levels up to 95db) bdn6769 standard ear microphone, biege (for noise levels up to 95db) bdn6770 high noise ear microphone, gray (for noise levels up to 105db) 0180358b38 remote ptt for ear microphone system (optional) 0180300e83 remote body push-to talk switch for ear microphone system (optional) audio adapters: rkn4093 radio adapter cable (required for indicated headsets) pmln4455 audio accessory adapter (required for indicated audio accessories) carry accessories: jmzn4023 plastic carry holder with belt clip pmln5089 nylon carry case for minnow ip67, display pmln5090 nylon carry case for minnow ip67, plain jmzn4020 hand strap for radio ntn5243 shoulder strap hln9985 waterproof bag plastic carry holder w/belt-clip free datasheet http:///
m e e t s i s o m a n u f a c t u r i n g & d e s i g n q u a l i t y s y s t e m gp628 plus and GP638 plus specifications general specification vhf / uhf **frequency (mhz) 136-174 / 330-400 / 403-470 / 450-527 channel capacity 16 channels (gp628 plus) 128 channels (GP638 plus) power supply provided through rechargeable battery - 7.5v dimensions (radio footprint height excluding knobs) h x w x d 101.5 mm 56.5 mm 37 mm weight with liion (hicap)battery: 305 gm (gp628 plus) 320 gm (GP638 plus) average battery life @ 5/5/90 cycle low power high power with liion (hicap)battery: 13 hours 10 hours sealing withstands rain testing per mil-std 810 c/d/e/f and ip67 shock and vibration protection provided via impact resistant housing exceeding mil-std 810 c/d/e/f and tia/eia 603 dust and humidity protection provided via environment resistant housing exceeding mil-std 810 c/d/e/f and tia/eia 603 transmitter specification vhf / uhf **frequency (mhz) 136-174 / 330-400 / 403-470 / 450-527 frequency separation full bandsplit channel spacing 12.5 / 20 / 25khz freq stability (-30 c to 60 c, +25 c ref.) 2.5 ppm power output 5w (vhf) 4w (uhf) modulation limiting 2.5 @ 12.5khz, 4.0 @ 20khhz, 5.0 @ 25khz fm hum & noise -40 db conducted/radiated emission -36 dbm < 1 ghz / -30 dbm > 1 ghz modulation fcc type 12.5 khz 11k0f3e , 25 khz 16k0f3e audio response ( from 6 db/octave pre-emphasis 300-3000hz) +1 to -3 db audio distortion 3% receiver specification vhf / uhf **frequency (mhz) 136-174 / 330-400 / 403-470 / 450-527 frequency separation full bandsplit sensitivity (12db sinad) eia .25 v intermodulation (eia) 70 db adjacent channel selectivity 60 db @ 12.5khz, 70 db @ 25 khz spurious rejection 70 db rated audio 500 mw audio distortion 3% hum & noise -40 db audio response (300-3000hz) +1 to -3 db conducted spurious emission -57 dbm < 1ghz, -47 dbm > 1ghz, fcc part 15 ** availability subject to country law and regulations. radios meet applicable regulatory requirements. all specifications shown are subject to change without notice. specifications are not representative of all radios and may vary in different radios. all motorola products are manufactured under iso 9001 standards and are subjected to accelerated life testing (alt). a series o f stringent tests simulating five years of usage on the field, alt ensures that the products survive drops/shocks, dust, rain, harsh chemicals and radiation . our intrinsically safe products meet formal safety agency certifications, such as factory mutual research corporation (fm) and military standard (mil). * dust-tight and water submersible are tested as per criteria in iec (international electrotechnical commission) 60529 ip67 motorola electronics pte ltd motorola innovation centre - level 7 12 ang mo kio street 64 ang mo kio industrial park 3 singapore 569088 www.motorola.com/governmentandenterprise motorola and the stylized m logo are registered in the u.s. patent and trademark office. all other product or service names are the property of their registered owners. ? motorola, inc. 2007 ac3-04-027 ip67 rated and fm approved gp628 plus and GP638 plus p ortable military standards 810 c, d, e and f 810 c 810 d 810 e 810 f applicable mil-std methods procedures methods procedures methods procedures methods procedures low pressure 500.1 1 500.2 2 500.3 2 500.4 2 high temp 501.1 1, 2 501.2 1, 2 501.3 1, 2 501.4 1, 2 low temp 502.1 1 502.2 1, 2 502.3 1, 2 502.4 1, 2 temp. shock 503.1 1 503.2 1 503.3 1 503.4 1 solar radiation 505.1 1 505.2 1 505.3 1 505.4 1 rain 506.1 1, 2 506.2 1, 2 506.3 1, 2 506.4 1, 3 humidity 507.1 2 507.2 2, 3 507.3 2, 3 507.4 C salt fog 509.1 1 509.2 1 509.3 1 509.4 C dust 510.1 1 510.2 1 510.3 1 510.4 1 vibration 514.2 8, 10 514.3 1 514.4 1 514.5 1 shock 516.2 1, 2, 5 516.3 1, 4 516.4 1, 4 516.5 1, 4 factory mutual approval the gp628 p lus and GP638 plus radio units are certified by factory mutual approvals as intrinsically safe for use in division 1, class i, ii, iii, groups c,d,e,f,g and division 2, class i, groups a,b,c,d, when ordered with the factory mutual approved battery option. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of GP638

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X