Part Number Hot Search : 
110DB LM2575 HA13143 6FL5S02 X9258 2N7002 M50940 SMCJ1
Product Description
Full Text Search
 

To Download GCJ21BR71H474KA12L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  o part numbering (part number) w q product id w series chip monolithic ceramic capacitors gc j m 3 soft termination type power-train, safety equipment power-train, safety equipment large capacitance and high allowable ripple current power-train, safety equipment product id code series gc q m e 18 r 8 t r7 y 1h u 102 i k o a37 e dimension (l g w) !0 d code 0.6 g 0.3mm 1.0 g 0.5mm 1.6 g 0.8mm 2.0 g 1.25mm 3.2 g 1.6mm 3.2 g 2.5mm 4.5 g 3.2mm 5.7 g 5.0mm dimension (l g w) 0201 0402 0603 0805 1206 1210 1812 2220 eia 03 15 18 21 31 32 43 55 b c d e m n q r x 1.25mm 1.6mm 2.0mm 2.5mm 1.15mm 1.35mm 1.5mm 1.8mm depends on individual standards. a 1.0mm r dimension (t) code 3 5 6 8 9 0.3mm 0.5mm 0.6mm 0.8mm 0.85mm dimension (t) continued on the following page. u capacitance expressed by three-digit alphanumerics. the unit is pico-farad (pf). the first and second figures are significant digits, and the third figure expresses the number of zeros that follow the two numbers. if there is a decimal point, it is expressed by the capital letter " r ." in this case, all figures are significant digits. r50 1r0 100 103 ex.) 0.5pf 1.0pf 10pf 10000pf code capacitance y rated voltage 0j 1a 1c 1e ya 1h 2a 2e 2w 2j 3a dc6.3v dc10v dc16v dc25v dc35v dc50v dc100v dc250v dc450v dc630v dc1kv code rated voltage ?5 to 125 c 22% x7s c7 ?5 to 125 c t temperature characteristics code temperature characteristic codes temperature characteristics 25 to 125 c 25 c temperature range reference temperature 0 30ppm/ c capacitance change or temperature coefficient c0g eia 25 c eia ?5 to 125 c +22, ?3% x7t d7 ?5 to 125 c 25 c eia ?5 to 125 c 15% x7r r7 ?5 to 125 c 25 c eia 25 to 125 c ?50 120ppm/ c u2j 7u ?5 to 125 c 25 c eia public std code 5c ?5 to 125 c operating temperature range murata code capacitance change from 25 c (%) ?5 c ?0 c ?0 c max. min. max. min. max. min. 5c 0.58 ?.24 0.40 ?.17 0.25 ?.11 7u 8.78 5.04 6.04 3.47 3.84 2.21 o capacitance change from each temperature
c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . ! 0 p a c k a g e c o d e l d k j b c 1 8 0 m m e m b o s s e d t a p i n g 1 8 0 m m p a p e r t a p i n g 3 3 0 m m e m b o s s e d t a p i n g 3 3 0 m m p a p e r t a p i n g b u l k b u l k c a s e p a c k a g e i c a p a c i t a n c e t o l e r a n c e c o d e c d j k m g c m g c m g c m g c m g c j / g c m / g c 3 g c m s e r i e s c 0 g c 0 g c 0 g u 2 j x 7 s , x 7 t , x 7 r x 7 s , x 7 r t c 0 . 2 5 p f 0 . 5 p f 5 % 1 0 % 2 0 % c a p a c i t a n c e t o l e r a n c e v 5 . 0 p f 6 . 0 t o 9 . 0 p f u 1 0 p f e 1 2 , 1 p f s t e p * e 1 2 , 1 p f s t e p * e 1 2 s t e p c a p a c i t a n c e s t e p e 1 2 s t e p e 6 s t e p e 6 s t e p * e 2 4 s e r i e s i s a l s o a v a i l a b l e . e x p r e s s e d b y t h r e e f i g u r e s . o i n d i v i d u a l s p e c i f i c a t i o n c o d e
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: murata: ? gcj188r71h223ka01d? gcj188r71c104ka01d? gcj188r71c474ka12d? gcj188r71e224ka12d? gcj188r71h102ka01d? gcj188r71h103ka01d? gcj188r71h104ka12d? gcj188r71h222ka01d? gcj188r71h472ka01d? gcj188r71h473ka12d? gcj188r72a102ka01d? gcj188r72a103ka01d? gcj188r72a222ka01d? gcj188r72a223ka01d? gcj188r72a472ka01d? gcj216r71h102ka01d? gcj216r71h103ka01d? gcj216r71h222ka01d? gcj216r71h223ka01d? gcj216r71h472ka01d? gcj21br71c225ka13l? gcj21br71h104ka01l? gcj21br71h224ka01l? gcj21br71h473ka01l? GCJ21BR71H474KA12L? gcj21br72a104ka01l? gcj31cr71a106ka13l? gcj31cr71e475ka12l? gcj31cr71h225ka12l? gcj31mr71h105ka12l? gcj31mr72a224ka01l? gcj32er71e106ka12l? gcj32er71h475ka12l? gcj188r71h152ka01d? gcj188r71h153ka01d? gcj188r71h332ka01d? gcj188r71h333ka12d? gcj188r71h682ka01d? gcj188r71h683ka12d? gcj188r72a152ka01d? gcj188r72a153ka01d? gcj188r72a332ka01d? gcj188r72a682ka01d? gcj216r71h152ka01d? gcj216r71h153ka01d? gcj216r71h332ka01d? gcj216r71h682ka01d? gcj216r72a102ka01d? gcj216r72a103ka01d? gcj216r72a152ka01d? gcj216r72a153ka01d? gcj216r72a222ka01d? gcj216r72a223ka01d? gcj216r72a332ka01d? gcj216r72a472ka01d? gcj216r72a682ka01d? gcj219r71c105ka01d? gcj219r71h333ka01d? gcj219r72a333ka01d? gcj21br71e105ka12l? gcj21br71h683ka01l? gcj21br72a473ka01l? gcj21br72a683ka01l? gcj32dr72a225ka01l


▲Up To Search▲   

 
Price & Availability of GCJ21BR71H474KA12L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X