Part Number Hot Search : 
HN1D01F ACU7503 RU40L10H IEGW9351 24C16 MTD56 4FST3 24D05
Product Description
Full Text Search
 

To Download FMMT560TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fmmt560 document number: ds33102 rev. 6 - 2 1 of 7 www.diodes.com march 2014 ? diodes incorporated a product line o f diodes incorporated fmmt560 500v pnp high voltage transistor in sot23 features ? bv ceo > -500v ? i c = -150ma high continuous collector current ? i cm up to 500ma peak pulse current ? excellent h fe characteristics up to i c = 100ma ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot23 ? case material: molded plasti c, ?green? molding compound ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight 0.008 grams (approximate) ordering information (note 4) product compliance marking reel size (inches) tape width (mm) quantity per reel fmmt560ta aec-q101 560 7 8 3,000 FMMT560TC aec-q101 560 13 8 10,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defin ed as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information 560 = product type marking code c e b top view sot23 device symbol top view pin-out 560
fmmt560 document number: ds33102 rev. 6 - 2 2 of 7 www.diodes.com march 2014 ? diodes incorporated a product line o f diodes incorporated fmmt560 absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo -500 v collector-emitter voltage v ceo -500 v emitter-base voltage v ebo -7 v continuous collector current i c -150 ma peak pulse current i cm -500 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 5) p d 500 mw thermal resistance, junction to ambient (note 5) r ja 250 ? c/w thermal resistance, junction to lead (note 6) r jl 194 ? c/w operating and storage temperature range t j, t stg -55 to +150 ? c esd ratings (note 7) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3a electrostatic discharge - machine model esd mm 400 v c notes: 5. for a device mounted with the collector lead on 15mm x 15m m 1oz copper that is on a single -sided fr4 pcb; device is m easured under still air conditions whilst operating in a steady-state. 6. thermal resistance from junction to solder-point (at the end of the collector lead). 7. refer to jedec specification jesd22-a114 and jesd22-a115.
fmmt560 document number: ds33102 rev. 6 - 2 3 of 7 www.diodes.com march 2014 ? diodes incorporated a product line o f diodes incorporated fmmt560 thermal characteristics and derating information 1 10 100 1m 10m 100m 1 15 x 15mm fr4 1oz copper v ce(sat) limit 100s 1ms 10ms 100ms 1s dc safe operating area -i c collector current (a) -v ce collector-emitter voltage (v) 0 20406080100120140160 0.0 0.1 0.2 0.3 0.4 0.5 0.6 15 x 15mm fr4 1oz copper derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 40 80 120 160 200 240 15 x 15mm fr4 1oz copper transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 0.1 1 10 100 15 x 15mm fr4 1oz copper pulse power dissipation pulse width (s) max power dissipation (w)
fmmt560 document number: ds33102 rev. 6 - 2 4 of 7 www.diodes.com march 2014 ? diodes incorporated a product line o f diodes incorporated fmmt560 electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -500 ? ? v i c = -100a collector-emitter breakdown voltage (note 8) bv ceo -500 ? ? v i c = -1ma emitter-base breakdown voltage bv ebo -7 ? ? v i e = -100a collector cutoff current i cbo ? ? -100 na v cb = -500v emitter cutoff current i ebo ? ? -100 na v eb = -5v static forward current transfer ratio (note 8) h fe 100 80 ? ? ? 15 300 300 ? ? i c = -1ma, v ce = -10v i c = -50ma, v ce = -10v i c = -100ma, v ce = -10v collector-emitter saturation voltage (note 8) v ce(sat) ? ? -200 -500 mv i c = - 20ma, i b = -2ma i c = - 50ma, i b = -10ma base-emitter saturation voltage (note 8) v be ( sat ) ? ? -0.9 v i c = -50ma, i b = -10ma base-emitter turn-on voltage (note 8) v be ( on ) ? ? -0.9 v i c = -50ma, v ce = -10v output capacitance c obo ? ? 8 pf v cb = -20v, f = 1mhz transition frequency f t 60 ? ? mhz v ce = -20v, i c = -10ma, f = 50mhz turn-on time t on ? 110 ? ns v ce = -100v, i c = -50ma, i b1 = -5ma, i b2 = 10ma turn-off time t off ? 1.5 ? s notes: 8. measured under pulsed conditions. pulse width 300s. duty cycle 2%
fmmt560 document number: ds33102 rev. 6 - 2 5 of 7 www.diodes.com march 2014 ? diodes incorporated a product line o f diodes incorporated fmmt560 typical electrical characteristics (@t a = +25c, unless otherwise specified.)
fmmt560 document number: ds33102 rev. 6 - 2 6 of 7 www.diodes.com march 2014 ? diodes incorporated a product line o f diodes incorporated fmmt560 package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. note: for high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between device terminals and pcb tracking. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.890 1.00 0.975 k1 0.903 1.10 1.025 l 0.45 0.61 0.55 l1 0.25 0.55 0.40 m 0.085 0.150 0.110 a ? 8 all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 x e y c z j k 1 k l 1 h l m a l l 7 a c b d a
fmmt560 document number: ds33102 rev. 6 - 2 7 of 7 www.diodes.com march 2014 ? diodes incorporated a product line o f diodes incorporated fmmt560 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of FMMT560TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X