Part Number Hot Search : 
MC3329 N6511 2SD1978 0XB6T M5M29GB KSPA102 1N6126AS T520T
Product Description
Full Text Search
 

To Download FDC8602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2011 FDC8602 dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation 1 www.fairchildsemi.com FDC8602 rev.c FDC8602 dual n-channel powertrench ? mosfet 100 v, 1.2 a, 350 m features ? max r ds(on) = 350 m at v gs = 10 v, i d = 1.2 a ? max r ds(on) = 575 m at v gs = 6 v, i d = 0.9 a ? high performance trench technology for extremely low r ds(on) ? high power and current handling capability in a widely used surface mount package ? fast switching speed ? 100% uil t ested ? rohs compliant general description this n-channel mosfet is produced using fairchild semiconductor?s advanced power trench ? process that has been optimized for r ds(on) , switching performance and ruggedness. applications ? load switch ? synchronous rectifier supersot tm -6 g2 d2 s2 s1 d1 g1 pin 1 mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage 100 v v gs gate to source voltage 20 v i d drain current -continuous (note 1a) 1.2 a -pulsed 5 a e as single pulse avalanche energy (note 3) 1.5 mj p d power dissipation (note 1a) 0.96 w power dissipation (note 1b) 0.69 t j , t stg operating and storage junction temperature range -55 to +150 c r jc thermal resistance, junction to case 60 c/w r ja thermal resistance, junction to ambient (note 1a) 130 device marking device package reel size tape width quantity .862 FDC8602 ssot-6 7 ?? 8 mm 3000 units
FDC8602 dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation 2 www.fairchildsemi.com FDC8602 rev.c electrical characteristics t j = 25 c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics symbol parameter test conditions min typ max units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0 v 100 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 73 mv/c i dss zero gate voltage drain current v ds = 80 v, v gs = 0 v1 a i gss gate to source leakage current v gs = 20 v, v ds = 0 v 100na v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 a23.24v v gs(th) t j gate to source threshold voltage temperature coefficient i d = 250 a, referenced to 25 c -8 mv/c r ds(on) static drain to source on resistance v gs = 10 v, i d = 1.2 a 285 350 m v gs = 6 v, i d = 0.9 a 409 575 v gs = 10 v, i d = 1.2 a, t j = 125 c 489 600 g fs forward transconductance v ds = 10 v, i d = 1.2 a1.3s c iss input capacitance v ds = 50 v, v gs = 0 v, f = 1mhz 53 70 pf c oss output capacitance 17 25 pf c rss reverse transfer capacitance 0.8 5 pf r g gate resistance 1.6 t d(on) turn-on delay time v dd = 50 v, i d = 1.2 a, v gs = 10 v, r gen = 6 3.5 10 ns t r rise time 1.7 10 ns t d(off) turn-off delay time 5.4 11 ns t f fall time 2.3 10 ns q g(tot) total gate charge v gs = 0 v to 10 v v dd = 50 v, i d = 1.2 a 1.2 2 nc q g(tot) total gate charge v gs = 0 v to 5 v0.61nc q gs gate to source charge 0.4 nc q gd gate to drain ?miller? charge 0.4 nc v sd source-drain diode forward voltage v gs = 0 v, i s = 1.2 a (note 2) 0.86 1.3 v t rr reverse recovery time i f = 1.2 a, di/dt = 100 a/ s 27 43 ns q rr reverse recovery charge 12 21 nc notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the s older mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. 3. starting t j = 25 c; n-ch: l = 3 mh, i as = 1 a, v dd = 100 v, v gs = 10 v. 130 c/w when mounted on a 1 in 2 p a d o f 2 o z c o p p e r a) 180 c/w when mounted on a m i n i m u m p a d o f 2 o z c o p p e r b)
FDC8602 dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation  3  www.fairchildsemi.com FDC8602 rev.c typical characteristics t j = 25 c unless otherwise noted figure 1. 012345 0 1 2 3 4 5 v gs = 8 v v gs = 7 v v ds , drain to source voltage (v) i d , drain current (a) v gs = 6 v v gs = 5 v v gs = 10 v pulse duration = 80 p s duty cycle = 0.5% max on region characteristics figure 2. 012345 0 1 2 3 4 v gs = 10 v v gs = 5 v v gs = 6 v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 7 v v gs = 8 v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 i d = 1.2 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 5678910 0 300 600 900 1200 pulse duration = 80 p s duty cycle = 0.5% max t j = 125 o c t j = 25 o c i d = 1.2 a r ds(on) , drain to source on-resistance ( m : ) v gs , gate to source voltage (v) o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 2345678 0 1 2 3 4 5 t j = 150 o c v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
FDC8602 dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation  4  www.fairchildsemi.com FDC8602 rev.c figure 7. 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 10 i d = 1.2 a v dd = 75 v v dd = 25 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 50 v gate charge characteristics figure 8. 0.1 1 10 100 0.1 1 10 500 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.01 0.1 1 10 0.1 1 2 t j = 100 o c t j = 25 o c t j = 125 o c t av , time in avalanche (ms) i as , avalanche current (a) u n c l a m p e d i n d u c t i v e switching capability figure 10. 0.1 1 10 100 400 0.005 0.01 0.1 1 10 100 us 1 ms 1 s 10 ms dc 10 s 100 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r t ja = 180 o c/w t a = 25 o c forward  bias  safe  operating area figure 11. single pulse maximum power dissipation 10 -4 10 -3 10 -2 10 -1 11 0 100 1000 0.5 1 10 100 v gs = 10 v p (pk) , peak transient power (w) single pulse r t ja = 180 o c/w t a = 25 o c t, pulse width (sec) typical characteristics t j = 25 c unless otherwise noted
FDC8602 dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation  5  www.fairchildsemi.com FDC8602 rev.c figure 12. 10 -4 10 -3 10 -2 10 -1 11 0 100 1000 0.005 0.01 0.1 1 single pulse r t ja = 180 o c/w duty cycle-descending order normalized thermal impedance, z t ja t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 2 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a junction-to-ambient transient thermal response curve typical characteristics t j = 25 c unless otherwise noted
FDC8602 dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation 6 www.fairchildsemi.com FDC8602 rev.c dimensional outlin e and pad layout
FDC8602 dual n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation 7 www.fairchildsemi.com FDC8602 rev.c trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporati on, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes wi thout further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fai rchild semiconductor corporation. as used here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? auto-spm? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optihit? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? the right technology for your success? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? tm ? tm ? tm datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product developm ent. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts ex perience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing dela ys. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above . products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i55


▲Up To Search▲   

 
Price & Availability of FDC8602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X