Part Number Hot Search : 
MPX906 MPX906 MS360 SMCJ40 UT6140 MS360 LM51031D IR3N06
Product Description
Full Text Search
 

To Download FBA096638G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount sockets terminals type -638 type -647 molded only 1 f g a xxx 638 x footprint dash# if applicable terminal plating g - gold t - tin terminal type see left body type f - fr-4 m - molded a ax = standard adapter (bga body + .079(2mm)) = extraction slot adapter (bga body + .157(4mm)) how to order pitch b = .059 (1.5mm) pitch g = .050 (1.27mm) pitch number of pins 96 - 736 see bga footprint pages rev. 14-a page 155 inch/(mm) .193 (4.90) .018/(0.45) dia. .031/(0.78) dia. c' sink .018/(0.45) dia. .182 (4.62) b all grid array socketing system bga adapters features: terminals: plating: body material: ? ? ? ? ? soldering bga to adapter subjects bga to less thermal stress than soldering bga to a mother board due to the adapters lower mass. countersink in head of pin allows easy positioning of bga onto adapter. head above insulator in adapter allows visual inspection for solder shorts in both x & y axis. custom adapters available for heat sink attachment. extraction slot for tool #5082-2 shown on page 163. brass - copper alloy 360, astm-b-16 terminal tl: tin lead over nickel terminal g: gold over nickel fr-4 glass epoxy, u.l. rated 94v-o b.g.a. bga body + .157/(4.0) bga body + .079/(2.0) .079/(2.0) detail a b.g.a. .039/(1.0) detail c extraction slot adapter (mates with extraction slot & guide box socket) standard adapter (mates with standard socket) 5 energy way, p .o. box 1019, west warwick, ri 02893 usa tel. 800-424-9850 / 401-823-5200 ? fax 401-823-8723 ? email advintcorp@aol.com ? internet advanced interconnections ? ? after soldering pcb ball grid array bga adapter solder joints bga adapter socket before soldering bga bga adapter bga adapter socket pcb fr-4 only


▲Up To Search▲   

 
Price & Availability of FBA096638G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X