Part Number Hot Search : 
5253B 35V4X XXXZC SK893 BU606 ML6426 Z5222 331M1
Product Description
Full Text Search
 

To Download ERL05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  erl (military rlr) www.vishay.com vishay dale revision: 11-nov-13 1 document n umber: 31 023 f o r tec hni ca l que s tio n s, co ntac t: f f 2a r e si sto r s @ vi sha y .co m this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 metal film resistors, mil itary/established reliability, mil-prf-39017 qualified, type rlr features ? m ee ts re quire m e n ts of mil- prf- 3901 7 ? f ailure rate: verified failure rate (contact fa ct ory for cu rre nt level) ? e poxy coated construction provides superior moistur e p r otecti on ? t ra ce abili ty of ma te rials and processing ? m onth ly lot acceptance testi n g ? v ery low n o ise (- 40 db) ? e xtens i ve stock i ng program at distributors and factory in 1 % a n d 2 % t o lera nce s ? v ishay dale has complete capa bilit y t o develop specific reliabilit y programs designed to cu st omer requirements no tes (1) e x t e nded r e si sta n ce r a ng e: ds cc has c r e a ted a s e r i es o f dr awi n gs intended to support extended re s i s t a n ce ra ng es l e f t o t her w is e vo id by ? the discontinuation of mil-r-390 08 rcr carbon c o mpo s i t io n r e sis t or s. v i sha y da le is l i st ed as a r e so urc e o n these dra w ing s as f ol lo ws : ? l ow induc t ance : d s cc ha s cr ea ted a dra w ing inte nded to suppo rt a re si sto r which exhi bits lo w inducta n ce o v er a fr equenc y ra nge of 1 mhz to 30 mhz. v i s h ay d a le is l i s t ed a s a r e s o ur ce on thes e drawi n g s a s fo ll ows : these drawings can be viewed at: http://www .landandmar i time.d la .m il /p r o g r am s / m i ls pec / li s t dw g s .as p x?d o c t y p e= d s ccdw g (2) cons ul t fa cto r y fo r c u rr ent qp l f a i l ur e r a te s (3) hot solder dipped leads (4) conti n uo us wo rking vo lta g e s h al l be or maximum working voltage, whichever is less. sta n dard elec trical spe c ifica t ions visha y ? da le ? mode l m i l-pr f-39 017 st yle mi l spec . sh eet pow e r ra t i n g 70 c w resi stance ra ng e (1 ) ? toleranc e % temperature coefficient pp m /c ma xi m u m w o rki ng vol t age (4 ) v life failure ra te (2) er l05, ? er l05..19 (3) r l r05 0 5 0 .125 4 . 7 to 301 k 1, 2 100 200 m, p, r, s 302k to 1m m, p, r er l07, er l07..23 (3) rl r 0 7 0 1 0 .2 5 1 to 9.76 1, 2 100 250 m 10 to 3.01m m, p, r, s 3.02m to 10m m, p, r er l20, er l20..11 (3 ) r l r20 0 2 0 .50 4 .3 to 3.01m 1, 2 100 350 m, p, r, s er l32, er l32..1 (3 ) r l r32 0 3 1 .0 1 to 2.7m 1, 2 100 500 m, p, r ds cc ? drawi n g ? nu mber vishay dale mo del power r a tin g p 70 c w re sis t a n ce range ? to lerance % te mpe r at ur e co ef f i ci en t ppm/c maximu m worki ng voltage v (4 ) 98020 ERL05 ..36, er l05..37 (3) 0.125 1.1m to 2 2 m 2, 5 , 10 350 200 99011 er l07..100, erl07 ..101 (3 ) 0.25 11m to 22m 2, 5 , 10 350 250 98021 erl20 ..36, er l20..37 (3) 0.50 3.3m to 2 2 m 2, 5 , 10 350 350 98022 e r l32..36, erl32 ..37 (3 ) 1.0 3 m to 22m 2, 5 , 10 350 350 97004 erl6 2..1, er l62..2 (3) 2.0 10 to 2. 7m 3m to 22m 1, 2, 5, 10 100 350 500 ds cc ? drawi n g ? nu mber vish a y da le mod e l power rat i ng p 70 c w r e si st an ce ra ng e ? ma ximu m ind ucta nce n h to lerance % t e mpera t ure co effi ci ent ppm/c maximu m worki ng volta ge v (4 ) 96002 erl0 7..62 0 .25 1 to 10 10 1, 2 100 250 11 to 49.9 8 t e ch ni ca l sp e c i f ic a t i o n s para me te r u ni t c o n d i ti on v o l t ag e coe f f i c i ent, m a x. ppm/ v 5/v when me as ur ed be twee n 10 % and f u ll ra ted vo lta g e di el ectr i c str e ng th v ac rlr 05 = 300; r lr07 and rlr 20 = 500; r lr32 = 1000 in sul a ti ons re s i s t a n ce ?? 10 9 mi n. dr y; ? 10 11 min. after moisture test operating temperature r a nge c - 65 to + 150 t e r m ina l stre ngth l b 2 l b pull te st o n rlr05; 5 l b pull te st o n all othe r s i ze s solderability c on tinuous sati sfactory covera ge when tested in accordance with mil - s t d-202, method 208 weight g r l r 05 = 0.11; rlr07 = 0 . 35; rlr 20 = 0.75; rl r32 = 1.50 p x r http://
erl (military rlr) www.vishay.com vishay dale revision: 11-nov-13 2 document n umber: 31 023 f o r tec hni ca l que s tio n s, co ntac t: f f 2a r e si sto r s @ vi sha y .co m this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 no te ? for additional information on packaging, refer to the through-hole resistor packaging document ( www.vishay.com/doc?31544 ). di men s io ns in inches (millimeters) no te (1) lead length for product in bulk pack. for product su pplied in tape and re e l , the ac tual l e a d l e ngth would be based on the body si ze, tape spa c i n g and l ead tr im . po we r rat i n g power ratings are b a sed on th e fo l l owing two conditions : ? 1. 2.0 % ma xi mu m r i n 2 000 h loa d l ife ? 2. + 15 0 c ma ximu m operating temper a ture g l o b al p a rt n u mb er info rma t io n vish a y d a le ? mo del ab c (ma x .) de er l05 0.150 0.020 (3.81 0.51) 0.066 0.008 (1.68 0.21) 0.187 (4.75 ) 0.01 6 0.002 (0.4 1 0.05) 1.25 0.266 (31.75 6.76) er l07 0.250 + 0 . 031 - 0.046 (6.35 + 0.79 - 1.17) 0.090 0.008 (2.29 0.21) 0.300 (7.62 ) 0.02 5 0.002 (0.6 4 0.05) 1.50 0.125 (38.10 3.18) er l20 0.375 0.041 (9.53 1.04) 0.138 0.023 (3.51 0.58) 0.450 (11.43 ) 0.03 2 0.002 (0.8 1 0.05) 1.50 0.125 (38.10 3.18) er l32 0.562 0.031 (14.27 0.79 ) 0.190 0.015 (4.83 0.38) 0.625 (15.87 ) 0.032 + 0.002 - 0 . 001 (0.81 + 0.05 - 0. 03) 1.50 0.125 (38.10 3.18) er l62 0.562 + 0 . 031 - 0.042 (14.27 + 0.79 - 1.07) 0.230 0.015 (5.84 0.38) 0.650 (16.51 ) 0.032 + 0.002 - 0 . 001 (0.81 + 0.05 - 0. 03) 1.50 0.125 (38.10 3.18) rlr07 c 3001 f r r36 t olerance code f ailure ra te rlr05 f = 1 % m = 1.0 %/1000 h b14 = tin/lead, bulk bsl = tin/lead, bulk, single lot date code r36 = tin/lead, t/r (full, e xcept 32? s) r64 = tin/lead, t/r (full; 32? s only) re6 = tin/lead, t/r (1000 pieces) rsl = tin/lead, t/r, single lot date code rlr07 g = 2 % p = 0.1 %/1000 h rlr20 by a multiplier use ?r? for values < 100 r = 0.01 %/1000 h 0 0 r 1 = 1.0 s = 0.001 %/1000 h 3302 = 33 k 1005 = 10 m new global part numbering: rlr07c3001frr36 (preferred part numbering format) rl r 0 7 c 3 0 0 1 f rr 3 6 historical part number example: rlr07c3001fr (will continue to be accepted) mil style lead ma terial resist ance v alue t olerance code f ailure ra te p ackaging blank = standard (dash n umber) (up to 3 digits) fr om 1 to 999 as applicab le 1 = hot solder dip (32? s) 11 = hot solder dip (20? s) 19 = hot solder dip (05? s) 23 = hot solder dip (07? s) = solderable/ c resist ance va lu e figure , f ollo w ed mil style l e a d m aterial p a cka ging special rlr32 w eldab le 3 digit significant a d b e (1) c (max.) mate rial spec ificat ions el em ent v a c uum-depo s i t ed nic k el- c hr ome al loy co re fi re -cl e ane d hi gh pur i ty ce ra m i c enc a p s ul atio n s p eci al ly f o r m ul ate d epoxy co mpo u nd t e rm ina t io n s t andar d le ad ma ter i a l i s solde r -c oa ted c o pper s o l d er able and wel d abl e pe r mil-std-1276 , type c . ap plic ab le m i l-spe c ifi c a t io ns mil- prf-39017: t h e e r l s e r i e s me ets the el e c tri c al , envi ro nme n ta l a n d dimensional requiremen ts of mil-p r f-3901 7. mil- prf-22684: mil-prf-39017 supercedes mil-pr f-22684 on n e w designs. the e r l series meet or exceed mil-pr f-22684 requiremen t s . do cume ntat io n: qua l i f i c a t ion and f a i l ur e ra te ver f ica t ion te st da ta is ma intai n ed by v i s h ay d a le and i s av a i l a bl e u p on r e que s t. lot tr ac ea bil i t y a n d identification data is maintained by vi shay dal e f o r fi ve y e a r s . cage code: 91 637
erl (military rlr) www.vishay.com vishay dale revision: 11-nov-13 3 document n umber: 31 023 f o r tec hni ca l que s tio n s, co ntac t: f f 2a r e si sto r s @ vi sha y .co m this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 marking (p e r m i l-prf - 39 01 7 ) tolerance: f = 1 %, g = 2 % va lue = t h r ee s i g n ifi c a n t fi gur e s a n d multi p li er j = jan (jo i nt a r my - n a vy) brand rlr 05: (3 lines) rlr0 7: (4 lines) 21 0a 3-digit date code and lot code 214aj 3 -digit date code, lot code and ja n 1 002 v a lue r lr 7c style ( 0 omitted) and lead material fs jd tolerance, failure rate, j a n and manufacturers code 1300g value and tolerance rd f a i l ur e r a te an d manufacturers code rlr 20, rlr 32: (4 lines) 9 1637 ca ge code r l r 20c s t yle and le ad m a ter i a l 4993fr v alue, toleranc e and failure rate 1225aj 4 -digit date code, lot code and ja n ambient temperature in c dera ting rated power in % 70 0 20 40 60 80 100 120 - 65 - 50 - 25 0 25 50 75 100 125 150 175 200 0 20 40 60 80 100 120 applied power in w heat rise (c above ambient) 0 0.125 0.25 0.375 0.5 0.625 0.75 0.875 1 1.125 thermal resist ance erl32 erl20 erl07 ERL05
legal d i sclaim er notice www.vishay.com vishay revision : 02-oct- 12 1 d o cu ment number: 91000 disclaimer all pro d uct, produ c t specificatio n s and data are s u bject to change with o u t notice to impro v e reliabil ity , function or design or otherwise. v i sha y in te rtec h n ology, i n c . , its af f i liate s, age n ts, an d em ployee s, and all persons acting on it s or th eir beh a lf (co l le ctivel y, v isha y), di scla im a n y and all li abil ity f o r a n y e rrors, ina ccu rac i es or in complet ene ss c o ntai ned in an y dat a she e t or i n a n y o ther disclosur e relating to any prod u ct. vishay makes no warranty, rep r es ent a tion or gu aran tee regardin g the su itabil it y of the prod u cts fo r any particular p u rp ose or the cont inui ng producti o n of any product . to the ma xi mu m ex ten t permitted by applicable law, vi shay disclaims (i) any and all liabi lity arisin g out of th e appl ication or use of any product, (ii ) any and all liabi lity, in clu d i n g withou t li mi tati on specia l, conse q uen t ial or inc ident al da ma ges, an d (ii i) any a n d al l i mplied war r anties, including warra ntie s of fi tne s s f o r pa rtic ula r purpo se, non-infringem e nt and merchantability. statemen ts re garding th e suit abili ty of produ c ts for ce rtai n type s of applications are b a sed on vi shay s kn owle dge of typic a l require m e n ts tha t are ofte n plac ed on vish ay produc t s i n gene ric appli cat ions. suc h st ate m ents are n o t bin d ing state m ent s about t h e sui t abil ity of products f o r a particular applicati o n . it is th e cu stomers respon sib ilit y t o validate th at a particu lar pr oduct with the properties descr i bed in th e product speci f ication is suitable f o r use in a par t icular ap plication. par a meters pr ovid ed in datasheets and/or specification s may v a ry in different ap plications an d performance m a y vary over time. all op erating par a meters, including typical pa r a meters, m u s t be v a lidated for each cu stomer a p pl ica tion by the cu stomer s techni cal experts. produ c t specif ications do not expa nd or othe rwise modi fy vi sh ay s terms an d condit ions of purchase, including but not limited to th e wa rra nty exp r ess e d th e r ein . except as expressly indicate d i n w r iti n g, v ishay produ cts are not design ed for u s e i n me dica l, li fe- savin g, or li fe- sustai n ing applications or for any other application in which the failu re of the vi sh ay product coul d result in person al inju ry or deat h. customers us i n g or sell ing vishay p r oducts not express ly indicated for use in such applications do so at thei r own ri sk. ple a s e cont act au thorize d vish ay personn e l to ob tain written terms and conditions regarding products designed for s u ch applications. no license, express or impl ied, by estoppel or otherwise, to an y i n tellectu a l prope rty rights is granted by this docum e nt or by any con d u c t of v ishay. produc t name s and markings noted herein may b e trad emarks of thei r re spe c ti ve owne rs. material category policy vishay intertech nology, inc. hereby certi fies that all its products that are id en tified as rohs-compliant fulfill th e defi nit i ons and rest ri ct ions defi ned under directive 2011/65/eu of th e euro pean parliam e nt and of the cou n cil of june 8, 2 011 on the restriction of the use of certain hazardous s u bs tances in electrical and electronic equipment (eee) - recast, unless oth er wis e specified as n o n-compliant. please note that some vishay docum e ntation may still m ake reference to rohs directive 2002/95/ ec. we confirm that all the produ c ts identified as bein g co mp lian t t o di rect ive 2002 /95 / ec conform to directive 20 11/65/eu. vishay intertechnology, i n c. hereby certifi es that all its produ c ts that are identified as ha logen-free follow halogen - free requirements as per je dec js709a stan dards. please note that some vish ay documentation may still m ake ref e ren c e to the iec 61 249 -2-21 definition. we co nfirm that all the pr oducts identified as being compliant to iec 6 1249 -2-21 confor m to jedec js 709a standards.


▲Up To Search▲   

 
Price & Availability of ERL05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X