Part Number Hot Search : 
SW50N06 BSOZA403 AX3011 NTE60 M3501 ILA19002 DTC12 06100
Product Description
Full Text Search
 

To Download EEUHD1A103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hd C eee-104 C  0 8 0 d0.5 f0.5 sleeve 14 min. 3 min. l = = l  16 : l1.5 l  20 : l2.0 pressure relief 0 6.3  + C 0 10  0 d0.5 f d0.05 features endurance : 105 c 1000 h to 2000 h minaturize, higher capacitance : 1 size miniturized product of current a-nhg rohs directive compliant radial lead type series: hd type: a specifi cations category temp. range C55 c to +105 c rated w.v. range 10 v.dc to 50 v.dc nominal cap. range 2.2 f to 22000 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (which is greater) tan d please see the attached standard products list endurance after following life test with dc voltage and +105 c2 c ripple current value applied (the sum of dc and ripple peak voltage shall not exceed the rated working voltage), when the capacitors are restored to 20 c, the capacitors shall meet the limits speci? ed below. duration : 0 5 to 0 8=1000 hours, 0 10 to 0 18=2000 hours capacitance change 20 % of initial measured value tan d < 200 % of initial speci? ed value dc leakage current < initial speci? ed value shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) di men sions in mm (not to scale) frequency correction factor for ripple current body dia. 0 d 5 6.3 8 10 12.5 16 18 lead dia. 0 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead space f 2.0 2.5 3.5 5.0 5.0 7.5 7.5 w.v.(v.dc) cap. (f) frequency (hz) 60 120 1 k 10 k 100 k 10 to 50 2.2 to 33 0.75 1.00 1.55 1.80 2.00 47 to 470 0.80 1.00 1.35 1.50 1.50 1000 to 22000 0.85 1.00 1.10 1.15 1.15 (unit : mm) 02 may. 2014
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hd C eee-105 C standard prod ucts when requesting taped product, please put the letter "b" or "h" between the "( )". lead wire pitch ? b=5 mm, 7.5 mm, h=2.5 mm. please refer to the page of taping dimensions. w.v. cap. (20 %) case size speci? cation lead length part no. min. packaging q'ty dia. length ripple current (120 hz) (+105 c) tan d (120 hz) (+20 c) endur- ance lead dia. lead space straight leads taping straight taping ? b taping ? h (v) (f) (mm) (mm) (ma r.m.s.) (hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 10 330 6.3 11.2 200 0.24 1000 0.5 2.5 5.0 2.5 eeuhd1a331( ) 200 2000 470 8 11.5 250 0.24 1000 0.6 3.5 5.0 eeuhd1a471( ) 200 1000 1000 10 12.5 460 0.24 2000 0.6 5.0 5.0 eeuhd1a102( ) 200 500 2200 10 16 760 0.26 2000 0.6 5.0 5.0 eeuhd1a222( ) 200 500 4700 12.5 20 1260 0.30 2000 0.6 5.0 5.0 eeuhd1a472( ) 200 500 6800 12.5 25 1570 0.34 2000 0.6 5.0 5.0 eeuhd1a682( ) 200 500 10000 16 25 1890 0.42 2000 0.8 7.5 7.5 EEUHD1A103( ) 100 250 15000 16 31.5 2180 0.52 2000 0.8 7.5 eeuhd1a153 100 22000 18 35.5 2400 0.66 2000 0.8 7.5 eeuhd1a223 50 16 10 0 5 11 110 0. 2 0 10 0 0 0.5 2.5 5.0 2.5 eeuhd1c101( ) 200 2000 220 6.3 11.2 180 0.20 1000 0.5 2.5 5.0 2.5 eeuhd1c221( ) 200 2000 330 8 11.5 260 0.20 1000 0.6 3.5 5.0 eeuhd1c331( ) 200 1000 470 8 11.5 310 0.20 1000 0.6 3.5 5.0 eeuhd1c471( ) 200 1000 3300 12.5 20 1170 0.24 2000 0.6 5.0 5.0 eeuhd1c332( ) 200 500 4700 12.5 25 1480 0.26 2000 0.6 5.0 5.0 eeuhd1c472( ) 200 500 6800 16 25 1780 0.30 2000 0.8 7.5 7.5 eeuhd1c682( ) 100 250 8200 16 25 1780 0.34 2000 0.8 7.5 7.5 eeuhd1c822( ) 100 250 10000 16 31.5 2060 0.38 2000 0.8 7.5 eeuhd1c103 100 15000 18 35.5 2210 0.48 2000 0.8 7.5 eeuhd1c153 50 25 47 5 11 91 0.16 1000 0.5 2.5 5.0 2.5 eeuhd1e470( ) 200 2000 68 5 11 91 0.16 1000 0.5 2.5 5.0 2.5 eeuhd1e680( ) 200 2000 100 6.3 11.2 130 0.16 1000 0.5 2.5 5.0 2.5 eeuhd1e101( ) 200 2000 220 8 11.5 230 0.16 1000 0.6 3.5 5.0 eeuhd1e221( ) 200 1000 330 8 11.5 310 0.16 1000 0.6 3.5 5.0 eeuhd1e331( ) 200 1000 470 10 12.5 380 0.16 2000 0.6 5.0 5.0 eeuhd1e471( ) 200 500 1000 10 16 680 0.16 2000 0.6 5.0 5.0 eeuhd1e102( ) 200 500 2200 12.5 20 1090 0.18 2000 0.6 5.0 5.0 eeuhd1e222( ) 200 500 3300 12.5 25 1400 0.20 2000 0.6 5.0 5.0 eeuhd1e332( ) 200 500 4700 16 25 1750 0.22 2000 0.8 7.5 7.5 eeuhd1e472( ) 100 250 5600 16 25 1750 0.24 2000 0.8 7.5 7.5 eeuhd1e562( ) 100 250 6800 16 31.5 2040 0.26 2000 0.8 7.5 eeuhd1e682 100 10000 18 35.5 2200 0.34 2000 0.8 7.5 eeuhd1e103 50 35 47 5 11 90 0.14 1000 0.5 2.5 5.0 2.5 eeuhd1v470( ) 200 2000 100 6.3 11.2 150 0.14 1000 0.5 2.5 5.0 2.5 eeuhd1v101( ) 200 2000 220 8 11.5 270 0.14 1000 0.6 3.5 5.0 eeuhd1v221( ) 200 1000 330 10 12.5 350 0.14 2000 0.6 5.0 5.0 eeuhd1v331( ) 200 500 470 10 16 460 0.14 2000 0.6 5.0 5.0 eeuhd1v471( ) 200 500 680 10 16 460 0.14 2000 0.6 5.0 5.0 eeuhd1v681( ) 200 500 2200 12.5 25 1260 0.16 2000 0.6 5.0 5.0 eeuhd1v222( ) 200 500 3300 16 25 1610 0.18 2000 0.8 7.5 7.5 eeuhd1v332( ) 100 250 4700 16 31.5 1910 0.20 2000 0.8 7.5 eeuhd1v472 100 6800 18 35.5 2050 0.24 2000 0.8 7.5 eeuhd1v682 50 endurance : 105 c 0 5 to 0 8=1000 h, 0 10 to 0 18=2000 h 02 may. 2014
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hd C eee-106 C standard prod ucts when requesting taped product, please put the letter "b" or "h" between the "( )". lead wire pitch ? b=5 mm, 7.5 mm, h=2.5 mm. please refer to the page of taping dimensions. ??? please kindly accept last shipment : 31/mar/2015 w.v. cap. (20 %) case size speci? cation lead length part no. min. packaging q'ty dia. length ripple current (120 hz) (+105 c) tan d (120 hz) (+20 c) endur- ance lead dia. lead space straight leads taping straight taping ? b taping ? h (v) (f) (mm) (mm) (ma r.m.s.) (hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 50 0.1 5 11 1.1 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr10( ) ??? 200 2000 0.22 5 11 2.3 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr22( ) ??? 200 2000 0.33 5 11 3.5 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr33( ) ??? 200 2000 0.47 5 11 5 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr47( ) ??? 200 2000 1 5 11 10 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h1r0( ) ??? 200 2000 2.2 5 11 18 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h2r2( ) 200 2000 3.3 5 11 22 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h3r3( ) 200 2000 4.7 5 11 26 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h4r7( ) 200 2000 10 5 11 39 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h100( ) 200 2000 22 5 11 65 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h220( ) 200 2000 33 5 11 90 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h330( ) 200 2000 47 6.3 11.2 110 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h470( ) 200 2000 68 6.3 11.2 110 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h680( ) 200 2000 100 8 11.5 180 0.12 1000 0.6 3.5 5.0 eeuhd1h101( ) 200 1000 220 10 12.5 300 0.12 2000 0.6 5.0 5.0 eeuhd1h221( ) 200 500 330 10 16 410 0.12 2000 0.6 5.0 5.0 eeuhd1h331( ) 200 500 470 10 20 530 0.12 2000 0.6 5.0 5.0 eeuhd1h471( ) 200 500 560 16 15 650 0.12 2000 0.8 7.5 7.5 eeuhd1h561s( ) 100 250 680 16 15 650 0.12 2000 0.8 7.5 7.5 eeuhd1h681s( ) 100 250 1000 12.5 25 950 0.12 2000 0.6 5.0 5.0 eeuhd1h102( ) 200 500 2200 16 31.5 1470 0.14 2000 0.8 7.5 eeuhd1h222 100 3300 18 35.5 1770 0.16 2000 0.8 7.5 eeuhd1h332 50 endurance : 105 c 0 5 to 0 8=1000 h, 0 10 to 0 18=2000 h 02 may. 2014


▲Up To Search▲   

 
Price & Availability of EEUHD1A103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X