design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors stacked metallized pen film chip capacitor type: ecwu(c) stacked metallized pen film as dielectric with simple mold-less construction 123456789101112 e c w u product code dielectric & construction rated voltage nominal capacitance c cap. tol. suffix suffix features small in size for reflow soldering rohs directive compliant recommended applications general purpose (coupling, by-pass) explanation of part numbers specifications j 5 % k 10 % 1c 1h 1 2 16 vdc 50 vdc 100 vdc 250 vdc 9 12 mm v 16 mm tape width ? in case of applying voltage in alternating current (50 hz or 60 hz sine wave) to a capacitor with dc rated voltage, please refer to the page of permissible voltage (r.m.s) in alternating current corresponding to dc rated voltage . ? please consult us for capacitance range between 0.15 f and 1.0 f for 250 vdc type. capacitance tolerance capacitance range withstand voltage category temp.range (including temperature-rise on unit surface) between terminals: rated volt . (vdc) ? 150 % 60 s soldering conditions 100 vdc, 250 vdc : -55 ? c to +125 ? c 0.12 f to 0.47 f ( e12 ) 0.056 f to 0.22 f ( e12 ) 0.012 f to 1.0 f ( e12 ) 0.0010 f to 0.12 f ( e12 ) insulation resistance (ir) dissipation factor (tan ) reflow soldering : 240 ? c max. and 60 s max. at more than 220 ? c (temp. at cap. surface) (please consult us for reflow 250 ? c max. product.) tan < = 1.0 %(20 ? c, 1 khz) c > 0.33 f c < = 0.33 f 16 vdc : ir > = 3000 m ? (20 ? c ,10 vdc, 60 s) 50 vdc : ir > = 3000 m ? (20 ? c ,50 vdc, 60 s) 100 vdc, 250 vdc : ir > = 3000 m ? (20 ? c ,100 vdc, 60 s) 16 vdc : ir > = 1000 m ? f (20 ? c ,10 vdc, 60 s ) 100 vdc : ir > = 1000 m ? f (20 ? c,100 vdc, 60 s) 16 vdc, 50 vdc : -55 ? c to +105 ? c 16 vdc, 50 vdc 100 vdc 250 vdc 16 vdc 50 vdc 100 vdc 250 vdc 5 %(j) 5 %(j), 10 %(k) (c > = 0.18 f : 10 %(k)only) 5 %(j), 10 %(k) rated voltage 16 vdc, 50 vdc, 100 vdc, 250 vdc (100 vdc, 250 vdc : derating of rated voltage by 1.25 %/ ? c more than 85 ? c) free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors rating, dimensions & quantity/reel capacitance tolerance : 5 % (j) taping specification for automatic mounting refer to the page of taping specifications. construction dimensions in mm (not to scale) cap. < = 0.047 f : please use 50 vdc rating of echu(x) size code e1 e2 e3a e3 d1 d2 d3 d4 d5 b z x v 4.8 4.8 4.8 4.8 6.0 6.0 6.0 6.0 6.0 6.0 7.1 7.7 9.8 3.3 3.3 3.3 3.3 4.1 4.1 4.1 4.1 4.1 5.0 5.0 5.5 6.3 1.4 2.0 2.4 2.8 1.8 2.0 2.4 2.8 3.2 ? l h w ? refer to the column rating, dimensions & quantity . cap. (f) 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 ecwu1h563jc9 4.8 3.3 2.0 e2 ecwu1h683jc9 4.8 3.3 2.0 e2 ecwu1h823jc9 4.8 3.3 2.4 e3a ecwu1h104jc9 4.8 3.3 2.8 e3 ecwu1h124jc9 6.0 4.1 1.8 d1 ecwu1h154jc9 6.0 4.1 2.0 d2 ecwu1h184jc9 6.0 4.1 2.4 d3 ecwu1h224jc9 6.0 4.1 2.8 d4 ecwu1c124jc9 4.8 3.3 1.4 e1 ecwu1c154jc9 4.8 3.3 2.0 e2 ecwu1c184jc9 4.8 3.3 2.0 e2 ecwu1c224jc9 4.8 3.3 2.4 e3a ecwu1c274jc9 6.0 4.1 1.8 d1 ecwu1c334jc9 6.0 4.1 2.0 d2 ecwu1c394jc9 6.0 4.1 2.4 d3 ecwu1c474jc9 6.0 4.1 2.8 d4 3000 2000 rated volt. 16 vdc part no dimensions (mm) lwh size code q'ty rated volt. 50 vdc part no dimensions (mm) lwh size code q'ty 3000 2000 3000 2000 3000 2000 please use 16 vdc rating of echu(x) free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors rating, dimensions & quantity/reel capacitance tolerance : 5 % (j), 10 % (k) recommened for land dimensions (mm) size code land dimensions for reflow soldering abc e1,e2,e3a,e3 2.6 6.6 3.0 d1,d2,d3,d4,d5 3.8 7.8 3.8 b 3.8 7.8 4.6 z 4.5 9.0 4.6 x 5.1 9.7 5.0 v 7.2 11.9 5.7 cap. (f) 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 please use 100 vdc rating ecwu(x) ecwu2102 ? c9 4.8 3.3 1.4 e1 ecwu2122 ? c9 4.8 3.3 1.4 e1 ecwu2152 ? c9 4.8 3.3 1.4 e1 ecwu2182 ? c9 4.8 3.3 1.4 e1 ecwu2222 ? c9 4.8 3.3 1.4 e1 ecwu2272 ? c9 4.8 3.3 1.4 e1 ecwu2332 ? c9 4.8 3.3 1.4 e1 ecwu2392 ? c9 4.8 3.3 1.4 e1 ecwu2472 ? c9 4.8 3.3 1.4 e1 ecwu2562 ? c9 4.8 3.3 1.4 e1 ecwu2682 ? c9 4.8 3.3 1.4 e1 ecwu2822 ? c9 4.8 3.3 1.4 e1 ecwu2103 ? c9 4.8 3.3 1.4 e1 ecwu2123 ? c9 4.8 3.3 1.4 e1 ecwu2153 ? c9 4.8 3.3 1.4 e1 ecwu2183 ? c9 4.8 3.3 2.0 e2 ecwu2223 ? c9 4.8 3.3 2.0 e2 ecwu2273 ? c9 4.8 3.3 2.4 e3a ecwu2333 ? c9 4.8 3.3 2.8 e3 ecwu2393 ? c9 6.0 4.1 2.0 d2 ecwu2473 ? c9 6.0 4.1 2.4 d3 ecwu2563 ? c9 6.0 4.1 2.8 d4 ecwu2683 ? c9 6.0 4.1 3.2 d5 ecwu2823 ? c9 6.0 5.0 3.2 b ecwu2104 ? c9 6.0 5.0 3.8 b ecwu2124 ? c9 6.0 5.0 4.5 b 3000 2000 3000 2000 1500 ecwu1123 ? c9 4.8 3.3 1.4 e1 ecwu1153 ? c9 4.8 3.3 1.4 e1 ecwu1183 ? c9 4.8 3.3 1.4 e1 ecwu1223 ? c9 4.8 3.3 1.4 e1 ecwu1273 ? c9 4.8 3.3 1.4 e1 ecwu1333 ? c9 4.8 3.3 1.4 e1 ecwu1393 ? c9 4.8 3.3 1.4 e1 ecwu1473 ? c9 4.8 3.3 2.0 e2 ecwu1563 ? c9 4.8 3.3 2.0 e2 ecwu1683 ? c9 4.8 3.3 2.4 e3a ecwu1823 ? c9 4.8 3.3 2.8 e3 ecwu1104 ? c9 6.0 4.1 1.8 d1 ecwu1124 ? c9 6.0 4.1 2.4 d3 ecwu1154 ? c9 6.0 4.1 2.8 d4 ecwu1184kc9 7.1 5.0 2.0 z ecwu1224kc9 7.1 5.0 2.4 z ecwu1274kc9 7.1 5.0 2.9 z ecwu1334kc9 7.1 5.0 3.5 z ecwu1394kcv 7.7 5.5 3.4 x ecwu1474kcv 7.7 5.5 4.0 x ecwu1564kcv 9.8 6.3 3.0 v ecwu1684kcv 9.8 6.3 3.6 v ecwu1824kcv 9.8 6.3 4.3 v ecwu1105kcv 9.8 6.3 5.1 v 3000 2000 3000 2000 1500 1000 rated volt. 100 vdc part no dimensions ( mm ) lwh size code q'ty rated volt. 250 vdc part no dimensions ( mm ) lwh size code q'ty cap. tol. code cap. tol. code a a ? it is not warrantable that you can mount the capacitor without trouble under all the mounting condition when recommender for land dimensions is adopted. free datasheet http:///
|