Part Number Hot Search : 
SAM973 1N5235B MC149606 BU426 LV8548MC 101340 OEH3048A STK2038
Product Description
Full Text Search
 

To Download E3FZLS86H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 e3fz/e3fr easy mounting photoelectric sensor in shor t m18 housing e3fz/e3fr ? secure-click snap mounting for fast installation ? high power led for enhanced sensing distance ? short housing with less than 40 mm length ? minimal optical axis deviation for easy alignment features up to 10 time s f as ter up to 3 time s f as ter convention a l s q ua re s en s or s convention a l cylindric a l s en s or s e3fz with s ec u reclick* * s ec u reclick h as been te s ted to with s t a nd s evere vibr a tion s . >>click 2 1 the secureclick snap mounting mechanism provides easy installation in 2 steps and enhanced protection against vibration. easy and fast installation installation time can be reduced by up to 10 times compared to conventional sensors. e55e-en-01+e3fz-e3fr+datasheet.fm seite 1 dienstag, 15. april 2008 5:17 17
2 standard photoelectric sensors ordering information snap mounting ? e 3 fz * 2 radial mounting ? e 3 fr * 1. measured with reflector e 3 9-r1s the reflector is sold separately. * 2. mounting with snap-holder (provided with product) or m18 nuts (provided with product) possi b le. *3 . pre-wired connectors are availa b le on re q uest (item description see "model num b er legend" on page 4) sensor type sensing distance connection method order code npn output pnp output through- b eam 15 m ??2 m? *3 e 3 fz-t61h 2m e 3 fz-t81h 2m ? ? ?? *3 e 3 fz-t66h e 3 fz-t86h retroreflective with m.s.r. 0.1 to 4 m * 1 ??2 m? *3 e 3 fz-r61h 2m e 3 fz-r81h 2m ? ? ?? *3 e 3 fz-r66h e 3 fz-r86h diffuse reflective 1 m (adjusta b le) ??2 m? *3 e 3 fz-d62 2m e 3 fz-d82 2m ? ? ?? *3 e 3 fz-d67 e 3 fz-d87 diffuse reflective ( b ackground suppression) 100 mm (fixed) ??2 m? *3 e 3 fz-ls61h 2m e 3 fz-ls81h 2m ? ? ?? *3 e 3 fz-ls66h e 3 fz-ls86h 200 mm (fixed) ??2 m? *3 e 3 fz-ls64h 2m e 3 fz-ls84h 2m ? ? ?? *3 e 3 fz-ls69h e 3 fz-ls89h sensor type sensing distance connection method order code npn output pnp output through- b eam 15 m ??2 m? *3 e 3 fr-t61h 2m e 3 fr-t81h 2m ? ? ?? *3 e 3 fr-t66h e 3 fr-t86h retroreflective with m.s.r. 0.1 to 4 m * 1 ??2 m? *3 e 3 fr-r61h 2m e 3 fr-r81h 2m ? ? ?? *3 e 3 fr-r66h e 3 fr-r86h diffuse reflective 1 m (adjusta b le) ??2 m? *3 e 3 fr-d62 2m e 3 fr-d82 2m ? ? ?? *3 e 3 fr-d67 e 3 fr-d87 diffuse reflective ( b ackground suppression) 100 mm (fixed) ??2 m? *3 e 3 fr-ls61h 2m e 3 fr-ls81h 2m ? ? ?? *3 e 3 fr-ls66h e 3 fr-ls86h 200 mm (fixed) ??2 m? *3 e 3 fr-ls64h 2m e 3 fr-ls84h 2m ? ? ?? *3 e 3 fr-ls69h e 3 fr-ls89h e55e-en-01+e3fz-e3fr+datasheet.fm seite 2 dienstag, 15. april 2008 5:17 17
3 e3fz/e3fr accessories reflectors mounting b rackets sensor i/o connectors note: for the complete list of sensor i/o c onnectors refer to e26e accessories datasheet. shape type material features size in mm applica b le sensor order code general purpose reflectors -abs b ase - acrylic surface surface screw mounting (diagonal holes) 59.9x40. 3 x7.5 - retroreflective photo electric sensors ? non polarizing - retroreflective photo electric sensors ? polarizing (msr) e 3 9-r1s snap mounting dia 3 0 mm (reflector) dia 6.5 mm (snap mount) e 3 9-r49 shape type material features applica b le sensor order code general purpose mounting stainless steel horizontal angle adjustment e 3 fz (dia 20mm snap holder) e 3 9-el8 telescope mounting 3 d rotation (fits to 12 mm mounting rod) e 3 9-el9 straight 2 m 4-wire pvc xs2f-d421-d80-a pur y92e-m12pur4s2m-l 5 m pvc xs2f-d421-g80-a pur y92e-m12pur4s5m-l l-shaped 2 m pvc xs2f-d422-d80-a pur y92e-m12pur4a2m-l 5 m pvc xs2f-d422-g80-a pur y92e-m12pur4a5m-l e55e-en-01+e3fz-e3fr+datasheet.fm seite 3 dienstag, 15. april 2008 5:17 17
4 standard photoelectric sensors model number legend e.g., e3fz-t81h; short housing/ thr ough-beam/pnp output/2 m cable/without an adjustor/l-on/d-on by wire/ e3fz-t86h-d; short housing/through- beam/pnp output/m12 connector/without an adjustor/l-on/d-on by wire/receiver e3fr-ls86; radial housing/background-supp ression/pnp output/m12 connector/sensing distance of 100 mm/ without an adjustor/ l-on/d-on by wire/ 1. cylindrical family name: e3f 2. series name 2: standard housing (seperate naming rule) z: short housing r: radial housing 3. sensing method t: through-beam r: retroreflective d: diffuse reflective ls: background suppression 4. output 6: npn output 8: pnp output 5. connection through-beam, retroreflective types 1: 2 m cable 6: m12 connector diffuse reflective types 2: 2 m cable 7: m12 connector background suppression types 1: 2 m cable/sensing distance of 100 mm 4: 2 m cable/sensing distance of 200 mm 6: m12 connector/sensing distance of 100 mm 9: m12 connector/sensing distance of 200 mm 6. adjuster blank: with volume adjuster/l-on/d-on by wire h: without volume adjuster/l-on/d-on by wire 7. emitter/ receiver l: emitter d: receiver 8. kind of connection blank: standard 2 m cable or m12 connector m1j: pre-wired with 30 cm cable and m12 plug connector (4 pin) m3j: pre-wired with 30 cm cable and m8 plug connector (4 pin) m5j: pre-wired with 30 cm cable and m8 plug connector (3 pin) m1tj: pre-wired with 30cm cable and twist&click m12 plug connector (4 pin) 9. cable length blank: m12 connector number: cable length e3f @ - @@@@ - @ - @@ 1 2 3456 7 89 e55e-en-01+e3fz-e3fr+datasheet.fm seite 4 donnerstag, 15. mai 2008 4:30 16
5 e3fz/e3fr mounting and dismounting mounting dismounting insert the snap holder into the mounting hole from the front insert the sensor into the snap holder from the b ack verify the correct position (a clicking sound can b e heard) verify the correct position (a clicking sound can b e heard) step 1 step 2 2.5 to 2. 9 mm dia 20.1 to 20.2 mm apply soft pressure to the sensor lens in the indicated areas (e.g. with two thum b s) press down b oth snap-fits and push the snap holder forward. remove the sensor remove the snap holder step 1 step 2 e55e-en-01+e3fz-e3fr+datasheet.fm seite 5 dienstag, 15. april 2008 5:17 17
6 standard photoelectric sensors specifications item through- b eam retroreflective diffuse reflective e 3 fz-t / e 3 fr-t e 3 fz-r / e 3 fr-r e 3 fz-d / e 3 fr-d sensing distance 15 m 4 m [100 mm] 1 m (white paper 3 00x 3 00 mm) spot diameter ? standard sensing o b ject opa q ue: 12 mm dia .min opa q ue: 75 mm dia. min ? differential travel ? 20% max. of sensing distance max. black/white error ? directional angle emitter and reciever: 3 to 15 sensor: 3 to 10, reflector: 3 0 ? light source (wave length) infrared led (870 nm) red led (660 nm) infrared led (860 nm) power supply voltage 10 to 3 0 vdc, including 10% ripple(p-p) current consumption 45ma max. (emitter: 25ma max., receiver; 20 ma max. ) 25 ma max. control output load power supply voltage; 3 0 vdc max., load current; 100 ma max.(residual voltage; 2 v max.), light-on/dark-on selecta b le b y wire, e 3 f @ -6 @ : npn open-collector output e 3 f @ -8 @ : pnp open-collector output protective circuits power supply reverse polarity protection, output short-circuit protection, and reversed output polarity protection power supply reverse polarity protection, output short-circuit protection, mutual interference prevention and reversed output polarity protection response time operate and reset; 1 ms max. sensitivity adjustment ? one-turn adjuster am b ient illumination (receiver side) incandescent lamp; 3 000 lx max., sunlight 10000 lx max. am b ient temperature operating; -25 to +55c, storage; -40 to +70c (with no icing or condensation) am b ient humidity operating; 3 5 to 85% rh, storage; 3 5 to 95% rh (with no condensation) insulation resistance 20m min. at 500 vdc dielectric resistance 1000 vac at 50/60 hz for 1 min vi b ration resistance destruction; 10 to 55 hz, 1.5 mm dou b le amplitude for 2 hours, each in x, y and z directions shock resistance destruction; 500 m/s 2 , 3 times, each in x, y and z directions degree of protection * 1 * 1. the ip69k test according to din 40 050 part 9 is intended to simulate high pressure/steam cleaning. during the test 14-16 l/min water at 80c is sprayed onto the sensor from different angles with 8000-10000 kpa. the sensor may not suffer any damaging effects fro m high pressure water in appearance and functionality. iec 60529 ip67, ip69k after din 40050-9 connection method pre-wired ca b le (standard length 2 m), standard m12 connector indicator operation indicator: yellow, sta b ility indicator: green (emitter has only power supply indicator; green) weight (packed state) pre-wired approx. 120 g approx. 60 g standard connector approx. 40 g approx. 20 g material case abs cover lens plate window pmma accessories instruction sheet, 2x m18 nuts, snap mounting tool (e 3 fz only). e55e-en-01+e3fz-e3fr+datasheet.fm seite 6 dienstag, 15. april 2008 5:17 17
7 e3fz/e3fr specification item background suppression (bgs) e 3 fz-ls @ 1h / e 3 fr-ls @ 1h e 3 fz-ls @ 6h / e 3 fr-ls @ 6h e 3 fz-ls @ 4h / e 3 fr-ls @ 4h e 3 fz-ls @ 9h / e 3 fr-ls @ 9h sensing distance 10 to 100 mm (white paper 100x100 mm) 10 to 200 mm (white paper 100x100 mm) spot diameter 4 mm dia. at sensing distance of 100 mm 18 mm dia. at sensing distance of 200 mm standard sensing o b ject ? differential travel 3 % of sensing distance max. 20% of sensing distance max. black/white error 5% of sensing distance max. 20% of sensing distance max. directional angle ? light source (wave length) red led (650 nm) red led (660 nm) power supply voltage 10 to 3 0 vdc, including 10% ripple(p-p) current consumption 25 ma max. control output load power supply voltage; 3 0 vdc max., load current; 100 ma max. (residual voltage; 2 v max.), light-on/dark-on selecta b le b y wire, e 3 f @ -ls6: npn open-collector output e 3 f @ -ls8: pnp open-collector output protective circuits power supply reverse polarity protection, output short-circuit protection, mutual interference prevention and reversed output polarity protection response time operate and reset; 1 ms max. sensitivity adjustment ? am b ient illumination (receiver side) incandescent lamp; 3 000 lx max., sunlight 10000 lx max. am b ient temperature operating; -25 to +55c, stor age; -40 to +70c (with no icing or condensation) am b ient humidity operating; 3 5 to 85%rh, storage; 3 5 to 95%rh (with no condensation) insulation resistance 20m min. at 500 vdc dielectric resistance 1000 vac at 50/60 hz for 1 min vi b ration resistance destruction; 10 to 55 hz, 1.5 mm dou b le amplitude for 2 hours, each in x, y and z directions shock resistance destruction; 500m/s 2 , 3 times, each in x, y and z directions degree of protection * 1 * 1. the ip69k test according to din 40 050 part 9 is intended to simulate high pressure/steam cleaning. during the test 14-16 l/min water at 80oc is sprayed onto the sensor from different angles with 8000-10000 kpa. the sensor may not suffer any damaging effects fro m high pressure water in appearance and functionality. iec 60529 ip67, ip69k after din 40050-9 connection method pre-wired ca b le (standard length 2m), standard m12 connector indicator operation indicator: yellow, sta b ility indicator: green weight (packed state) pre-wired approx.60g standard connector approx.20g material case abs cover-lens plate-window pmma accessories instruction sheet, 2x m18 nuts, snap mounting tool (e 3 fz only). e55e-en-01+e3fz-e3fr+datasheet.fm seite 7 dienstag, 15. april 2008 5:17 17
8 standard photoelectric sensors engineering data (typical) parallel operating range through- b eam models retroreflective models e 3 f @ -t @ 1h(t @ 6h) e 3 f @ -r @ 1h(r @ 6h) operating range diffuse reflective models bgs models e 3 f @ -d @ 2(d @ 7) e 3 f @ -ls @ 1h(ls @ 6h), left to right e 3 f @ -ls @ 4h(ls @ 9h), left to right excess gain vs. distance through- b eam models retroreflective models diffuse reflective models e 3 f @ -t @ 1h(t @ 6h) e 3 f @ -r @ 1h(r @ 6h) e 3 f @ -d @ 2(d @ 7) distance y (mm) distance x (m) 1500 -1500 40 5 10152025 3 0 3 5 0 1000 500 0 -500 -1000 y x 150 -150 12 3 456 0 100 50 0 -50 -100 e 39 -r1s e 39 -r1 y x distance y (mm) distance x (m) 120 100 80 60 40 20 0 -20 -40 -60 -80 -100 -120 140 -140 1.8 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0 y x sensing o b ject: 3 00 x 3 00 white paper distance y (mm) distance x (m) 3 2 1 0 -1 -2 - 3 4 -4 100 20 40 60 80 0 y x distance y (mm) sensing o b ject: 100 x 100 white paper distance x (mm) sensing o b ject: 100 x 100 white paper 8 6 4 2 0 -2 -4 -6 -8 100 150 200 250 50 0 distance x (mm) distance y (mm) y x 100 50 3 0 10 5 3 1 0.5 0. 3 0.1 50 45 40 3 5 3 0 25 20 15 10 5 0 distance (m) oper- ating level excess gain ratio (multiple) 100 50 3 0 10 5 3 1 0.5 0. 3 0.1 6 12 3 45 0 e 39 -r1s e 39 -r1 distance (m) oper- ating level excess gain ratio (multiple) 100 50 3 0 10 5 3 1 0.5 0. 3 0.1 2.5 0.5 1 1.5 2 0 sensing o b ject: 3 00 x 3 00 white paper distance (m) oper- ating level excess gain ratio (multiple) e55e-en-01+e3fz-e3fr+datasheet.fm seite 8 dienstag, 15. april 2008 5:17 17
9 e3fz/e3fr sensing o b ject size vs. distance sp ot diameter vs. distance diffuse reflective models bgs models e 3 f @ -d @ 2(d @ 7) e 3 f @ -ls @ 1h(ls @ 6h) e 3 f @ -ls @ 4h(ls @ 9h) sensing distance vs. sensing o b ject material inclination characteristics (vertical) bgs models bgs models e 3 f @ -ls @ 1h(ls @ 6h) e 3 f @ -ls @ 4h(ls @ 9h) e 3 f @ -ls @ 1h(ls @ 6h) inclination characteristics (horizontal) bgs models e 3 f @ -ls @ 1h(ls @ 6h) e 3 f @ -ls @ 4h(ls @ 9h) e 3 f @ -ls @ 4h(ls @ 9h) sensing o b ject: white paper 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 1.8 0.0 600 100 200 3 00 400 500 0 length d of sensing o b ject (mm) distance (m) d d 10 8 6 4 2 12 0 20 40 60 80 100 0 distance (mm) spot diameter (mm) 18 16 14 12 10 8 6 4 2 20 0 50 100 150 200 250 0 distance (mm) spot diameter (mm) 120 100 80 60 40 20 0 white paper veneer card- b oard black paper black ru bb er sus mirror surface material sensing distance (mm) 250 200 150 100 50 0 sensing distance (mm) white paper veneer card- b oard black paper black ru bb er sus mirror surface material 8 6 4 2 0 -2 -4 -6 -8 10 -10 80 40 20 60 0 -40 -20 -60 -80 inclination angle ( ) sensing distance variation (%) + ? upwards and downwards center line sensing o b ject inclination angle 40 3 0 20 10 0 10 20 3 0 40 50 50 80 40 20 60 0 -40 -20 -60 -80 (left and right) center line sensing o b ject inclination angle sensing distance variation (%) inclination angle ( ) + ? 40 3 0 20 10 0 10 20 3 0 40 50 50 80 40 20 60 0 -40 -20 -60 -80 + ? inclination angle (left and right) center line sensing o b ject sensing distance variation (%) inclination angle ( ) 40 3 0 20 10 0 10 20 3 0 40 50 50 80 40 20 60 0 -40 -20 -60 -80 center line sensing o b ject upwards and downwards inclination angle sensing distance variation (%) inclination angle ( ) + + e55e-en-01+e3fz-e3fr+datasheet.fm seite 9 dienstag, 15. april 2008 5:17 17
10 standard photoelectric sensors output circuit diagram pnp output model operation mode timing charts mode selector switch output circuit e 3 f @ -t8 e 3 f @ -r8 e 3 f @ -d8 light on connect the pink wire (pin(2)) to the b rown (pin(1)) or open the pink wire (pin(2). dark on connect the pink wire (pin(2)) to the b lue (pin( 3 )). e 3 f @ -ls8 light on connect the pink wire (pin(2)) to the b rown (pin(1)) or open the pink wire (pin(2). dark on connect the pink wire (pin(2)) to the b lue (pin( 3 )). light incident light interrupted on off on off operate reset operation indicator (yellow) (between b rown and b lack wires) output transistor load (e.g., relay) 4 1 3 0 v z d through- b eam receivers, retroreflective models, diffuse reflective models operation indicator (yellow) sta b ility indicator (green) photo- electric sensor main circuit (control output) 10 to 3 0 vdc brown black blue 100 ma max. load (relay) light incident light interrupted on off on off operate reset operation indicator (yellow) (between b rown and b lack wires) output transistor load (e.g., relay) 3 1 through- b eam emitter power indicator (green) photo- electric sensor main circuit brown blue 10 to 3 0 vdc near far on off on off operate reset operation indicator (yellow) output transistor load (e.g., relay) (between b rown and b lack wires) 4 3 2 1 pink 100 ma max. (control output) light-on dark-on 0 v z d operation indicator (yellow) sta b ility indicator (green) photo- electric sensor main circuit 10 to 3 0 vdc brown black blue load (relay) near far on off on off operate reset operation indicator (yellow) output transistor load (e.g., relay) (between b rown and b lack wires) e55e-en-01+e3fz-e3fr+datasheet.fm seite 10 dienstag, 15. april 2008 5:17 17
11 e3fz/e3fr npn output model operation mode timing charts mode selector switch output circuit e 3 f @ -t6 e 3 f @ -r6 e 3 f @ -d6 light on connect the pink wire (2) to the b lue wire ( 3 ) or leave open. dark on connect the pink wire (2) to the b rown wire (1). e 3 f @ -ls6 light on connect the pink wire (2) to the b lue wire ( 3 ) or leave open. dark on connect the pink wire (2) to the b rown wire (1). light incident light interrupted on off on off operate reset operation indicator (yellow) (between b rown and b lack wires) output transistor load (e.g., relay) 4 3 1 0 v z d through- b eam receivers, retroreflective models, diffuse reflective models 10 to 3 0 vdc brown operation indicator (yellow) sta b ility indicator (green) photo- electric sensor main circuit (control output) 100 ma max. black blue load (relay) light incident light interrupted on off on off operate reset operation indicator (yellow) (between b rown and b lack wires) output transistor load (e.g., relay) 3 1 through- b eam emitter power indicator (green) photo- electric sensor main circuit brown blue 10 to 3 0 vdc near far on off on off operate reset operation indicator (yellow) output transistor load (e.g., relay) (between b rown and b lack wires) 4 3 2 1 10 to 3 0 vdc brown black blue pink 100 ma max. (control output) light-on dark-on operation indicator (yellow) sta b ility indicator (green) 0 v z d load (relay) photo- electric sensor main circuit near far on off on off operate reset operation indicator (yellow) output transistor load (e.g., relay) (between b rown and b lack wires) 2 4 1 3 1 2 3 4 brown blue white black pin no. wire colo r xs2f-d421-d80-a xs2f-d421-g80-a xs2f-d422-d80-a xs2f-d422-g80-a m12 4-wire connectors classification wire color connector pin no. application dc brown a power supply (+v) white b operation selection blue c power supply (0 v) black d output connector pin arrangement m12 pre-wired connector (-m1j) m12 connector pin arrangement 3 1 2 4 connectors (sensor i/o connectors) e55e-en-01+e3fz-e3fr+datasheet.fm seite 11 dienstag, 15. april 2008 5:17 17
12 standard photoelectric sensors dimensions note: all units are in millimeters unless otherwise stated. e 3 fz-series pre-wired models connector models e 3 fz-t @ emitter e 3 fz-t @ receiver e 3 fz-r @ e 3 fz-ls @ e 3 fz-d @ optical axis m18x1 6g m18x1 6g power indicator (green) power indicator (green) m12x1 6g 15 16.25 16.25 30.25 30.35 5.20 4 dia 9.30 optical axis m18x1 6g m18x1 6g stability indicator (green) operation indicator (yellow) operation indicator (yellow) stability indicator (green) m12x1 6g 15 16.25 16.25 30.25 30.35 5.20 4 dia 9.30 optical axis emitter receiver m18x1 6g m18x1 6g stability indicator (green) operation indicator (yellow) operation indicator (yellow) stability indicator (green) m12x1 6g 15 16.25 16.25 30.25 30.35 5.20 4 dia 3.50 9.30 optical axis emitter receiver m18x1 6g m18x1 6g stability indicator (green) operation indicator (yellow) sensitivity adjuster sensitivity adjuster operation indicator (yellow) stability indicator (green) m12x1 6g 15 16.25 16.25 30.25 22.55 30.35 5.20 4 dia 3.50 9.30 e55e-en-01+e3fz-e3fr+datasheet.fm seite 12 dienstag, 15. april 2008 5:17 17
1 3 e3fz/e3fr e 3 fr series pre-wired models connector models e 3 fr-t @ 1h 2m e 3 fr-r @ 1h 2m e 3 fr-ls @ 1h 2m e 3 fr-d @ 2 2m power indicator (green) optical axis 25.75 40.40 5.20 10.75 18.25 m18x1 6g 4 dia 30.35 16.25 15 r8.3 optical axis 25.75 40.40 9.30 10.75 18.25 m18x1 6g m12x1 6g 15 r8.3 stability indicator (green) operation indicator (yellow) 30.35 16.25 emitter receiver stability indicator (green) operation indicator (yellow) receiver emitter optical axis 3.50 25.75 40.40 5.20 10.75 18.25 m18x1 6g 4 dia 30.35 16.25 15 r8.3 receiver emitter optical axis 3.50 25.75 40.40 9.30 10.75 18.25 m18x1 6g m12x1 6g 15 r8.3 stability indicator (green) operation indicator (yellow) sensitivity adjuster receiver emitter optical axis 3.50 25.75 40.40 5.20 10.75 18.25 m18x1 6g 4 dia 30.35 22.55 16.25 15 r8.3 receiver emitter optical axis 3.50 25.75 40.40 9.30 10.75 18.25 m18x1 6g m12x1 6g 15 r8.3 e55e-en-01+e3fz-e3fr+datasheet.fm seite 13 dienstag, 15. april 2008 5:17 17
14 standard photoelectric sensors accessories e 3 9-r1s material: abs b ase, acrylic surface e 3 8-r49 material: abs b ase, acrylic surface e 3 9-el8 material: stainless steel e 3 9-el9 (can b e attached to dia 12 mm mounting rod) material: stainless steel snap mount tool material: abs 34 40.3 52 59.9 2.7 8 1.6 7.5 7 two, 3.5 di a . 34.5 12.6 7.4 32. 8 6.5 ~ 2-3 2.5 630 32 16 3 8 20.15 20 14 42 15 15 4.3 15.5 1.5 ? 25 e55e-en-01+e3fz-e3fr+datasheet.fm seite 14 dienstag, 15. april 2008 5:17 17
15 e3fz/e3fr safety precautions this product is not designed or rated for directly or indirectly ensuring safety of persons. do not use it for such a purpose. do not use the product with voltage in excess of the rated voltage. excess voltage may result in malfunc- tion or fire. never use the product with an ac power supply. otherwise, explostion may result. when cleaning the product, do not apply a high-pres- sure spray of water to one part of the product. other- wise, parts may b ecome damaged and the degree of protection may b e degraded. high-temperature environments may result in b urn injury. the following precautions must b e o b served to ensure safe operation of the sensor. operating environment do not use the sensor in an environment where explosive or flamma b le gas is present. connecting connectors be sure to hold the connector cover when inserting or removing the connector. be sure to tighten the connector lock b y hand; do not use pliers or other tools. if the tightening is insufficient, the degree of protection will not b e maintained and the sensor may b ecome loose due to vi b ration. the appropriate tightening tor q ue is 0. 3 9 to 0.49 nm for m12 connectors. load do not use a load that exceeds the rated load. rotation tor q ue for sensitivity adjustment adjust with a tor q ue of 0.05 nm or less. environements with clea ners and disinfectants (e.g., food processing lines) do not use the sensor in environments su b ject to cleaners and disifectants. they may reduce the degree of protection. modifications do not attempt to disassem b le, repair, or modify the sensor. outdoor use do not use the sensor in locations su b ject to direct sunlight. cleaning do not use thinner, alcohol, or other organic solvents. otherwise, the optical properties and degree of protection may b e degraded. surface temperature burn injury may occur. the sensor surface temperature rises de- pending on application conditions, such as the surrounding tem- perature and the power supply voltage. use caution when operating or washing the sensor. do not use the sensor in any atmosphere or environment that exceeds the ratings. do not install the sensor in the following locations. (1) locations su b ject to direct sunlight (2) locations su b ject to condensation due to high humidity ( 3 ) locations su b ject to corrosive gas (4) locations where the sensor may receive direct vi b ration or shock connecting and mounting (1) the maximum power supply voltage is 3 0 vdc. before turning the power on, make sure that the power supply voltage does not exceed the maximum voltage. (2) laying sensor wiring in the same conduit or duct as high-volt- age wires or power lines may result in malfunction or damage due to induction. as a general rule, wire the sensor in a sepa- rate conduit or use shielded ca b le. ( 3 ) use an extension ca b le with a minimum thickness of 0. 3 mm 2 and less than 100 m long. (4) do not pull on the ca b le with excessive force. (5) pounding the photoelectric sensor with a hammer or other tool during mounting will impair water resistance. (6) mount the sensor either using the b racket (sold separately) or on a flat surface. (7) be sure to turn off the power supply b efore inserting or re- moving the connector. cleaning never use thinner or other solvents. otherwise, the sensor sur- face may b e dissolved. power supply if a commercial switching regulator is used, ground the fg (frame ground) terminal. power supply reset time the sensor will b e a b le to detect o b jects 100 ms after the power supply is tuned on. start using the sensor 100 ms or more after turning on the power supply. if the load and the sensor are con- nected to separate power supplies, b e sure to turn on the sensor first. turning off the power supply output pulses may b e generated even when the power supply is off. therefore, it is recommended to first turn off the power supply for the load or the load line. load short-circuit protection this sensor is e q uipped with load short-circuit protection, b ut b e sure to not short circuit the load. be sure to not use an output cur- rent flow that exceeds the rated current. if a load short circuit oc- curs, the output will turn off, so check the wiring b efore turning on the power supply again. the short-circuit protection circuit will b e reset. the load short-circuit protection will operate when the current flow reaches 1.8 times the rated load current. when using a capacitive load, use an inrush current of 1.8 times the rated load current or higher. water resistance do not use the sensor in water, rainfall, or outdoors. ! warning ! caution precautions for safe use precautions for correct use e55e-en-01+e3fz-e3fr+datasheet.fm seite 15 dienstag, 15. april 2008 5:17 17
terms and conditions of sale 1. offer; acceptance . these terms and conditions (these "terms ") are deemed part of all quotes, agreements, purchase orders, acknowledgments, price lists, catalogs, manuals, brochures and other documents, whether electronic or in writing, relating to the sale of products or services (collectively, the "products ") by omron electronics llc and its subsidiary companies (?omron ?). omron objects to any terms or conditions proposed in buyer?s purchase order or other documents which are inconsistent with, or in addition to, these terms. 2. prices; payment terms. all prices stated are current, subject to change with- out notice by omron. omron reserves the right to increase or decrease prices on any unshipped portions of outstanding orders. payments for products are due net 30 days unless otherwise stated in the invoice. 3. discounts. cash discounts, if any, will apply only on the net amount of invoices sent to buyer after deducting transportation charges, taxes and duties, and will be allowed only if (i) the invoice is paid according to omron?s payment terms and (ii) buyer has no past due amounts. 4. interest. omron, at its option, may charge buyer 1-1/2% interest per month or the maximum legal rate, whichever is less, on any balance not paid within the stated terms. 5. orders . omron will accept no order less than $200 net billing. 6. governmental approvals. buyer shall be responsible for, and shall bear all costs involved in, obtaining any government approvals required for the impor- tation or sale of the products. 7. taxes . all taxes, duties and other governmental charges (other than general real property and income taxes), including any interest or penalties thereon, imposed directly or indirectly on omron or required to be collected directly or indirectly by omron for the manufacture, production, sale, delivery, importa- tion, consumption or use of the products sold hereunder (including customs duties and sales, excise, use, turnover and license taxes) shall be charged to and remitted by buyer to omron. 8. financial. if the financial position of buyer at any time becomes unsatisfactory to omron, omron reserves the right to stop shipments or require satisfactory security or payment in advance. if buyer fails to make payment or otherwise comply with these terms or any related agreement, omron may (without liabil- ity and in addition to other remedies) cancel any unshipped portion of prod- ucts sold hereunder and stop any products in transit until buyer pays all amounts, including amounts payable hereunder, whether or not then due, which are owing to it by buyer. buyer shall in any event remain liable for all unpaid accounts. 9. cancellation; etc. orders are not subject to rescheduling or cancellation unless buyer indemnifies omron against all related costs or expenses. 10. force majeure . omron shall not be liable for any delay or failure in delivery resulting from causes beyond its control, including earthquakes, fires, floods, strikes or other labor disputes, shortage of labor or materials, accidents to machinery, acts of sabotage, riots, delay in or lack of transportation or the requirements of any government authority. 11. shipping; delivery. unless otherwise expressly agreed in writing by omron: a. shipments shall be by a carrier selected by omron; omron will not drop ship except in ?break down? situations. b. such carrier shall act as the agent of buyer and delivery to such carrier shall constitute delivery to buyer; c. all sales and shipments of products shall be fob shipping point (unless oth- erwise stated in writing by omron), at which point title and risk of loss shall pass from omron to buyer; provided that omron shall retain a security inter- est in the products until the full purchase price is paid; d. delivery and shipping dates are estimates only; and e. omron will package products as it deems proper for protection against nor- mal handling and extra charges apply to special conditions. 12. claims. any claim by buyer against omron for shortage or damage to the products occurring before delivery to the carrier must be presented in writing to omron within 30 days of receipt of shipment and include the original trans- portation bill signed by the carrier noting that the carrier received the products from omron in the condition claimed. 13. warranties . (a) exclusive warranty . omron?s exclusive warranty is that the products will be free from defects in materials and workmanship for a period of twelve months from the date of sale by omron (or such other period expressed in writing by omron). omron disclaims all other warranties, express or implied. (b) limitations . omron makes no warranty or representation, express or implied, about non-infringement, merchantabil- ity or fitness for a particular purpose of the pro ducts. buyer acknowledges that it alone has determined that the products will suitably meet the requirements of their intended use. omron further disclaims all warranties and responsibility of any type for claims or expenses based on infringement by the products or oth- erwise of any intellectual property right. (c) buyer remedy . omron?s sole obli- gation hereunder shall be, at omron?s election, to (i) replace (in the form originally shipped with buyer responsible for labor charges for removal or replacement thereof) the non-complying product, (ii) repair the non-complying product, or (iii) repay or credit buyer an amount equal to the purchase price of the non-complying product; provided that in no event shall omron be responsi- ble for warranty, repair, indemnity or any other claims or expenses regarding the products unless omron?s analysis confirms that the products were prop- erly handled, stored, installed and maintained and not subject to contamina- tion, abuse, misuse or inappropriate modification. return of any products by buyer must be approved in writing by omron before shipment. omron compa- nies shall not be liable for the suitability or unsuitability or the results from the use of products in combination with any electrical or electronic components, circuits, system assemblies or any other materials or substances or environ- ments. any advice, recommendations or information given orally or in writing, are not to be construed as an amendment or addition to the above warranty. see http:// www.omron247.com or contact your omron representative for pub- lished information. 14. limitation on liability; etc . omron companies shall not be liable for special, indirect, incidental, or consequential damages, loss of profits or production or commercial loss in any way connected with the products, whether such claim is based in contract, warranty, negligence or strict liability. further, in no event shall liability of omron companies exceed the individual price of the product on which liability is asserted. 15. indemnities . buyer shall indemnify and hold harmless omron companies and their employees from and against all liabilities, losses, claims, costs and expenses (including attorney's fees and expenses) related to any claim, inves- tigation, litigation or proceeding (whether or not omron is a party) which arises or is alleged to arise from buyer's acts or omissions under these terms or in any way with respect to the products. without limiting the foregoing, buyer (at its own expense) shall indemnify and hold harmless omron and defend or set- tle any action brought against such companies to the extent based on a claim that any product made to buyer specifications infringed intellectual property rights of another party. 16. property; confidentiality. any intellectual property in the products is the exclu- sive property of omron companies and buyer shall not attempt to duplicate it in any way without the written permission of omron. notwithstanding any charges to buyer for engineering or tooling, all engineering and tooling shall remain the exclusive property of omron. all information and materials supplied by omron to buyer relating to the products are confidential and proprietary, and buyer shall limit distribution thereof to its trusted employees and strictly prevent disclosure to any third party. 17. export controls. buyer shall comply with all applicable laws, regulations and licenses regarding (i) export of products or information; (iii) sale of products to ?forbidden? or other proscribed persons; and (ii) disclosure to non-citizens of regulated technology or information. 18. miscellaneous . (a) waiver . no failure or delay by omron in exercising any right and no course of dealing between buyer and omron shall operate as a waiver of rights by omron. (b) assignment . buyer may not assign its rights hereunder without omron's written consent. (c) law. these terms are governed by the law of the jurisdiction of the home office of the omron company from which buyer is purchasing the products (without regard to conflict of law princi- ples). (d) amendment . these terms constitute the entire agreement between buyer and omron relating to the products, and no provision may be changed or waived unless in writing signed by the parties. (e) severability . if any provi- sion hereof is rendered ineffective or invalid, such provision shall not invalidate any other provision. (f) setoff . buyer shall have no right to set off any amounts against the amount owing in respect of this invoice. (g) definitions . as used herein, ?including ? means ?including without limitation?; and ?omron compa- nies ? (or similar words) mean omron corporation and any direct or indirect subsidiary or affiliate thereof. certain precautions on specifications and use 1. suitability of use . omron companies shall not be responsible for conformity with any standards, codes or regulations which apply to the combination of the product in the buyer?s application or use of the product. at buyer?s request, omron will provide applicable third party certification documents identifying ratings and limitations of use which apply to the product. this information by itself is not sufficient for a complete determination of the suitability of the prod- uct in combination with the end product, machine, system, or other application or use. buyer shall be solely responsible for determining appropriateness of the particular product with respect to buyer?s application, product or system. buyer shall take application responsibility in all cases but the following is a non-exhaustive list of applications for which particular attention must be given: (i) outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this document. (ii) use in consumer products or any use in significant quantities. (iii) energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equip- ment, and installations subject to separate industry or government regulations. (iv) systems, machines and equipment that could present a risk to life or prop- erty. please know and observe all prohibitions of use applicable to this prod- uct. never use the product for an application involving serious risk to life or property or in large quantities without ensuring that the system as a whole has been designed to address the risks, and that the omron?s pro duct is prop- erly rated and installed for the intended use within the overall equipment or system. 2. programmable products. omron companies shall not be responsible for the user?s programming of a programmable product, or any consequence thereof. 3. performance data . data presented in omron company websites, catalogs and other materials is provided as a guide for the user in determining suitabil- ity and does not constitute a warranty. it may represent the result of omron?s test conditions, and the user must correlate it to actual application require- ments. actual performance is subject to the omron?s warranty and limitations of liability. 4. change in specifications . product specifications and accessories may be changed at any time based on improvements and other reasons. it is our prac- tice to change part numbers when published ratings or features are changed, or when significant construction changes are made. however, some specifica- tions of the product may be changed without any notice. when in doubt, spe- cial part numbers may be assigned to fix or establish key specifications for your application. please consult with your omron?s representative at any time to confirm actual specifications of purchased product. 5. errors and omissions. information presented by omron companies has been checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors or omissions.
printed on recycled paper . cat. no. e55e-en-01 03/11 note: specifications are subject to change. ? 2011 omron electronics llc printed in u.s.a. omron canada, inc. ? head office toronto, on, canada ? 416.286.6465 ? 866.986.6766 ? www.omron247.com omron electronics de mexico ? head office mxico df ? 52. 55.59.01.43.00 ? 001.800.556.6766 ? mela@omron.com omron electronics de mexico ? sales office apodaca, n.l. ? 52.81.11.56.99.20 ? 001.800.556.6766 ? mela@omron.com omron eletr?nica do brasil ltda ? head office s?o paulo, sp, brasil ? 55.11.2101.6300 ? www.omron.com.br omron argentina ? sales office cono sur ? 54.11.4783.5300 omron chile ? sales office santiago ? 56.9.9917.3920 other omron latin america sales 54.11.4783.5300 automation systems ? programmable logic controllers (plc) ? human machine interfaces (hmi) ? remote i/o ? industrial pcs ? software motion & drives ? motion controllers ? servo systems ? ac drives control components ? temperature controllers ? power supplies ? timers ? counters ? programmable relays ? digital panel indicators ? electromechanical relays ? monitoring products ? solid-state relays ? limit switches ? pushbutton switches ? low voltage switch gear sensing & safety ? photoelectric sensors ? inductive sensors ? capacitive & pressure sensors ? cable connectors ? displacement & width-measuring sensors ? vision systems ? safety networks ? safety sensors ? safety units/relay units ? safety door/guard lock switches authorized distributor: omron industrial automation ? the americas headquarters ? schaumburg, il usa ? 847.843.7900 ? 800.556.6766 ? www.omron247.com o mron e uro p e b.v. ? wegalaan 67-69, nl-2132 jd, hoofddorp, the netherlands. ? tel: +31 (0) 23 568 13 00 ? fax: +31 (0) 23 568 13 88 ? www.industrial.omron.eu


▲Up To Search▲   

 
Price & Availability of E3FZLS86H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X