Part Number Hot Search : 
2SCR543R PAC03 10H12D XE5224FD PSW1C 11801 MJE5850 16NF10
Product Description
Full Text Search
 

To Download DDTA123EKA-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30341 rev. 5 - 2 1 of 3 ddta (r1 = r2 series) ka www.diodes.com  diodes incorporated ddta (r1 = r2 series) ka pnp pre-biased small signal sc-59 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1 = r2  available in lead free/rohs compliant version (note 2) characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta123eka ddta143eka ddta114eka ddta124eka ddta144eka ddta115eka v in +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 v output current ddta123eka ddta143eka ddta114eka ddta124eka ddta144eka ddta115eka i o -100 -100 -50 -30 -100 -20 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified mechanical data  case: sc-59  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over copper leadframe). please see ordering information, note 4, on page 2  terminal connections: see diagram  marking: date code and type code (see table below & page 2)  ordering information (see page 2)  weight: 0.008 grams (approximate) t c u d o r p w e n in in r 1 r 2 gnd schematic diagram out gnd o ut p/n r1, r2 (nom) type code ddta123eka ddta143eka ddta114eka ddta124eka ddta144eka ddta115eka 2.2k  4.7k  10k  22k  47k  100k  p04 p08 p13 p17 p20 p24 sc-59 dim min max a 0.35 0.50 b 1.50 1.70 c 2.70 3.00 d 0.95 g 1.90 h 2.90 3.10 j 0.013 0.10 k 1.00 1.30 l 0.35 0.55 m 0.10 0.20  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. a m j l d b c h k g out in gnd
ds30341 rev. 5 - 2 2 of 3 ddta (r1 = r2 series) ka www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) -0.5 -1.1  v v cc = -5v, i o = -100  a v l(on)  -1.9 -3 v o = -0.3v, i o = -20ma, ddta123eka v o = -0.3v, i o = -20ma, ddta143eka v o = -0.3v, i o = -10ma, ddta114eka v o = -0.3v, i o = -5ma, ddta124eka v o = -0.3v, i o = -2ma, ddta144eka v o = -0.3v, i o = -1ma, ddta115eka output voltage v o(on)  -0.1 -0.3 v i o /i l = -10ma/-0.5ma, ddta123eka i o /i l = -10ma/-0.5ma, ddta143eka i o /i l = -10ma/-0.5ma, ddta114eka i o /i l = -10ma/-0.5ma, ddta124eka i o /i l = -10ma/-0.5ma, ddta144eka i o /i l = -5ma/-0.25ma, ddta115eka input current ddta123eka ddta143eka ddta114eka ddta124eka ddta144eka ddta115eka i l  -3.8 -1.8 -0.88 -0.36 -0.18 -0.15 ma v i = -5v output current i o(off)  -0.5  a v cc = -50v, v i = 0v dc current gain ddta123eka ddta143eka ddta114eka ddta124eka ddta144eka ddta115eka g l 20 20 30 56 68 82  v o = -5v, i o = -20ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance r 1 -30  +30 %  resistance ratio r 2 /r 1 0.8 1 1.2   gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part numbers, please add "-f" suffix to the part numbers above. examp le: ddta115eka-7-f. device packaging shipping DDTA123EKA-7 sc-59 3000/tape & reel ddta143eka-7 sc-59 3000/tape & reel ddta114eka-7 sc-59 3000/tape & reel ddta124eka-7 sc-59 3000/tape & reel ddta144eka-7 sc-59 3000/tape & reel ddta115eka-7 sc-59 3000/tape & reel (note 3) ordering information
ds30341 rev. 5 - 2 3 of 3 ddta (r1 = r2 series) ka www.diodes.com t c u d o r p w e n 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e 75 c -25c 5 67 25c v = 5v o 0 2 4 6 10 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 12 10 5 15 25 8 i=0ma e 10 1000 100 1 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - ddta143eka


▲Up To Search▲   

 
Price & Availability of DDTA123EKA-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X