Part Number Hot Search : 
AHSN5K1B K3070 SS16A M5267 60101 057472 048HS3F LCX03
Product Description
Full Text Search
 

To Download D5V0L1B2LP4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  D5V0L1B2LP4 document number: ds35586 rev. 4 - 2 1 of 4 www.diodes.com january 2012 ? diodes incorporated d5 v 0l1b2lp4 advance information low capacitance bidirectional tvs diode features ? provides esd protection per iec 61000-4-2 standard: air ? 30kv, contact ? 30kv ? ultra low profile (0.4mm), ideal for thin portable electronics ? 1 channel of esd protection ? low channel input capacitance ? typically used in cellular handsets, portable electronics, communication systems, computers and peripherals ? lead free/rohs compliant (note 1) ? ?green? device (note 2) mechanical data ? case: x2-dfn1006-2 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: nipdau over copper leadframe. solderable per mil- std-202, method 208 ? weight: 0.001 grams (approximate) ordering information (note 3) d 5v0 l x b x xxx- xx 5v0: 5.0 volts voltage capacitance # of channels polarity # of pins package packing x: extremely low (<0.5pf) f: ultra low (0.5 ~ 1.0pf) p: very low (1.1 ~ 10pf) l: low (10.1 ~ 20pf) m: medium (>20pf) 1: 1 channel 2: 2 channels 4: 4 channels 6: 6 channels b: bidirectional (symmetrical) u: unidirectional a: bidirectional (asymmetrical) 2: 2 pins 3: 3 pins 5: 5 pins 6: 6 pins 8: 8 pins 10: 10 pins lp3: x3-dfn0603-2 lp: x1-dfn1006-2 lp4: x2-dfn1006-2 ws: sod323 t: sod523/sot523 so: sot23/sot25 w: sod123/sot323 ts: tsot25/tsot26 s: sot353/sot363 v:sot553/sot563 7: 7? reel (3k/reel) 7b: 7? reel (10kreel) 13: 13? reel part number case packaging D5V0L1B2LP4-7b x2-dfn1006-2 10,000/tape & reel notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. no purposely added lead. halogen and antimony free. 2. diodes inc.?s ?green? policy can be found on our website at http://www.diodes.com. 3. for packaging details, go to our website at http://www.diodes.com. marking information device schematic bottom view z = product type marking code line denotes pin 1 x2-dfn1006-2 z pin 1 pin 2
D5V0L1B2LP4 document number: ds35586 rev. 4 - 2 2 of 4 www.diodes.com january 2012 ? diodes incorporated d5 v 0l1b2lp4 advance information maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit conditions peak pulse power dissipation p pp 84 w 8/20 s, per fig. 1 peak pulse current i pp 6 a 8/20 s, per fig. 1 esd protection ? contact discharge v esd_contac t 30 kv iec 61000-4-2 standard esd protection ? air discharge v esd_ai r 30 kv iec 61000-4-2 standard thermal characteristics characteristic symbol value unit package power dissipation (note 4) p d 250 mw thermal resistance, junction to ambient (note 4) r ja 500 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test conditions reverse standoff voltage v rwm - - 5 v - channel leakage current (note 5) i rm - 10 100 na v rwm = 5v clamping voltage, positive transients v cl - - - - 7.0 9.0 10.5 11.5 9.0 11.0 12.0 14.0 v i pp = 1a, t p = 8/20 s i pp = 3.5a, t p = 8/20 s i pp = 5a, t p = 8/20 s i pp = 6a, t p = 8/20 s breakdown voltage v br 6 7 8 v i r = 1ma differential resistance r dif - 0.2 - ? i r = 1a, t p = 8/20 s channel input capacitance c t - 15 20 pf v r = 0v, f = 1mhz notes: 4. device mounted on fr-4 pcb pad layout (2oz copper) as shown on diodes, inc. suggeste d pad layout ap02001, which can b e found on our website at http://www.diodes.com. 5. short duration pulse test used to minimize self-heating effect. 0 t, time ( s) fig. 1 pulse waveform 20 40 60 100 50 0 i , peak pulse current (%i ) pp p p 10 11 12 13 14 15 16 17 18 01 2 3 4 56 v , reverse voltage (v) fig. 2 typical total capacitance vs. reverse voltage r c , t o t al c a p a c i t an c e (pf) t f = 1 mhz
D5V0L1B2LP4 document number: ds35586 rev. 4 - 2 3 of 4 www.diodes.com january 2012 ? diodes incorporated d5 v 0l1b2lp4 advance information 0 50 25 50 75 100 125 150 p eak p u lse de r a t i n g % o f peak power or current t , ambient temperature (c) fig. 3 pulse derating curve a 0 100 25 75 175 200 0.1 1 10 100 0123456 fig. 4 typical reverse characteristics v , reverse voltage (v) r i , leakage current (na) r t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a package outline dimensions suggested pad layout x2-dfn1006-2 dim min max typ a 0.34 0.4 0.37 a1 0 0.05 0.03 b 0.45 0.55 0.50 d 0.95 1.075 1.00 e 0.55 0.675 0.60 e ? ? 0.40 l 0.20 0.30 0.25 r 0.05 0.15 0.10 all dimensions in mm dimensions value (in mm) z 1.1 g 0.3 x 0.7 y 0.4 c 0.7 z x c g y l e b r e d a1 a
D5V0L1B2LP4 document number: ds35586 rev. 4 - 2 4 of 4 www.diodes.com january 2012 ? diodes incorporated d5 v 0l1b2lp4 advance information important notice diodes incorporated makes no warranty of any kind, express or implied, with regarding to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of D5V0L1B2LP4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X