Part Number Hot Search : 
C1227 A51DC L5017 NTE10 OPB370 Q5E250AJ GSC103A PJ1084P9
Product Description
Full Text Search
 

To Download CZRF11VB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage 2.4 to 39 v olts power 200 mw atts czrf2v4b thru czrf39vb page 1 features -200mw power dissipation. -high v oltages from 2.4 ~ 39 v . -designed for mounting on small surface. -extremely thin/leadless package. -constant voltage control. -pb free product. mechanical data -case: 1005 standard package /sod-323f molded plastic. -t erminals: gold plated, solderable per mil-std-750,method 2026. -polarity: indicated by cathode band. -w eight: 0.006 gram(approx.). op era tin g j un cti on an d s tor ag e t em pe rat ur e r an ge p ar am et er s ym bo l v al ue 0.9 20 0 -55 to +1 25 u ni t v mw fo rw ard cu rre nt , s ur ge pe ak 8.3 m s s ing le ha lf s ine -w av e s up eri mp os ed on ra te loa d( je de c me tho d ) 2.0 a maximum rating and electrical characteristics i fsm p d v f t j o c maximum forward v oltage drop at i f = 10 ma o maximum power dissipation at 25 c 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 9 5 ( 2 . 4 0 ) 0 . 0 2 0 ( 0 . 5 0 ) t y p . 0 . 0 5 1 ( 1 . 3 0 ) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 7 ( 0 . 7 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 0 . 0 1 2 ( 0 . 3 0 ) t y p . 0 . 0 4 0 ( 1 . 0 0 ) t y p . qw -a2003 rev :c pe ak es d vo lta ge ca pa bil ity (ie c 61 00 0-4 -2) 8 v pv kv comchip t echnology co., l td. rohs device 1 0 0 5 / s o d - 3 2 3 f
smd zener diode page 2 part num ber m a rk in g cod e min max i z (ma ) max i z (ma ) max i z (ma ) max v r (v) v z (v) zzt( ohm ) zzk (ohm ) ir(u a) zene r v oltag e ope ratin g resi stan ce risi ng oper ating res istan ce rev erse curr ent o electrical characteristics(t a = 25c) rev :c qw -a2003 c z r f 2 v 4 b c z r f 2 v 7 b c z r f 3 v 0 b c z r f 3 v 3 b c z r f 3 v 6 b c z r f 3 v 9 b c z r f 4 v 3 b c z r f 4 v 7 b c z r f 5 v 1 b c z r f 5 v 6 b c z r f 6 v 2 b c z r f 6 v 8 b c z r f 7 v 5 b c z r f 8 v 2 b c z r f 9 v 1 b c z r f 1 0 v b c z r f 1 1 v b c z r f 1 2 v b c z r f 1 3 v b c z r f 1 5 v b c z r f 1 6 v b c z r f 1 8 v b c z r f 2 0 v b c z r f 2 2 v b c z r f 2 4 v b c z r f 2 7 v b c z r f 3 0 v b c z r f 3 3 v b c z r f 3 6 v b c z r f 3 9 v b u 2 u 3 u 4 u 5 u 6 u 7 u 8 u 9 u a u b u c u e u f u g u h u j u k u m u n u p u q u r u s u t u u u v u w u x u y u z 2 .3 4 2 .6 3 2 .9 3 3 .2 2 3 .5 1 3 .8 0 4 .1 9 4 .5 8 4 .9 7 5 .4 6 6 .0 5 6 .6 3 7 .3 1 8 .0 0 8 .8 7 9 .7 5 1 0 .7 3 1 1 .7 0 1 2 .6 8 1 4 .6 3 1 5 .6 0 1 7 .5 5 1 9 .5 0 2 1 .4 5 2 3 .4 0 2 6 .3 3 2 9 .2 5 3 2 .1 8 3 5 .1 0 3 8 .0 3 2 .4 6 2 .7 7 3 .0 8 3 .3 8 3 .6 9 4 .0 0 4 .4 1 4 .8 2 5 .2 3 5 .7 4 6 .3 6 6 .9 7 7 .6 9 8 .4 1 9 .3 3 1 0 .2 5 1 1 .2 7 1 2 .3 0 1 3 .3 2 1 5 .3 7 1 6 .4 0 1 8 .4 5 2 0 .5 0 2 2 .5 5 2 4 .6 0 2 7 .6 7 3 0 .7 5 3 3 .8 2 3 6 .9 0 3 9 .9 7 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 0 0 1 0 0 9 5 9 5 9 0 9 0 8 8 7 0 5 0 2 5 1 0 8 7 7 1 0 1 5 1 8 2 2 2 5 3 2 3 6 4 2 4 8 5 5 6 2 7 0 7 8 8 8 9 5 1 3 0 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 8 0 0 1 9 0 0 2 0 0 0 2 2 0 0 2 3 0 0 2 4 0 0 2 5 0 0 2 2 0 0 2 0 5 0 1 8 0 0 1 3 0 0 7 5 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 7 0 0 7 0 0 8 0 0 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 1 0 0 7 5 5 0 2 5 1 5 1 0 5 3 2 2 1 1 0 .5 0 .5 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 1 1 1 1 1 1 1 1 .5 2 3 4 5 .2 6 6 .5 7 8 .4 9 .1 9 .9 1 1 1 2 1 4 1 5 1 7 1 8 2 1 2 3 2 5 2 7 3 0 8 comchip t echnology co., l td.
ra ting and characteristic cur ves (czrf2v4b thru czrf39vb) 1 0 0 m 1 0 m 1 m 1 0 0 1 0 1 1 0 0 n 1 0 n 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 f ig . 1 z e n e r v o lt a g e c h a r a c t e r is t ic s 3 . 6 3 . 9 4 . 3 4 . 7 5 . 1 5 . 6 6 . 2 6 . 8 7 . 5 8 . 2 9 . 1 1 0 1 1 1 2 1 3 1 5 1 6 3 0 2 7 2 4 2 2 2 0 1 8 3 3 3 6 3 0 0 2 0 0 1 0 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 f ig . 2 d e r a t in g c u r v e zener vol t age:v z (v) 0 . 1 0 i z =5ma 2 1 0 2 0 3 0 0 . 0 8 0 . 0 6 0 . 0 2 0 . 0 0 - 0 . 0 2 - 0 . 0 4 - 0 . 0 6 - 0 . 0 6 - 0 . 0 8 0 . 0 4 p o w e r d i s s i p a t i o n : p d ( m w ) f ig . 3 z e n e r v o lt a g e - t e m p . c o e f f ic ie n t c h a r a c t e r is t ic s z e n e r c u r r e n t : i z ( a ) z e n e r vol t a g e : v z (v ) o ambient tempera ture:t a( c) i z =500 a o t e m p c o e f f i c i e n t c h a r a c t e r i s t i c s ( % / c ) page 3 qw -a2003 rev :c smd zener diode comchip t echnology co., l td.
page 4 qw -a2003 rev :c smd zener diode i n d e x h o l e o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c direction of feed b c d d d 2 d 1 e f p p 0 p 1 t s y m b o l a w w 1 reel t aping specification ( m m ) ( i n c h ) 0 . 0 6 1 0 . 0 0 4 0 . 1 0 4 0 . 0 0 4 0 . 0 4 1 0 . 0 0 4 0 . 0 6 1 0 . 0 0 2 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 9 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . polarity 1 . 5 5 0 . 1 0 2 . 6 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 0 5 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 3 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 1 0 0 5 ( s o d - 3 2 3 f ) 1 0 0 5 ( s o d - 3 2 3 f ) comchip t echnology co., l td.
page 5 qw -a2003 rev :c smd zener diode suggested p ad layout size (inch) 0.083 (mm) 2.10 1.20 1.20 0.047 0.047 3.30 0.130 e 0.90 0.035 standard package a b c d a c b e d 1 0 0 5 / s o d - 3 2 3 f c a s e t y p e q t y p e r r e e l ( p c s ) 4 0 0 0 1 0 0 5 / s o d - 3 2 3 f r e e l s i z e ( i n c h ) 7 comchip t echnology co., l td.


▲Up To Search▲   

 
Price & Availability of CZRF11VB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X