Part Number Hot Search : 
TSM3442 BAS11 AOB418L 5N06L 4N03L LT1079M 2SB1156 XPC05DTC
Product Description
Full Text Search
 

To Download CEM830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  66 * all specifcations and photos are subject to change without notice. axiomtek.com sbc services and solutions systems on modules embedded sbcs >epic embedded sbcs >3.5" capa embedded sbcs >nano-itx embedded sbcs >pico-itx embedded sbcs >pc/104 industrial mother- boards slot cpu cards accessories appendix ? 2013 axiomtek co., ltd. all rights reserved. CEM830 socket m intel ? core?2 duo com express? type 2 module with intel ? 945gme + ich7m chipset socket m intel ? core?2 duo processor with fsb 533/667 mhz intel ? 945gme + ich7m chipset with high performance integrated graphics controller and discrete solution through pcie x16 interface 19 lanes of pci express 8 usb 2.0 ports i/o ordering information packing list system mio 1 x ide; pata-100 1 x lpc interface sata 2 x sata-150 hardware monitoring n/a ethernet 1 port as 10/100/1000mbps supports wake-on-lan, rpl/pxe boot rom with intel ? 82573l audio hd/ac'97 link interface to baseboard for external codec usb 8 x usb 2.0 smbus yes i 2 c 1 x i 2 c gpio 4 channels in & 4 channles out standard CEM830vg (pn: e38d830102) com express type 2 module with socket m, vga/lvds lcd, 10/100/1000mbps ethernet optional ceb94000 atx form factor baseboard 5078d820000e CEM830/820 heatspreader module for bga type cpu 5078d820100e CEM830/820 heatspreader module for pga type cpu 5078d830100e com express som low profle cooling kit with fan 5078d830200e com express som low profle cooling kit without fan quick installation guide, user's manual/utility cd cpu socket m for intel ? core?2 duo/ core? duo/ core? solo/ celeron ? m processors with fsb 533/667 mhz; intel core?2 duo processor l7400 and celeron m processor ulv 423 onboard system memory 2 x 200-pin so-dimm supports ddr2-533/667 max. up to 4 gb chipset intel ? 945gme + ich7m/ich7m-dh bios phoenix-award ssd n/a watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pcie x16 graphics port supports for sdvo or pcie x1 devices 3 x pcie lanes support for 3 x pcie x1 devices 4 x 32-bit pci bus masters battery n/a power requirements intel ? celeron ? m 440 @1.86 ghz, 2gb ddr2 max. rms: +5vsb @ 24ma, +12v @ 1.835a size 125 x 95 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation relative humidity 10% ~ 95% relative humidity, non-condensing features double deck ddr2 so-dimm low p o we r dualv iew rear view display chipset intel ? gma 950 graphics core memory size intel ? dvmt 3.0 compliant display interface 1 x vga 1 x lvds; 18/24-bit single/dual channel


▲Up To Search▲   

 
Price & Availability of CEM830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X