Part Number Hot Search : 
178LX 20ETTTS 68HC70 GF30DLH AN994 15700 1N141 NTE2320
Product Description
Full Text Search
 

To Download BR1510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  galaxy electrical features rating to 1000v prv surge overload rating to 300 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique results in inexpensive product maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. br 1502 br 1504 br 1506 br 1508 br 1510 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard output current @t a =50 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage @ 7.5 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg - 55 ---- + 150 - 55 ---- + 125 i r silicon bridge rect ifiers mounting: thru hole for # 8 screw mounting a 100 70 voltage range: 50 --- 1000 v current: 15.0 a 35 50 br i fsm a 10.0 lead solderable per mil-std-202 method 208 i f(av) 15.0 br15005 - - - BR1510 br 15005 br 1501 50 100 1.1 1.0 300.0 www.galaxycn.com inch (mm) bl bl galaxy electrical document number 0287049 1. .452 (11.5) 1.181(30.0) 1.102(28.0) max .425(10.8) .480(12.2) .633(16.1) .673(17.1) .673(17.1) .633(16.1) .692(17.6) .732(18.6) .582(14.8) .543(13.8) (0.8x 6.4) .033x 250 hole for no.8 screw 1.102(28.0) 1.181(30.0) ac ac - + metal heat sink plastic
0.9 1.0 1.1 1.2 1.3 .01 0.1 1.0 t j =25 0.7 0.8 10 1.4 100 10 04060 20 100 120 140 80 t j =25 0.1 1.0 .01 0 5 10 050100 15 20 150 25 175 0 100 1 100 500 200 300 400 10 8.3ms single half sine wave t j =125 peak forward surge current, amperes average forward output current, amperes br15005 - - - BR1510 number of cycles at 60h z ambient temperature, fi g. 2 -- forward derati ng curve ratings and characteristic curves fi g. 1 -- peak forward surge current amperes micro amperes instantaneous reverse current, fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts percent of rated peak reverse voltage instantaneous forward current, bl galaxy electrical www.galaxycn.com document number 0287049 2.


▲Up To Search▲   

 
Price & Availability of BR1510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X