Part Number Hot Search : 
BUK9Y EN25F16 FDZ293P MC33977 FBR5010W SSG4565 DTC114 ICS18
Product Description
Full Text Search
 

To Download BCR1002N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c700n3 issued date : 2008.02.25 revised date :2014.01.24 page no. : 1/7 BCR1002N3 cystek product specification pnpn epitaxial planar scr BCR1002N3 descriptions the BCR1002N3 is designed for high volume consumer a pplications such as temperature, light, and speed control; process and remote control, and warning systems where reliability of operation is important. features ? practical level triggering and holding characteristics ? on state current rating of 0.2a rms ? sensitive gate allows triggering by microcontrollers and other logic circuits ? pb-free package symbol outline ordering information device package shipping BCR1002N3-0-t1-g sot-23 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel BCR1002N3 sot-23 a g gate a anode k cathode g k environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, t1 : 3000 pc s / tape & reel, 7? reel product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c700n3 issued date : 2008.02.25 revised date :2014.01.24 page no. : 2/7 BCR1002N3 cystek product specification absolute maximum ratings (t j =25 c) parameter symbol limits unit peak repetitive off-state voltage @t j =-40 to 125 , r gk =1k v drm 140 v on-state current @t c =80 i t(rms) 350 ma average on-state current @ t c =80 i t(av) 220 ma reverse peak gate voltage @t a =25 , pulse width 1 s v grm 8 v forward peak gate current @t a =25 , pulse width 1 s i gm 500 ma forward average gate power @ t a =25 , t=8.3ms p g(av) 100 mw thermal resistance, junction to ambient r ja 556 c/w thermal resistance, junction to case r jc 208 c/w junction temperature tj -40~+125 c storage temperature tstg -40~+150 c note : stress exceeding maximum ratings may damage the de vice. maximum ratings are st ress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. v drm can be applied on a continuous basis. ratings apply for zero or negative gate voltage; however , positive gate voltage shall not be applied concurrent with negative potential on the anode. blocking voltage shall not be tested with a constant current source such that the voltage ratings of the device are exceeded. characteristics (ta=25 c) symbol min. typ. max. unit test conditions i drm - - 100 a v d =140v, r gk =1k , t c =125 i drm - - 10 a v d =140v, r gk =1k , t c =25 *v tm - - 1.5 v i tm =200ma i gt - - 100 a v d =7v, r l =100 i h - - 5 ma v d =7v, r gk =1k i l - - 6 ma v d =7v, i g =200 a v gt - - 0.8 v v d =7v, r l =100 dv/dt 25 - - v/ s v d =35v, r gk =1k di/dt 30 - - a/ s i g =10ma, di g /dt=100ma/ s, p w =10 s *pulse test: pulse width 300 s, duty cycle 2%
cystech electronics corp. spec. no. : c700n3 issued date : 2008.02.25 revised date :2014.01.24 page no. : 3/7 BCR1002N3 cystek product specification recommended soldering footprint
cystech electronics corp. spec. no. : c700n3 issued date : 2008.02.25 revised date :2014.01.24 page no. : 4/7 BCR1002N3 cystek product specification typical characteristics gate trigger current vs junction temperature 0 10 20 30 40 50 60 70 -50 -25 0 25 50 75 100 125 junctiontemperature---t j () gate trigger current---i gt ( a) gate trigger voltage vs junction temperature 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 -50-250 255075100125 junction temperature---t j (c) gate trigger voltage---v gt (v) holding current vs junction temperature 0.1 1 10 -50 -25 0 25 50 75 100 125 junction temperature---t j (c) holding current---i h (ma) latching current vs junction temperature 10 100 1000 -50 -25 0 25 50 75 100 125 junction temperature---t j (c) latching current---i l ( a) on-state characteristics 10 100 1000 00.40.81.21.62 instantaneous on-state voltage---v t (v) instantaneous on-state current---i t (ma) t j =-40c t j =25c t j =125c
cystech electronics corp. spec. no. : c700n3 issued date : 2008.02.25 revised date :2014.01.24 page no. : 5/7 BCR1002N3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c700n3 issued date : 2008.02.25 revised date :2014.01.24 page no. : 6/7 BCR1002N3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) 183 c 60-150 seconds 217 c 60-150 seconds ? time (t l ) peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c700n3 issued date : 2008.02.25 revised date :2014.01.24 page no. : 7/7 BCR1002N3 cystek product specification sot-23 dimension h j k d a l g v c b 3 2 1 s style: pin 1.cathode 2.gate 3.anode marking: date code device code 3-lead sot-23 plastic surface mounted package cystek package code: n3 te cr xx *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1102 0.1204 2.80 3.04 j 0.0034 0.0070 0.085 0.177 b 0.0472 0.0630 1.20 1.60 k 0.0128 0.0266 0.32 0.67 c 0.0335 0.0512 0.89 1.30 l 0.0335 0.0453 0.85 1.15 d 0.0118 0.0197 0.30 0.50 s 0.0830 0.1083 2.10 2.75 g 0.0669 0.0910 1.70 2.30 v 0.0098 0.0256 0.25 0.65 h 0.0005 0.0040 0.013 0.10 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BCR1002N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X