Part Number Hot Search : 
FB260N LBN70A34 F7338 MPC2104P AO4709L BSN274A TA7769 ACM90V
Product Description
Full Text Search
 

To Download AXX49S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AXX49S www.axtal.com wasemweg 5 page 1(2) fon: +49 (6261) 939834 d-74821 mosbach fax: +49 (6261) 929836 germany e-mail: info@axtal.com gmbh & co. kg specification AXX49S issue: 01 date: 2005-01-15 oscillator type : quartz crys tal unit hc-49/u with low profile parameter min. typ. max. unit condition frequency range 3.579 90 mhz crystal cut at/bt mode at1 bt1 at3 3.579 ~ 35 20 ~ 40 25 ~ 90 mhz mhz mhz at fundamental mode bt fundamental mode at 3 rd overtone load capacitance c l 5 ~ 50 pf or series pf see ordering code adjustment tolerance 5 ~ 50 ppm see ordering code frequency stability frequency stability over temperature range 3 ~ 50 ppm see table 1 operating temperature range (steady st ate) -40 +105 c see table 1 long term (aging) 2 5 ppm per year resonance resistance r r max ? see table 2 motional capacitance c 1 ff static capacitance c 0 7 pf drive level 0,01 100 1000 w insulation resistance 500 m ? 100 v dc storage temperature range -45 +105 c enclosure (see drawing) hc-49s iec 60122-3 type cu 01 can height s: 3.5 max s1: 2.5 max mm mm flange width max. 4.85 mm. smd configuration see type hc-49smd marking frequency (mhz) AXX49S wwaxyy side 1 date code & mfg code packing bulk / tape & reel t&r on request notes: 1. terminology and test conditions are according to iec standard iec60122-1, unless otherwise stated 2. measurement technique according to iec 60444-5 or equivalent table 1: frequency stability over temperature ppm 3 5 7 10 15 20 30 50 c code 1 2 3 4 5 6 7 8 -10 ~ + 60 a -20 ~ + 60 b 0 ~ + 70 c -10 ~ + 70 d -20 ~ + 70 e -30 ~ + 60 f -20 ~ + 85 g -30 ~ + 70 h 0 ~ + 85 i -40 ~ + 85 j -40 ~ + 90 k -40 ~ + 105 l table 2: resistance rr frequency [mhz] mode rrmax [ ?] 3.579 ~ 3.999 at1 150 4.0 ~ 4.999 at1 130 5.0 ~ 5.999 at1 120 6.0 ~ 7.999 at1 100 8.0 ~ 9.999 at1 80 10.0 ~ 14.999 at1 60 15.0 ~ 35 at1 40 20 ~ 40 bt1 40 25 ~ 90 3 rd 70
AXX49S www.axtal.com wasemweg 5 page 2(2) fon: +49 (6261) 939834 d-74821 mosbach fax: +49 (6261) 929836 germany e-mail: info@axtal.com gmbh & co. kg test iec 60068 part ... iec 61178-1 clause ... test conditions visual inspection, dimensions 4.5 4.6 enclosure styles as in iec 60122-3, if applicable sealing tests 2-17 4.8.2 gross leak: test qc, fine leak: test qk solderability resistance to soldering heat 2-20 4.8.3 test ta (235 5)c method 1 test tb method 1a, 5s shock 2-27 4.8.8 test ea, 3 x per axes 100g, 6 ms half-sine pulse bump 2-29 4.8.6 test eb, 4000 bumps per axes, 40g, 6 ms free fall 2-32 4.8.9 test ed procedure 1, 2 drops from 1m height vibration, sinusoidal 2-6 4.8.7 test fc, 30 min per axes, 10 hz - 55 hz 0,75mm; 55 hz - 1 khz, 10g rapid change of temperature 2-14 4.8.5 test na, 10 cycles at extremes of operating temperature range dry heat 2-2 4.8.11 test ba, 16 h at upper temperature indicated by climatic category damp heat, cyclic 2-30 4.8.12 test db variant 1 severity b), 55c/95% r.h., 6 cycles cold 2-1 4.8.13 test aa, 2 h at lower temperature indicated by climatic category climatic sequence 1-7 4.8.14 sequence of 4.8.11, 4.8.12 (1 st cycle), 4.8.13, 4.8.12 (5 cycles) damp heat, steady state 2-3 4.8.15 test ca, 56 days endurance tests - ageing - extended aging 4.9.1 4.9.2 30 days @ 85c 1000h, 2000h, 8000h @85c ordering code: type frequency load capacitance mode adjustment tolerance freq. stability over temperature packing s or s1 = height options [mhz] sr: series 18: 18 pf at1 bt1 at3 [ppm] code :table 1 b: bulk t&r: tape& reel AXX49S 4.000 18 at1 10 a3 t&r enclosure drawing : environmental conditions


▲Up To Search▲   

 
Price & Availability of AXX49S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X