AXX3225 www.axtal.com wasemweg 5 page 1(2) fon: +49 (6261) 939834 d-74821 mosbach fax: +49 (6261) 939836 germany e-mail: info@axtal.com gmbh & co. kg specification AXX3225 issue: 02 date: 2006-03-18 oscillator type : quartz cr ystal unit in smd package 3.2x2.5 mm rohs compliant parameter min. typ. max. unit condition frequency range 10 60 mhz actual frequency f 0 mhz crystal cut / vibration mode at load capacitance c l 8 pf, 10 pf or series overtone 1 adjustment tolerance 15 / 20 / 50/ 100 ppm @ 25c +-5c frequency stability ppm overall (note 1) frequency stability over temperature range 10 ~ 100 ppm operating temperature range (steady state) 0 -10 -20 -40 +50 +60 +70 +85 c c c c see table below long term (aging) 5 ppm resonance resistance r r 200 100 50 ? ? ? @ 10 ~ 16 mhz @ >16 ~ 30 mhz @ >30 ~ 60 mhz motional capacitance c 1 ff static capacitance c 0 7 pf drive level 20 100 w insulation resistance 500 m ? 100 v dc storage temperature range -40 +85 c enclosure (see drawing) 3.2 x 2.5 x 0.7 iec 61637 marking frequency (mhz) + date code packing tape & reel iec 60286-3 notes: 1. overall frequency stability = initial tolerance + temp. stability + aging (1 st year) 2. terminology and test conditions are according to iec standard iec60122-1, unless otherwise stated 3. measurement technique according to iec 60444-5 or equivalent frequency vs. temperature stabilities 0 ~ +50c -10 ~ +60c -20 ~ +70c -40 ~ +85c 10 ppm 15 ppm 20 ppm 30 ppm 30 ppm 30 ppm 30 ppm 50 ppm 50 ppm 50 ppm 50 ppm 100 ppm 100 ppm 100 ppm 100 ppm
AXX3225 www.axtal.com wasemweg 5 page 2(2) fon: +49 (6261) 939834 d-74821 mosbach fax: +49 (6261) 939836 germany e-mail: info@axtal.com gmbh & co. kg enclosure drawing environmental conditions test iec 60068 part ... iec 61178-1 clause ... test conditions visual inspection, dimensions 4.5 4.6 enclosure styles as in iec 60122-3, if applicable sealing tests 2-17 4.8.2 gross leak: test qc, fine leak: test qk solderability resistance to soldering heat 2-20 4.8.3 test ta (235 5)c method 1 test tb method 1a, 5s shock 2-27 4.8.8 test ea, 3 x per axes 100g, 6 ms half-sine pulse bump 2-29 4.8.6 test eb, 4000 bumps per axes, 40g, 6 ms free fall 2-32 4.8.9 test ed procedure 1, 2 drops from 1m height vibration, sinusoidal 2-6 4.8.7 test fc, 30 min per axes, 10 hz - 55 hz 0,75mm; 55 hz - 1 khz, 10g rapid change of temperature 2-14 4.8.5 test na, 10 cy cles at extremes of operating temperature range dry heat 2-2 4.8.11 test ba, 16 h at upper temperature indicated by climatic category damp heat, cyclic 2-30 4.8.12 test db variant 1 severity b), 55c/95% r.h., 6 cycles cold 2-1 4.8.13 test aa, 2 h at lower temperature indicated by climatic category climatic sequence 1-7 4.8.14 se quence of 4.8.11, 4.8.12 (1 st cycle), 4.8.13, 4.8.12 (5 cycles) damp heat, steady state 2-3 4.8.15 test ca, 56 days endurance tests - ageing - extended aging 4.9.1 4.9.2 30 days @ 85c 1000h, 2000h, 8000h @85c
|