Part Number Hot Search : 
HN1L02FU T1100 95HQ015 012104 09XA3 LL1545A 012104 CAT25C05
Product Description
Full Text Search
 

To Download ASD723S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c343s2 issued date : 2009.03.17 revised date :2009.04.30 page no. : 1/6 ASD723S2 cystek product specification advanced schottky barrier diodes ASD723S2 features: low turn-on voltage fast switching pb-free package mechanical data: case: molded plastic, jedec sod-323. terminals : pure tin plated, so lderable per mil-std-750, method 2026. polarity: indicated by cathode band mounting position: any weight: 4.8mg (approximately) symbol outline + _ sod-323 ASD723S2 absolute maximum ratings( ta = 2 5 ) characteristics symbol value unit non-repetitive peak reverse voltage v rm 30 v forward current i fm 200 ma forward surge current @ 8.3ms single half sine-wave superimposed on rated load(jedec method) i fsm 1 a power dissipation @ t c =25 c p d 250 mw thermal resistance, junction to ambient r ja 500 c/w capacitance between terminals @ f=1mhz and applied 10v dc reverse voltage c t 15 pf operating junction and storage temperature range tj, tstg -65 to +150 c
cystech electronics corp. spec. no. : c343s2 issued date : 2009.03.17 revised date :2009.04.30 page no. : 2/6 ASD723S2 cystek product specification electrical characteristics ( t a =25 c, unless otherwise noted) parameter condition symbol min typ max unit reverse breakdown i r =100 a v r 30 - - v i f = 2ma - 260 - i f = 15ma - 320 - i f = 100ma - 420 - *forward voltage i f = 200ma v f - 490 550 mv reverse current v r = 30v i r - - 5 a *pulse test: pulse width 380 s, duty cycle 2% ordering information device package shipping marking ASD723S2 sod-323 (pb-free package) 3000 pcs / tape & reel s21 moisture sensitivity level : conform to jedec level 1 recommended storage condition: temperature : 30 c humidity : 85% rh floor life : unlimited
cystech electronics corp. spec. no. : c343s2 issued date : 2009.03.17 revised date :2009.04.30 page no. : 3/6 ASD723S2 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c343s2 issued date : 2009.03.17 revised date :2009.04.30 page no. : 4/6 ASD723S2 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c343s2 issued date : 2009.03.17 revised date :2009.04.30 page no. : 5/6 ASD723S2 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c343s2 issued date : 2009.03.17 revised date :2009.04.30 page no. : 6/6 ASD723S2 cystek product specification sod-323 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. marking: 5 h s21 2-lead sod-323 plastic surface mounted package cystek package code: s2 style: pin 1.cathode 2.anode d a h j k c e b 1 2 dim min. max. min. max. a 0.0630 0.0709 1.60 1.80 e 0.0060 - 0.15 - b 0.0453 0.0531 1.15 1.35 h 0.0000 0.0040 0.00 0.10 c 0.0315 0.0394 0.80 1.00 j 0. 0035 0.0070 0.089 0.177 d 0.0098 0.0157 0.25 0.40 k 0.0906 0.1063 2.30 2.70 notes: 1.controlling dimension : millimeters. 2.lead thickness specified per l/f drawing with solder plating. 3.if there is any question with pa cking specification or packing me thod, please contact your local cystek sales office. material: ? lead: 42 alloy ;pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of ASD723S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X