Part Number Hot Search : 
74C48N 74C48N MAX97 MSM7716 021A5 C5024 17PN022 LTC3631
Product Description
Full Text Search
 

To Download APT1101RSFLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advance technical information characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 250a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1ma) 050-7187 rev - 4-2002 maximum ratings all ratings: t c = 25c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameter drain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuous gate-source voltage transient total power dissipation @ t c = 25c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms a na volts min typ max 1100 13 1.00 250 1000 100 35 apt1101r 1100 13 52 30 40 403 3.23 -55 to 150 300 13 30 1300 g d s caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com to-247 usa 405 s.w. columbia street bend, oregon 97702 -1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 d 3 pak bfll sfll apt1101rbfll APT1101RSFLL 1100v 13a 1.000  power mos 7 tm is a new generation of low loss, high voltage, n-channel enhancement mode power mosfets. both conduction and switching losses are addressed with power mos 7 tm by significantly lowering r ds(on) and q g . power mos 7 tm combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with apt's patented metal gate structure. power mos 7 tm ? lower input capacitance ? increased power dissipation ? lower miller capacitance ? easier to drive ? lower gate charge, qg ? to-247 or surface mount d 3 pak package ? fredfet fast recovery body diode
advance technical information dynamic characteristics apt1101r bfll - sfll 050-7187 rev - 4-2002 15.49 (.610) 16.26 (.640) 5.38 (.212)  6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065)  2.13 (.084) 1.01 (.040) 1.40 (.055) 3.50 (.138)  3.81 (.150) 2.87 (.113)  3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. to - 247 package outline 15.95 (.628) 16.05(.632) 1.22 (.048) 1.32 (.052) 5.45 (.215) bsc {2 plcs.} 4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 2.67 (.105) 2.84 (.112) 0.46 (.018) {3 plcs}  0.56 (.022) dimensions in millimeters (inches) heat sink (drain) and leads are plated 3.81 (.150) 4.06 (.160) (base of lead) drain (heat sink) 1.98 (.078) 2.08 (.082) gate drain source 0.020 (.001) 0.178 (.007) 1.27 (.050) 1.40 (.055) 11.51 (.453)  11.61 (.457) 13.41 (.528) 13.51(.532) revised 8/29/97 1.04 (.041) 1.15(.045) 13.79 (.543) 13.99(.551) revised 4/18/95 d 3 pak package outline apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 source-drain diode ratings and characteristics characteristic / test conditions continuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d [cont.]) peak diode recovery dv / dt 5 reverse recovery time (i s = -i d [cont.], di / dt = 100a/s) reverse recovery charge (i s = -i d [cont.], di / dt = 100a/s) peak recovery current (i s = -i d [cont.], di / dt = 100a/s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns c amps symbol c iss c oss c rss q g q gs q gd t d (on) t r t d (off) t f characteristic input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d [cont.] @ 25c v gs = 15v v dd = 0.5 v dss i d = i d [cont.] @ 25c r g = 1.6 ? min typ max 2649 397 75 97 13 61 12 7 32 14 unit pf nc ns min typ max 13 52 1.3 18 t j = 25c 210 t j = 125c 710 t j = 25c 1.0 t j = 125c 3.6 t j = 25c 10 t j = 125c 14 thermal characteristics symbol r jc r ja min typ max 0.31 40 unit c/w characteristic junction to case junction to ambient 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25c, l = 15.83mh, r g = 25 ? , peak i l = 13a 2 pulse test: pulse width < 380 s, duty cycle < 2% 5dv / dt numbers reflect the limitations of the test circuit rather than the device itself. i s - i d [ cont. ] di / dt 700a/s v r v dss t j 150 c apt reserves the right to change, without notice, the specifications and information contained herein.


▲Up To Search▲   

 
Price & Availability of APT1101RSFLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X