Part Number Hot Search : 
0P100 0P100 0P100 CY7C104 0P100 MP4504 5590KFKE 28C16
Product Description
Full Text Search
 

To Download AOB298L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aot298l/AOB298L/aotf298l 100v n-channel mosfet general description product summary v ds i d (at v gs =10v) 58a/33a r ds(on) (at v gs =10v) < 14.5m w 100% uis tested 100% r g tested symbol v ds v gs 2 0 the aot298l & AOB298L & aotf298l uses trench mosfet technology that is uniquely optimized to provide the most efficient high frequency switching performance. power losses are minimized due to an extremely low combination of r ds(on) and c rss . in addition, switching behavior is well controlled with a soft recovery body diode.this device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and led backlighting. v units parameter absolute maximum ratings t a =25c unless otherwise noted 100v aot298l/AOB298L aotf298l drain-source voltage 100 v gate-source voltage g d s to-263 d 2 pak g d s g d s d s g top view to-220f to-220 aotf298l aot298l AOB298L v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jc power dissipation a 15 t c =100c power dissipation b p d 50 16 -55 to 175 junction and storage temperature range c/w c/w maximum junction-to-ambient a d 1.5 60 4.5 maximum junction-to-case a 2 0 w t c =25c w t a =70c 1.33 t a =25c 2.1 p dsm 100 33 20 33 41 26 130 thermal characteristics parameter aot298l/AOB298L aotf298l t a =25c i dsm a t a =70c i d pulsed drain current c continuous drain current v 9 58 20 gate-source voltage maximum junction-to-ambient a c/w r q ja 15 60 t c =25c t c =100c mj avalanche current c 7 a avalanche energy l=0.1mh c continuous drain current units c rev 0 : oct. 2011 www.aosmd.com page 1 of 7
aot298l/AOB298L/aotf298l symbol min typ max units bv dss 100 v v ds =100v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 2.7 3.3 4.1 v i d(on) 130 a 12 14.5 t j =125c 19 24 g fs 30 s v sd 0.7 1 v i s 70 a c iss 1250 1670 pf c oss 727 970 pf c rss 25 43 pf r g 2 3 w q g (10v) 19 27 nc q gs 5.5 nc q gd 6 nc t d(on) 7.5 ns t r 14 ns t d(off) 15 ns t f 14 ns gate-body leakage current v ds =v gs i d =250 m a v ds =0v, v gs =20v electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions drain-source breakdown voltage i d =250 m a, v gs =0v i dss m a zero gate voltage drain current m w on state drain current v gs =10v, v ds =5v v gs =10v, i d =20a r ds(on) static drain-source on-resistance diode forward voltage maximum body-diode continuous current g input capacitance forward transconductance i s =1a,v gs =0v v ds =5v, i d =20a turn-on rise time turn-off delaytime v gs =10v, v ds =50v, r l =2.5 w , r gen =3 w gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time turn-on delaytime v gs =10v, v ds =50v, i d =20a total gate charge gate source charge gate drain charge reverse transfer capacitance v gs =0v, v ds =50v, f=1mhz output capacitance switching parameters dynamic parameters t f 14 ns t rr 39 ns q rr 140 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. turn-off fall time i f =20a, di/dt=500a/ m s body diode reverse recovery charge body diode reverse recovery time i f =20a, di/dt=500a/ m s a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environm ent with t a =25 c. the power dissipation p dsm is based on r q ja and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design, and the maximum temperat ure of 175 c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =175 c, using junction-to-case thermal resistance, and is more u seful in setting the upper dissipation limit for cases where additional heatsinking i s used. c. repetitive rating, pulse width limited by junction temperature t j(max) =175 c. ratings are based on low frequency and duty cycles to keep initial t j =25 c. d. the r q ja is the sum of the thermal impedance from junction to case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtaine d using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175 c. the soa curve provides a single pulse rating. g. the maximum current limited by package. h. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environm ent with t a =25 c. rev0 : oct. 2011 www.aosmd.com page 2 of 7
aot298l/AOB298L/aotf298l typical electrical and thermal characteristics 17 52 10 0 18 0 20 40 60 80 100 2 3 4 5 6 7 8 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 8 10 12 14 16 18 20 0 5 10 15 20 25 30 r ds(on) (m w ww w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =10v i d =20a 25 c 125 c v ds =5v v gs =10v 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) 6v 7v 10v vgs=5v 40 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c (note e) 8 16 24 32 40 5 6 7 8 9 10 r ds(on) (m w ww w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =20a 25 c 125 c rev0 : oct. 2011 www.aosmd.com page 3 of 7
aot298l/AOB298L/aotf298l typical electrical and thermal characteristics 17 52 10 0 18 0 2 4 6 8 10 0 4 8 12 16 20 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 400 800 1200 1600 2000 0 20 40 60 80 100 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 200 400 600 800 0.0001 0.001 0.01 0.1 1 10 100 power (w) pulse width (s) figure 10: single pulse power rating junction-to-ca se c oss c rss v ds =50v i d =20a t j(max) =175 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 1000 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area for aot298l and AOB298L (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =175 c t c =25 c 100 m s 40 for aot298l and AOB298L (note f) 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 z q qq q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance for aot298l and AOB298L (note f) single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse area for aot298l and AOB298L (note f) r q jc =1.5 c/w rev0 : oct. 2011 www.aosmd.com page 4 of 7
aot298l/AOB298L/aotf298l typical electrical and thermal characteristics 17 52 10 0 18 40 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 1000 i d (amps) v ds (volts) figure 12: maximum forward biased safe operating area for aotf298l (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =175 c t c =25 c 100 m s 0 200 400 600 800 0.0001 0.001 0.01 0.1 1 10 100 power (w) pulse width (s) figure 13: single pulse power rating junction-to-ca se for aotf298l (note f) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 z q qq q jc normalized transient thermal resistance pulse width (s) figure 14: normalized maximum transient thermal imp edance for aotf298l (note f) single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =175 c t c =25 c r q jc =4.5 c/w 0 10 20 30 40 0 25 50 75 100 125 150 175 power dissipation (w) t case ( c) figure 16: power de-rating for aotf298l (note f) 0 10 20 30 40 50 0 25 50 75 100 125 150 175 current rating i d (a) t case ( c) figure 15: current de-rating for aotf298 (no te f) rev0 : oct. 2011 www.aosmd.com page 5 of 7
aot298l/AOB298L/aotf298l typical electrical and thermal characteristics 17 52 10 0 18 0 30 60 90 120 0 25 50 75 100 125 150 175 power dissipation (w) t case (c) figure 18: power de-rating for aot298l and AOB298L (note f) 0 20 40 60 80 0 25 50 75 100 125 150 175 current rating i d (a) t case (c) figure 17: current de-rating for aot298l and AOB298L (note f) 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 20: single pulse power rating junction - to - t a =25 c 10 100 1 10 100 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 19: single pulse avalanche capability t a =25 c t a =150 c t a =100 c t a =125 c 40 0.001 0.01 0.1 1 10 0.001 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 21: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse figure 20: single pulse power rating junction - to - ambient (note h) r q ja =60 c/w figure 19: single pulse avalanche capability (note c) rev0 : oct. 2011 www.aosmd.com page 6 of 7
aot298l/AOB298L/aotf298l - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar vdd vgs vgs rg dut - + vdc vgs id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr rev0 : oct. 2011 www.aosmd.com page 7 of 7


▲Up To Search▲   

 
Price & Availability of AOB298L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X