Part Number Hot Search : 
244JY SB3030 CGD944C LBS13701 D2W103LF MAX334 101KT 7805S
Product Description
Full Text Search
 

To Download ACR-0534-2413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 2 10.70  quad bank led rail ( quad bank, 53 v @ 45.0 ma) general description mechanical / environmental acr - 0534 - 2413 product data sheet  page 1 of 2 10/30/2013 0.250" + 0.005 10.700" + 0.005 cable length from rail to pims: 11.0" + .125 0.072" + 0.005 con1 the acr - 0534 - 2413 is designed as a replacement for field replaceable , single tube , single edge l it 12.1  ccf l displays. the rail requires the use of a constant current source to properly drive the led  s. the led rail is compat ib le with any of aci  s i - drive series of led drivers . weight = 1 2 grams altitude = 35,000 ft maximum humidity < 95% non - condensing size (l x w x h) = 10.70 in x 0. 250 in x .0 7 2 in pcb thickness = 0. 0 3 2 in rohs compliant 397 route 281 tully, new york 13159 phone: 315 696 - 6676 fax: 315 696 9923 email: sales@acipower.com www.acipower.com
page 2 of 2 maximum ratings symbol parameter value unit tled operating temperature of led edge light (light rail contact) - 30 to + 85 deg - c tstg led rail storage temperature - 40 to +100 deg - c ifwd maximum led edge - light forward current (dc) 54.0 ma led optical characteristics led manufacturer specifications for reference purpose only symbol parameter test conditions min typ max unit i v luminance intensity ifwd = 1 1 0ma 23.7 - 34.2 l m x white x coordinate 0.3 00 - y white y coordinate 0. 295 - led rail electrical characteristics ifwd = 45.0 ma, (4 banks per rail, 1 rail per display), tled = +75 deg - c (led  s with out heat sinking to the display) symbol parameter test conditions min typ max unit vfwd le d rail forward voltage drop 48 53 58 vdc typical led rail performance graphs rail voltage & pow er vs. led drive current (ta = +25deg-c) 0.00 10.00 20.00 30.00 40.00 50.00 60.00 0 10 20 30 40 50 led current (ma) led voltage (volts) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 rail power (watts) rail voltage rail pow er acr - 0534 - 2413 product data sheet  page 2 of 2 10/30 /2013 397 r oute 281 tully, new york 13159 phone: 315 696 - 6676 fax: 315 696 9923 email: sales@acipower.com www.acipower.com


▲Up To Search▲   

 
Price & Availability of ACR-0534-2413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X