Part Number Hot Search : 
C1502 SX1282 TE629 2SC3737 2AXX32 RH3080MK MSZ5248 ML2502
Product Description
Full Text Search
 

To Download 91SMO3VJSS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal clock oscillators 83 clk osc tf t t 90% or 80% v dd 10% or 20% v dd ov dc symmetry=t/t  100(%) 50% v dd tr gnd v oh ("1"level) v ol ("0"level) v dd output waveform v dc power supply cl : including fixture and probe capacitance. v dd v dd cl t est point #2 #3 output tri-state gnd #1 #4 0.01  f ? 0.1  f e/d sw a test circuit 1.8 3.28 1.8 2.0 2.2 2.0 5.08 0.01  f ?  0.1  f soldering pattern lid base sealing terminal terminal plating rohs 91smo ceramic ceramic glass tungsten (metalized) gold / nickel (surface) / (under) compliant 91smo t 1 1.8 mhz to 80.0 mhz 100.0 mhz to 165.0 mhz 1.8 mhz to 80.0 mhz 1.8 mhz to 66.0 mhz 91smo(3vj) : ? 100 ppm 91smo(3vl) : ? 100 ppm 91smo(e) : ? 100 ppm 91smo(x) : ? 100 ppm 91smo(3vjk) : ? 50 ppm 91smo(3vlh) : ? 50 ppm 91smo(f) : ? 50 ppm 91smo(y) : ? 50 ppm 91smo(3vjs) : ? 30 ppm 91smo(3vls) : ? 30 ppm 91smo(fs) : ? 30 ppm 91smo(ys) : ? 30 ppm 91smo(3vjss) : ? 25 ppm 91smo(3vlss) : ? 25 ppm 91smo(fss) : ? 25 ppm 91smo(yss) : ? 25 ppm 91smo (3vjsss) : ? 20 ppm 91smo(3vlsss) : ? 20 ppm 91smo(fsss) : ? 20 ppm 91smo(ysss) : ? 20 ppm - 10?c to  70?c (standard) - 40?c to  85?c (w) : ? 50 ppm & ? 100 ppm  3.0v dc ? 10% or  3.3v dc ? 10%  5v dc ? 10% v ih : 90%v dd min. v ih :  2.2v dd min. v il : 10%v dd max. v il :  0.5v dd max. - 0.5v to  7.0v dc - 55?c to  125?c 8 ma max. (1.8 mhz to 34 mhz) 10 ma max.(1.8 to 30 mhz) 20 ma max.(1.8 to 20 mhz) 12 ma max. (34 mhz to 50 mhz) 15 ma max.(30 to 50 mhz) 35 ma max.(20 to 50 mhz) 15 ma max. (50 mhz to 66 mhz) 30 ma max.(50 to 66 mhz) 60 ma max.(50 to 66 mhz) 45 ma max. (66 mhz to 165 mhz) 50 ma max.(66 to 80 mhz) n.a. t 3 15  a max. t 2 n.a. t 3 40% to 60% at 50%v dd level 10 ns max. 3 ns max. 10 ns max. v ol : 10%v dd max. v oh : 90%v dd min. 15 pf max. (cmos) 50 pf max. (cmos) 150 ns max. 100 ns max. 150 ns max. 10 ms max. 100 ns max. 10 ms max. ? 5 ppm max. at  25?c ? 3?c for first year  250?c ? 10?c for 10 seconds  170?c ? 10?c for 1 to 2 minutes (preheating) 7.0 0.2 5.0 0.2 1.6 0.15 0.05max. 1.1 1.4 1.4 3.68 5.08 1.1 2.8 #3 #4 #2 #1 #2 #1 #3 #4 pin 1 connection "l" 2 gnd 3z open or "h" output z : high impedance 4v dd 91smo 91smo 91smo (+3.0v, +3.3v or +5v fixed models) standard smd clock oscillators standard specifications package data package item item specifications ( t 1) final exact part number to be determined with frequency, frequency stability, operating temperature and input voltage. e.g. 91smo(3.0vlh) 80.000 mhz. ( t 2) internal crystal oscillation to be halted (pin #1=v il ). ( t 3) stand-by (sb) function is available upon request. generic part number frequency range frequency stability ( - 10?c to  70?c) over all conditions operating conditions operating temperature input voltage (v dd ) tri-state control absolute max. ratings supply voltage storage temperature input current (pin #1 = open or v ih ) stand - by current output ( - 40?c to  85?c) symmetry rise and fall times (10%v dd to 90%v dd level) "0" level "1" level load disable delay time enable delay time startup time aging reflow condition a 7.4 5.4 16.0 7.5 8.0 1.5 0.3 1.9 180 1000pcs qty/reel b c d f j l m reel dia. 4.0 0.1 2.0 0.1 1.75 0.1 + 0.1 - 0  1.5 l b f d a c j m t ape specifications actual size


▲Up To Search▲   

 
Price & Availability of 91SMO3VJSS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X