Part Number Hot Search : 
2SK2699 MIC44 1N5235BT C107S NTE222 271M547 4008P 7950K13
Product Description
Full Text Search
 

To Download 90HBJ10PRT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gra yhill.com dip switches 12 3 4567 8 on .020 .002 (0,51 0,05) typ. .052 .002 (1, 3 2 0,1 3 ) typ. .0 8 5 .005 (2,16 0,1 3 ) typ. .100 .005 (2,54 0,1 3 ) typ. c l c l length .010 (0,25) s ee chart .160 .005 (4,19 0,1 3 ) .220 (5,59) max. .0 8 5 .005 (2,16 0,1 3 ) typ. .020 .002 (0,51 0,05) typ. .100 .010 (2,54 0,25) typ. c l c l . 3 20 ( 8 ,1 3 ) max. .290 (7, 3 7) max. .012 .001 (0, 3 0 0,0 3 ) typ. .250 .010 (6, 3 5 0,25) .290 (7, 3 7) max. .012 .002 (0, 3 0 0,05) . 3 95 .010 (10,0 3 0,25) length .010 (0,25) s ee chart .160 .005 (4,19 0,1 3 ) .190 (4, 83 ) max. .004 (0,10) .004 (0,10) s witch i s packaged a s s hown here with all po s ition s on . 3 50 ( 8 ,90) typ. .150 ( 3 , 8 1) typ. .100 (2,54) typ. .100 (2,54) typ. .070 (1,7 8 ) typ. c l c l .500 (12,7) typ. .250 (6, 3 5) typ. .125 ( 3 ,1 8 ) typ. .100 (2,54) typ. .070 (1,7 8 ) typ. c l c l series 90hb spst, low profile features  compatible with smt assembly, including infrared reflow and vapor-phase  top seal withstands high pressure aqueous cleaning  reliable spring and ball contact dimensions in inches (and millimeters) top view?gull wing circuitry as viewed from the top of the switch in the positions shown in the drawing. recommended pc pad dimensions?gull wing recommended pc pad dimensions?j-bend gull wing j-bend dip 5 surface mount dip switches
dip switches grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gra yhill.com surface mount dip switches meets requirements of eia 481-2 or eia 481-3 each reel has a 15.750 inch (390 mm) minimum leader and a 6.30 inch (160 mm) minimum trailer. tape and reel packaging 1 3 inch diameter reel direction of feed 24mm tape 16mm 3 2 & 44mm tape 16mm pin one location conductive pla s tic embo ss ed tape specifications electrical ratings make-and-break current rating: 2,000 operations per switch position at these resistive loads:10 ma, 30 vdc; or 10 ma, 50 mvdc; 10 ma, 50 mvdc; or 25 ma, 24 vdc; or 100 ma,6 vdc. contact resistance: (measured at 10 ma, 50 mvdc). initial: 20 mohms maximum, after life: 100 mohms maximum insulation resistance: minimum, at 100 vdc between adjacent closed contacts and also across open switch contacts. initial (mohms): 5,000, after life (mohms): 1,000 dielectric strength: minimum voltage (ac rms) measured between adjacent closed contacts and also across open switch contacts. lnitial: 500 volts, after life: 500 volts current carry rating: 3a maximum rise of 20c switch capacitance: 2 pf at 1 megahertz mechanical ratings where grayhill performance is superior, the mil spec is listed in parentheses. mechanical life: 2,000 operations per switch position vibration resistance: per method 204, test condition b , 1ms opening (10 ms allowed) mechanical shock: per method 213, test condition a. 1ms opening (10 ms allowed) thermal shock resistance: per specification; no failures; passes contact resistance. terminal strength: per specification thermal aging: 1,000 hours at 85c; no failures. environmental ratings meets all requirements of mil- s-83504. operating temperature range: -40c to + 85c storage temperature range: -40c to + 85c moisture resistance: per mil-std-202, method 106. soldering information solderability: per mil-std-202, method 208 soldering heat resistance: per mil-s-83504, six second test. recommended processing temperature: 220c?230c (1 pass?260c maximum) processing position: switch is to be processed with all actuators in the closed (on) position as shipped. fluxing: per eia rs-448-2 with flux touching switch body. cleaning: passes immersion test using water/ detergent. acceptable solutions include 1-1-1 trichlorethane, freon, (tf, te, or tms), isopropyl alcohol, detergent (140f maximum). terpene acceptable for series 90 only. solutions which are not recommended include acetone, methylene chloride, freon tmc. materials and finishes shorting member (ball): brass, gold-plate over nickel barrier. base contacts: copper alloy, gold-plate over nickel barrier. terminals: copper alloy, matte tin plated over nickel barrier. non-conductive parts: thermoplastic (ul94v- o) tape and reel packaging tape seal integrity: passes gross leak test using 125c flourinert for 20 seconds minimum. reference mil-std-202, method 112 tape seal: polyimide film ordering information available from your local grayhill distributor. for prices and discounts, contact a local sales office, an authorized local distributor or grayhill. series terminal style: w = gull wing, j = j-bend rohs compliant 90hbw02prt packaging: r = tape and reel packaging (750 switches/reel) blank = tube packaging (each tube is 19.5" long) seal: p = polyimide seal blank = no seal number of positions: 02 through 10 no. of length length number positions inches metric per tube 2 .270" 6,9 mm 60 3 .370" 9,4 mm 47 4 .470" 11,9 mm 37 5 .570" 14,5 mm 31 6 .670" 17,0 mm 26 7 .770" 19,6 mm 23 8 .870" 22,1 mm 20 9 .970" 24,6 mm 18 10 1.070" 27,2 mm 16 dip 6


▲Up To Search▲   

 
Price & Availability of 90HBJ10PRT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X