Part Number Hot Search : 
TA166 XC6366D 4HCT0 C68HC70 630D08 AK4682EQ S10ML1X 8HC90
Product Description
Full Text Search
 

To Download 38GWSP8M6RT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pushbutton switches grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com sealed subminiature pushbutton switches . 3 62 ( 8 , 3 0) .200 (5,0 8 ) .15 8 (4,00) .200 (5,0 8 ) .100 (2,54) .0 3 4 (0, 8 5) epoxy s eal .200 (5,0 8 ) .0 3 0 (0,76) ?.177 (?4,50) ?.100 (?2,54) .016 (0,40) .217 .177 5,50) .020 (0,50) . 3 27 ( 8 , 3 0) dimensions in inches (and millimeters) m7 spst spst m6 series 38g sealed subminiature pushbutton switches features  drop-in replacement for industry standard  choice of terminations  printed circuit board mount  spst, dpst and spdt momentary contact  sealed per ip67 pushbutton 27
grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com pushbutton switches sealed subminiature pushbutton switches dimensions in inches (and millimeters) series 38g spdt dpst dpst spst v2 m7 pushbutton 28
pushbutton switches grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com sealed subminiature pushbutton switches p.c. mounting .400 (10.16) .016 (0.40) .020 (0.50) .400 (10.16) ?.04 3 (?1.09) .201 (5,10) .0 3 0 (0,76) ?.177 (?4,50) . 3 66 (9, 3 0) .161 (4,10) .217 (5,50) ?.100 (?2,54) epoxy s eal .100 (2,54) .100 (2,54) s wit c h p os iti on m o del n o. w s p 9 o f f ( on ) () =momentar y sc hemati c s p st () =momentar y s wit c h p os iti on m o del n o. wdp 9 2 - 1 o f f 2- 3 ( on ) term. co mm . sc hemati c s wit c h p os iti on m o del n o. w s p 8 2 - 1 on 2- 3 ( on ) term. co mm . () =momentar y sc hemati c 3 n. o. n. c . 1 2 co mm . s pd t dp st snap-in termination options (same p.c. mounting as v2, m6, m7 but with snap-in bracket) series 38g dimensions in inches (and millimeters) circuitry v2 spdt s2 s6 s7 pushbutton 29
grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com pushbutton switches sealed subminiature pushbutton switches specifications rating criteria operating life: 30,000 make-and-break cycles at full load contact rating (resistive load): r option: 0.4 va maximum at 20 vac or vdc maximum g option: 1a max at 125 vac or 28 vdc contact resistance: 20 milliohms max initial at 2-4 vdc, 100 ma insulation resistance: 1000 megaohms minimum voltage breakdown: 1500 vrms minimum at sea level operating temperature: -30c. to +85c. materials and finishes case: glass filled nylon 6/6 (ul 94v-0) plunger: thermoplastic polyester(ul 94v-0) (with internal o-ring seal) terminals: copper alloy spring: plated music wire contact system: copper alloy switch support: brass, tin-plated series 38g ordering information r = copper alloy, gold plate over nickel plate. g=gold plate over silver plate options: wsp8, wsp9, wdp9 (see models for switching positions) options: m6, m7, s2, s6, s7, v2 (see termination options) t = lead free and rohs compliant 38g m7 r t wsp8 subminiature sealed pushbutton switches pushbutton 30


▲Up To Search▲   

 
Price & Availability of 38GWSP8M6RT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X