Part Number Hot Search : 
70HF20 IRFD11 NTE725 AO4704 LV5609LP D74LVC5 74LV4067 32U02
Product Description
Full Text Search
 

To Download 3006P-1-100LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features 3/4 ? rectangular / multiturn / cermet / industrial / sealed low pc board pro? le - only 1/4 ? high panel mount option available transparent housing available, can be set visually without hook-up and instrumentation (?p? style only) rohs compliant* version available for trimmer applications/processing guidelines, click here 3006 - trimpot ? trimming potentiometer *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. ?trimpot? is a registered trademark of bourns, inc. ??fluorinert? is a registered trademark of 3m co. speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their speci? c applications. electrical characteristics standard resistance range ................................10 to 5 megohms (see standard resistance table) resistance tolerance ........... 10 % std. (tighter tolerance available) absolute minimum resistance ........................ 1.0 % or 2 ohms max. (whichever is greater) contact resistance variation .......................... 1.0 % or 1 ohm max. (whichever is greater) adjustability voltage .................................. 0.01 % resistance ............................ 0.05 % resolution ................................... in? nite insulation resistance ............... 500 vdc. 1,000 megohms min. dielectric strength sea level............................. 1,000 vac 80,000 feet ............................ 250 vac adjustment angle .............15 turns nom. environmental characteristics power rating (400 volts max.) 70 c .................................... 0.75 watt 125 c ....................................... 0 watt temperature range ... -55 c to +125 c temperature coe? cient ... 100 ppm/c seal test ......................85 c fluorinert? humidity .......mil-std-202 method 103 96 hours (3 % tr, 20 megohms ir) vibration ....... 20 g (2 % tr; 2 % vr) shock ........... 50 g (2 % tr; 2 % vr) load life ...1,000 hours 0.75 watt 70 c (4 % tr) rotational life .......................200 cycles (3 % tr; 1 % or 1 ohm, whichever is greater, crv) physical characteristics torque ............................. 5.0 oz-in. max. mechanical stops ................. wiper idles terminals .......................solderable pins weight ....................................... 0.04 oz. marking ........................... manufacturers trademark, resistance code, terminal numbers, date code, manufacturers model number and style wiper ............... 50 % (actual tr) 10 % flammability ..........................u.l. 94v-0 standard packaging .....25 pcs. per tube adjustment tool ..............................h-90 product dimensions 1 3 cw clockwise ccw 2 wiper how to order 3006 p - 1 - 103 z lf model style standard or modi? ed product indicator -1 = standard product -7 = transparent housing resistance code optional su? x letter z = panel mount (factory installed) terminations lf = 100 % tin-plated (rohs compliant) blank = 90 % tin / 10 % lead-plated (standard) consult factory for other available options. standard resistance table resistance resistance (ohms) code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 25,000 253 50,000 503 100,000 104 200,000 204 250,000 254 500,000 504 1,000,000 105 2,000,000 205 rev. 04/14 tolerances: 0.25 except where noted (.010) dimensions: mm (inches) 1.40 (.055) 6.35 (.250) 19.05 (.750) 1.52 (.060) .38 (.015) 5.33 .89 (.210 .035) 1 23 .76 (.030) .51 .03 (.020 .001) 4.83 (.190) 4.70 .38 (.185 .015) 3.30 (.130) 5.08 (.200) 12.70 (.500) 2.54 (.100) common dimensions 3006p 1.40 (.055) .64 (.025) 7.62 (.300) 17.78 (.700) 3006y 3.30 (.130) 5.08 (.200) 12.70 (.500) 3006w 5.08 (.200) 2.54 (.100) dia. pins typ. min. adj. slot 2.36 (.093) .79 (.031) .64 (.025) wide x x deep dia. popular distribution values listed in boldface. special resistances available. *rohs compliant versions available


▲Up To Search▲   

 
Price & Availability of 3006P-1-100LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X