Part Number Hot Search : 
DS1236A 2301P ZF320 TLV16 5517A MSDW1033 ASPI104S RK163
Product Description
Full Text Search
 

To Download 2N5625 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2n5621 2n5623 2N5625 2n5627 description with to-3 package excellent safe operating area low collector saturation voltage applications for audio and general-purpose applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit 2n5621 -80 2n5623/5625 -100 v cbo collector-base voltage 2n5627 open emitter -120 v 2n5621 -60 2n5623/5625 -80 v ceo collector-emitter voltage 2n5627 open base -100 v v ebo emitter-base voltage open collector -5 v i c collector current -10 a p d total power dissipation t c =25 100 w t j junction temperature 150  t stg storage temperature -65~200  thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 1.5 /w fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2n5621 2n5623 2N5625 2n5627 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2n5621 -60 2n5623/5625 -80 v ceo(sus) collector-emitter sustaining voltage 2n5627 i c =-50ma ;i b =0 -100 v v cesat collector-emitter saturation voltage i c =-10a; i b =-1a -1.5 v v be base-emitter on voltage i c =-5a ; v ce =-5v -1.5 v i cbo collector cut-off current v cb =rated v cbo ; i e =0 -0.1 ma i ebo emitter cut-off current v eb =-5v; i c =0 -0.1 ma 2n5621/5625 70 200 h fe dc current gain 2n5623/5627 i c =-5a ; v ce =-5v 30 90 2n5621/5625 40 f t transition frequency 2n5623/5627 i c =-1a ; v ce =-12v 30 mhz
savantic semiconductor product specification 3 silicon pnp power transistors 2n5621 2n5623 2N5625 2n5627 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2N5625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X