Part Number Hot Search : 
DL10LG A4503 UPD72042 B7225 29GL512 100034 NTE23 P89LPC
Product Description
Full Text Search
 

To Download ZPY18-TAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zpy3v9 to zpy100 www.vishay.com vishay semiconductors rev. 1.9, 11-jul-12 1 document number: 85790 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 zener diodes features ? silicon planar power zener diodes ? for use in stabilizing and clipping circuits with high power rating ? the zener voltages are graded according to the international e 12 standard. ? these diodes are also available in the melf case with the type designation zmy3v9 to zmy100 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 primary characteristics parameter value unit v z range nom. 3.9 to 100 v test current i zt 5 to 100 ma v z specification pulse current int. construction single ordering information device name ordering code taped units per reel minimum order quantity zpy3v9 to zpy100 zpy3v9 to zpy100-series -tr 5000 (52 mm tape on 13" reel) 25 000/box zpy3v9 to zpy100 zpy3v9 to zpy100-series-tap 5000 per ammopack (52 mm tape) 25 000/box package package name weight molding compound flammability rating moisture sensitivity level soldering conditions do-41 310 mg - msl level 1 (according j-std-020) 260 c/10 s at terminals absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit power dissipation valid provided that leads at a distance of 4 mm from case are kept at ambient temperature p tot 1300 mw zener current see table characteristics junction to ambient air valid provided that leads at a distance of 4 mm from case are kept at ambient temperature r thja 110 k/w junction temperature t j 175 c storage temperature range t stg - 55 to + 175 c
zpy3v9 to zpy100 www.vishay.com vishay semiconductors rev. 1.9, 11-jul-12 2 document number: 85790 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) valid provided that leads are kept at ambient temperature at a distance of 10 mm from case (2) tested with pulses t p = 5 ms electrical characteristics (t amb = 25 c, unless otherwise specified) part number zener voltage range (2) test current reverse voltage dynamic resistance f = 1 khz admissible zener current (1) temperature coefficient of zener voltage v z at i zt1 i zt1 v r at i r z z at i zt1 i z tc vz at i zt1 v ma v a ? ma 10 -4 /c min. nom. max. typ. min. max. zpy3v9 3.7 3.9 4.1 100 - 0.5 4 (< 7) 290 - 7 2 zpy4v3 4 4.3 4.6 100 - 0.5 4 (< 7) 260 - 7 3 zpy4v7 4.4 4.7 5 100 - 0.5 4 (< 7) 235 - 7 4 zpy5v1 4.8 5.1 5.4 100 > 0.7 0.5 2 (< 5) 215 - 6 5 zpy5v6 5.2 5.6 6 100 > 1.5 0.5 1 (< 2) 193 - 3 5 zpy6v2 5.8 6.2 6.6 100 > 2.0 0.5 1 (< 2) 183 - 1 6 zpy6v8 6.4 6.8 7.2 100 > 3.0 0.5 1 (< 2) 157 0 7 zpy7v5 7 7.5 7.9 100 > 5.0 0.5 1 (< 2) 143 0 7 zpy8v2 7.7 8.2 8.7 100 > 6.0 0.5 1 (< 2) 127 3 8 zpy9v1 8.5 9.1 9.6 50 > 7.0 0.5 2 (< 4) 117 3 8 zpy10 9.4 10 10.6 50 > 7.5 0.5 2 (< 4) 105 5 9 zpy11 10.4 11 11.6 50 > 8.5 0.5 3 (< 7) 94 5 10 zpy12 11.4 12 12.7 50 > 9.0 0.5 3 (< 7) 85 5 10 zpy13 12.4 13 14.1 50 > 10 0.5 4 (< 9) 78 5 10 zpy15 13.8 15 15.8 50 > 11 0.5 4 (< 9) 70 5 10 zpy16 15.3 16 17.1 25 > 12 0.5 5 (< 10) 63 7 11 zpy18 16.8 18 19.1 25 > 14 0.5 5 (< 11) 57 7 11 zpy20 18.8 20 21.2 25 > 15 0.5 6 (< 12) 52 7 11 zpy22 20.8 22 23.3 25 > 17 0.5 7 (< 13) 48 7 11 zpy24 22.8 24 25.6 25 > 18 0.5 8 (< 14) 42 7 12 zpy27 25.1 27 28.9 25 > 20 0.5 9 (< 15) 38 7 12 zpy30 28 30 32 25 > 22.5 0.5 10 (< 20) 35 7 12 zpy33 31 33 35 25 > 25 0.5 11 (< 20) 31 7 12 zpy36 34 36 38 10 > 27 0.5 25 (< 60) 29 7 12 zpy39 37 39 41 10 > 29 0.5 30 (< 60) 26 8 12 zpy43 40 43 46 10 > 32 0.5 35 (< 80) 24 8 13 zpy47 44 47 50 10 > 35 0.5 40 (< 80) 22 8 13 zpy51 48 51 54 10 > 38 0.5 45 (< 100) 20 8 13 zpy56 52 56 60 10 > 42 0.5 50 (< 100) 18 8 13 zpy62 58 62 66 10 > 47 0.5 60 (< 130) 16 8 13 zpy68 64 68 72 10 > 51 0.5 65 (< 130) 14 8 13 zpy75 70 75 79 10 > 56 0.5 70 (< 160) 13 8 13 zpy82 77 82 88 10 > 61 0.5 80 (< 160) 12 8 13 zpy91 85 91 96 5 > 68 0.5 120 (< 250) 11 9 13 zpy100 94 100 106 5 > 75 0.5 130 (< 250) 10 9 13
zpy3v9 to zpy100 www.vishay.com vishay semiconductors rev. 1.9, 11-jul-12 3 document number: 85790 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - admissible power dissipati on vs. ambient temperature fig. 2 - pulse thermal resistance vs. pulse duration fig. 3 - dynamic resistance vs. zener current fig. 4 - dynamic resistance vs. zener current fig. 5 - dynamic resistance vs. zener current fig. 6 - thermal resistance vs. lead length 0100 200 c 2 1 0 w p tot t am b gzpy1_04 zpy... 10 -5 10 -4 10 -3 10 -2 10 -1 110 s 10 3 10 2 10 1 c/w 2 5 4 3 2 5 4 3 2 5 4 3 r tha t p gzpy1_05 t p v = t p i ___ t t p 0.5 0.2 0.1 0.05 0.02 0.01 zpy... 1 2 10 100 ma 10 3 10 2 1 r zj i z gzpy1_06 5 4 325 4 3 2 5 4 3 2 5 4 3 2 5 4 3 10 7 7 zpy5.1 zpy4.3 zpy18 zpy12 zpy7.5 zpy6.2 zpy1 zpy10 zpy... zpy... 0.1 2 110 ma 10 3 10 2 10 2 5 4 3 r zj i z gzpy1_07 5 4 325 4 3 7 2 5 4 3 7 zpy100 zpy82 zpy68 zpy56 zpy43 1 2 10 100 ma 100 10 1 2 5 4 3 r zj i z gzpy1_08 5 4 325 4 3 7 2 5 4 3 7 zpy43 zpy36 zpy30 zpy24 zpy22 zpy... zpy18 l l zpy... 010 15 20 mm 200 100 0 c/w r tha lead length l gzpy1_09 5
zpy3v9 to zpy100 www.vishay.com vishay semiconductors rev. 1.9, 11-jul-12 4 document number: 85790 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - breakdown characteristics fig. 8 - breakdown characteristics fig. 9 - breakdown characteristics package dimensions in millimeters (inches): do-41 01234567 8 9 1011 12131415 v 0 40 80 120 160 200 240 ma i z v z gzpy1_01 zpy... t j = 25 c test c u rrent l z 100 ma 50 ma zpy4.7 zpy3.9 zpy5.6 zpy6.8 zpy8.2 zpy10 zpy12 0 5 101520253035 40 45 50 v 10 20 30 40 50 60 ma i z v z gzpy1_02 t j = 25 c zpy... test c u rrent l z 25 ma 10 ma zpy22 zpy18 zpy27 zpy33 zpy15 zpy39 zpy47 0 0100 200 v 0 10 20 ma i z v z gzpy1_03 50 150 test c u rrent l z 10 ma 5 ma tj = 25 c zpy56 zpy68 zpy82 zpy100 94 9368 cathode identification 26 (1.024) min. 4.1 (0.161) max. 26 (1.024) min. 0.86 (0.034) max. 2.6 (0.102) max.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of ZPY18-TAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X