Part Number Hot Search : 
M78L0 N4754 SK173 PA124 1778803 0203A 1N5770 013TR
Product Description
Full Text Search
 

To Download WEH002002ABPP5N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  oled specificat ion WEH002002ABPP5N00000 model no: free datasheet http:///
free datasheet http:///
specification version: b customer : module no. : WEH002002ABPP5N00000 approved by: ( for customer use only ) sales by approved by checked by prepared by issued date: free datasheet http:///
modle no records of revision doc. first issue version date revised page no. summary 0 a b 2010.12.21 2011.04.06 2012.03.08 7 first issue remove ic information. modify cie add cie chromaticity diagram free datasheet http:///
1. module classification information w e h 002002 a b p p 5 n 00000 1 2 3 4 5 6 7 8 ?? ? 1 brand winstar display corporation 2 e oled 3 display type h character type, g graphic type 4 display font character 20 words, 2lines. 5 serials code a amber r red b blue c full color g green w white 6 emitting color y yellow green l yellow 7 polarizer p with polarizer; n: without polarizer 8 display mode p passive matrix ; a: active matrix 9 driver voltage 3: 3.0 v; 5: 5.0v 10 touch panel n without touch panel; t: with touch panel 11 products type 0standard type 1. sunlight readable type 2. transparent oled (toled) 3. flexible oled 4. oled for lighting 12 product grades product grades : 0standard(a-level) 2b-level 3c-level 4high class(aa-level) 5 customer offerings 13 serial no. application serial number (00~zz) free datasheet http:///
2. general specification item dimension unit number of characters 20 characters x 2 lines module dimension 116.0 x 37.0 x 9.8(max) mm view area 85.0 x 18.6 mm active area 77.3 x 11.85 mm dot size 0.6 x 0.65 mm dot pitch 0.65x 0.70 mm character size 3.2 x 5.55 mm character pitch 3.9 x 6.25 mm lcd type oled , blue duty 1/16 3. absolute maximum ratings item symbol min max unit notes operating temperature t op -40 +80 storage temperature t st -40 +80 input voltage v i -0.3 vdd v supply voltage for logic vdd-v ss -0.3 5.3 v free datasheet http:///
4. electrical characteristics item symbol condition min typ max unit supply voltage for logic vdd-vss 3.0 5.0 5.3 v input high volt. vih 0.9 vdd vdd v input low volt. vil gnd 0.1vdd v output high volt. voh ioh=-0.5ma 0.8 vdd vdd v output low volt. vol iol=0.5ma gnd 0.2 vdd v supply current idd vdd=5v 35 ma ciex(blue) x,y(cie1931) 0.12 0.16 0.20 ciey(blue) x,y(cie1931) 0.19 0.23 0.27 free datasheet http:///
5. optical characteristics item symbol condition min typ max unit (v) 160 deg view angle (h) 160 deg contrast ratio cr dark 2000:1 t rise 10 s response time t fall 10 s supply voltage for logic 5v 50% check board brightness with polarizer 175mw(5*35ma) 70 nits note1 supply voltage for logic 3v 50% check board brightness with polarizer 50 nits notes: 1.when random texts pattern is running , ave ragely , at any instance , about 1/2 of pixels will be on. 2. you can to use the display off mode to make long life. free datasheet http:///
6. interface pin function pin no. symbol level description 1 vss 0v ground 2 vdd 5.0v supply voltage for logic 3 nc 4 rs h/l h: data, l: instruction code 5 r/w h/l h: read(mpu module) l: write(mpu module) 6 e h,h l chip enable signal 7 db0 h/l data bit 0 8 db1 h/l data bit 1 9 db2 h/l data bit 2 10 db3 h/l data bit 3 11 db4 h/l data bit 4 12 db5 h/l data bit 5 13 db6 h/l data bit 6 14 db7 h/l data bit 7 15 nc 16 nc free datasheet http:///
7. counter drawing & block diagram the non-specified tolerance of dimension is 0.3 mm . db4 12 14 13 db6 db5 vss 1 e 7 11 10 89 db3 db2 db1 db0 46 5 3 2 r/w rs nc vdd dot size scale 5/1 db7 nc 15 nc 16 pin detail 0.60 0.65 3.20 0.70 0.65 0.70 5.55 0.75 1.6 4.9 9.8 max 2.5 2.54 8.34 17.78 (p2.54*7) 1 15 2 16 9.20 11.85(aa) 18.60(va) 20.03 16.50 13.40 77.30(aa) 85.00(va) 91.2 59.0 4.0 108.0 12.57 5.90 25.20 37.0 0.5 116.0 0.5 4.0 29.0 1 2 15 16 4- 3.5 pth 4- 5.5 pad free datasheet http:///
free datasheet http:///
8. oled lifetime item conditions typ remark operating life time ta=25 /initial 50% check board brightness 70nits 50,000 hrs note notes: 1. simulation pattern for operation test: interchan ging with 50% checkboard the brightness decay does not exceed 50%. 2. you can use the display off mode to make long li fe. 3.the average operating lifetime at room temperatur e is estimated by the accelerated operation at high temperature conditions. free datasheet http:///
9. reliability content of reliability test environmental test test item content of test test condition applicable standard high temperature storage endurance test applying the high storage temperature for a long time. 80 240hrs high temperature operation endurance test applying the electric stress (voltage & current) and the thermal stress to the element for a long time. 80 240hrs low temperature operation endurance test applying the electric stress under low temperature for a long time. -40 240hrs high temperature/ humidity storage endurance test applying the high temperature and high humidity storage for a long time. 60 ,90%rh 240hrs temperature cycle endurance test applying the low and high temperature cycle. -40 25 80 30min 5min 30min 1 cycle -40 /80 100 cycles mechanical test vibration test endurance test applying the vibration during transportation and using. 10~22hz 1.5mmp-p 22~500hz 1.5g total 0.5hrs shock test constructional and mechanical endurance test applying the shock during transportation. 50g half sign wave 11 msedc 3 times of each direction atmospheric pressure test endurance test applying the atmospheric pressure during transportation by air. 115mbar 40hrs others static electricity test endurance test applying the electric stress to the terminal. vs=800v,rs=1.5k cs=100pf 1 time ***supply voltage for logic system=5v. supply volta ge for lcd system =operating voltage at 25 free datasheet http:///
test and measurement conditions 1. all measurements shall not be started until the specimens attain to temperature stability. 2. all-pixels-on is used as operation test pattern. 3. the degradation of polarizer are ignored for hig h temperature storage, high temperature/ humidity storage, temperature cycle evaluation criteria 1. the function test is ok. 2. no observable defects. 3. luminance: > 50% of initial value. 4. current consumption: within 50% of initial val ue . appendix: residue image because the pixels are lighted in different time, t he luminance of active pixels may reduce or differ from inactive pixels. therefor e, the residue image will occur. to avoid the residue image, every pixel needs to be lighted up uniformly. free datasheet http:///
10. inspection specification no item criterion aql 01 electrical testing 1.1 missing vertical, horizontal segment, segment c ontrast defect. 1.2 missing character , dot or icon. 1.3 display malfunction. 1.4 no function or no display. 1.5 current consumption exceeds product specificati ons. 1.6 oled viewing angle defect. 1.7 mixed product types. 1.8 contrast defect. 0.65 02 black or white spots on oled (display only) 2.1 white and black spots on display Q 0.25mm, no more than three white or black spots present. 2.2 densely spaced: no more than two spots or lines within 3mm. 2.5 03 oled black spots, white spots, contamina tion (non-displ ay) 3.1 round type : as following drawing =( x + y ) / 2 2.5 3.2 line type : (as following drawing) length width acceptable q ty --- w Q 0.02 accept no dense l Q 3.0 0.02 w Q 0.03 l Q 2.5 0.03 w Q 0.05 2 --- 0.05 w as round type 2.5 04 polarizer bubbles if bubbles are visible, judge using black spot specifications, not easy to find, must check in specify direction. size acceptable q ty Q 0.20 accept no dense 0.20 Q 0.50 3 0.50 Q 1.00 2 1.00 0 total q ty 3 2.5 free datasheet http:///
no item criterion aql 05 scratches follow no.3 oled black spots, white spots, contamin ation 06 chipped glass symbols define: x: chip length y: chip width z: chip thick ness k: seal width t: glass thickness a: oled sid e length l: electrode pad length: 6.1 general glass chip : 6.1.1 chip on panel surface and crack between panel s: z: chip thickness y: chip width x: chip length z Q 1/2t not over viewing area x Q 1/8a 1/2t z Q 2t not exceed 1/3k x Q 1/8a if there are 2 or more chips, x is total length of each chip. 6.1.2 corner crack: z: chip thickness y: chip width x: chip length z Q 1/2t not over viewing area x Q 1/8a 1/2t z Q 2t not exceed 1/3k x Q 1/8a if there are 2 or more chips, x is the total length of each chip. 2.5 free datasheet http:///
no item criterion aql 06 glass crack symbols : x: chip length y: chip width z: chip thick ness k: seal width t: glass thickness a: oled sid e length l: electrode pad length 6.2 protrusion over terminal : 6.2.1 chip on electrode pad : y: chip width x: chip length z: chip thickness y Q 0.5mm x Q 1/8a 0 z Q t 6.2.2 non-conductive portion: y: chip width x: chip length z: chip thickness y Q l x Q 1/8a 0 z Q t if the chipped area touches the ito terminal, over 2/3 of the ito must remain and be inspected according to electrode terminal specifications. if the product will be heat sealed by the customer, the alignment mark not be damaged. 6.2.3 substrate protuberance and internal crack. y: width x: length y Q 1/3l x Q a 2.5 free datasheet http:///
no item criterion aql 07 cracked glass the olcd with extensive crack is not acceptable. 2. 5 08 backlight elements 8.1 illumination source flickers when lit. 8.2 spots or scratched that appear when lit must be judged. using oled spot, lines and contamination standards. 8.3 backlight doesnt light or color wrong. 0.65 2.5 0.65 09 bezel 9.1 bezel may not have rust, be deformed or have fingerprints, stains or other contamination. 9.2 bezel must comply with job specifications. 2.5 0.65 10 pcb cob 10.1 cob seal may not have pinholes larger than 0.2 mm or contamination. 10.2 cob seal surface may not have pinholes through to the ic. 10.3 the height of the cob should not exceed the he ight indicated in the assembly diagram. 10.4 there may not be more than 2mm of sealant outs ide the seal area on the pcb. and there should be no mo re than three places. 10.5 no oxidation or contamination pcb terminals. 10.6 parts on pcb must be the same as on the produc tion characteristic chart. there should be no wrong part s, missing parts or excess parts. 10.7 the jumper on the pcb should conform to the pr oduct characteristic chart. 10.8 if solder gets on bezel tab pads, oled pad, ze bra pad or screw hold pad, make sure it is smoothed down. 2.5 2.5 0.65 2.5 2.5 0.65 0.65 2.5 11 soldering 11.1 no un-melted solder paste may be present on th e pcb. 11.2 no cold solder joints, missing solder connecti ons, oxidation or icicle. 11.3 no residue or solder balls on pcb. 11.4 no short circuits in components on pcb. 2.5 2.5 2.5 0.65 free datasheet http:///
no item criterion aql 12 general appearance 12.1 no oxidation, contamination, curves or, bends on interface pin (olb) of tcp. 12.2 no cracks on interface pin (olb) of tcp. 12.3 no contamination, solder residue or solder bal ls on product. 12.4 the ic on the tcp may not be damaged, circuits . 12.5 the uppermost edge of the protective strip on the interface pin must be present or look as if it caus e the interface pin to sever. 12.6 the residual rosin or tin oil of soldering (co mponent or chip component) is not burned into brown or black c olor. 12.7 sealant on top of the ito circuit has not hard ened. 12.8 pin type must match type in specification shee t. 12.9 oled pin loose or missing pins. 12.10 product packaging must the same as specified on packaging specification sheet. 12.11 product dimension and structure must conform to product specification sheet. 2.5 0.65 2.5 2.5 2.5 2.5 2.5 0.65 0.65 0.65 0.65 free datasheet http:///
check item classification criteria no display major missing line major pixel short major darker short major wrong display major un-uniform b/a x 100% < 70% a/c x 100% < 70% major free datasheet http:///
11. precautions in use of oled modules-1 modules (1)avoid applying excessive shocks to module or mak ing any alterations or modifications to it. (2)dont make extra holes on the printed circuit bo ard, modify its shape or change the components of oled module. (3)dont disassemble the oledm. (4)dont operate it above the absolute maximum rati ng. (5)dont drop, bend or twist oledm. (6)soldering: only to the i/o terminals. (7)storage: please storage in anti-static electrici ty container and clean environment. 17.1 handling precautions (1) since the display panel is being made of glass, do not apply mechanical impacts such us dropping from a high position. (2) if the display panel is broken by some accident and the internal organic substance leaks out, be careful not to inhale nor lick the organic substanc e. (3) if pressure is applied to the display surface o r its neighborhood of the oled display module, the cell structure may be damaged and be careful not to apply pressure to these sections. (4) the polarizer covering the surface of the oled display module is soft and easily scratched. please be careful when handling the oled display mo dule. (5) when the surface of the polarizer of the oled d isplay module has soil, clean the surface. it takes advantage of by using following adhesion tape . * scotch mending tape no. 810 or an equivalent never try to breathe upon the soiled surface nor wi pe the surface using cloth containing solvent such as ethyl alcohol, since the surface of the pol arizer will become cloudy. also, pay attention that the following liquid and s olvent may spoil the polarizer: * water * ketone * aromatic solvents (6) hold oled display module very carefully when pl acing oled display module into the system housing. do not apply excessive stress or pr essure to oled display module. and, do not over bend the film with electrode pattern layou ts. these stresses will influence the display performan ce. also, secure sufficient rigidity for the outer cases. free datasheet http:///
(7) do not apply stress to the lsi chips and the su rrounding molded sections. (8) do not disassemble nor modify the oled display module. (9) do not apply input signals while the logic powe r is off. (10) pay sufficient attention to the working enviro nments when handing oled display modules to prevent occurrence of element breakage a ccidents by static electricity. * be sure to make human body grounding when handlin g oled display modules. * be sure to ground tools to use or assembly such a s soldering irons. * to suppress generation of static electricity, avo id carrying out assembly work under dry environments. * protective film is being applied to the surface o f the display panel of the oled display module. be careful since static electricity may be generated when exfoliating the protective film. (11) protection film is being applied to the surfac e of the display panel and removes the protection film before assembling it. at this time, if the oled display module has been stored for a long period of time, residue adhesive materia l of the protection film may remain on the surface of the display panel after removed of the f ilm. in such case, remove the residue material by the method introduced in the above sect ion 5. (12) if electric current is applied when the oled d isplay module is being dewed or when it is placed under high humidity environments, the electr odes may be corroded and be careful to avoid the above. 8.2 storage precautions (1) when storing oled display modules, put them in static electricity preventive bags avoiding exposure to direct sun light nor to lights of fluorescent lamps. and, also, avoiding high temperature and high humidity environment or l ow temperature (less than 0c) environments. (we recommend you to store these modules in the pac kaged state when they were shipped from winstar technology inc. at that time, be careful not to let water drops adh ere to the packages or bags nor let dewing occur with them. (2) if electric current is applied when water drops are adhering to the surface of the oled display module, when the oled display module is bei ng dewed or when it is placed under high humidity environments, the electrodes may be c orroded and be careful about the above. 8.3 designing precautions (1) the absolute maximum ratings are the ratings wh ich cannot be exceeded for oled display module, and if these values are exceeded, p anel damage may be happen. (2) to prevent occurrence of malfunctioning by nois e, pay attention to satisfy the vil and vih specifications and, at the same time, to make the s ignal line cable as short as possible. (3) we recommend you to install excess current prev entive unit (fuses, etc.) to the power circuit (vdd). (recommend value: 0.5a) (4) pay sufficient attention to avoid occurrence of mutual noise interference with the neighboring devices. (5) as for emi, take necessary measures on the equi pment side basically. (6) when fastening the oled display module, fasten the external plastic housing section. (7) if power supply to the oled display module is f orcibly shut down by such errors as taking out the main battery while the oled display panel i s in operation, we cannot guarantee the quality of this oled display module. * connection (contact) to any other potential than the above may lead to rupture of the ic. free datasheet http:///
8.4 precautions when disposing of the oled display modules 1) request the qualified companies to handle indust rial wastes when disposing of the oled display modules. or, when burning them, be sure to observe the environmental and hygienic laws and regulations. 8.5 other precautions (1) when an oled display module is operated for a l ong of time with fixed pattern may remain as an after image or slight contrast deviation may occ ur. nonetheless, if the operation is interrupted and le ft unused for a while, normal state can be restored. also, there will be no problem in the rel iability of the module. (2) to protect oled display modules from performanc e drops by static electricity rapture, etc., do not touch the following sections whenever possible while handling the oled display modules. * pins and electrodes * pattern layouts such as the tcp & fpc (3) with this oled display module, the oled driver is being exposed. generally speaking, semiconductor elements change their characteristics when light is radiated according to the principle of the solar battery. consequently, if th is oled driver is exposed to light, malfunctioning may occur. * design the product and installation method so tha t the oled driver may be shielded from light in actual usage. * design the product and installation method so tha t the oled driver may be shielded from light during the inspection processes. (4) although this oled display module stores the op eration state data by the commands and the indication data, when excessive external noise, etc . enters into the module, the internal status may be changed. it therefore is necessary to take a ppropriate measures to suppress noise generation or to protect from influences of noise o n the system design. (5) we recommend you to construct its software to m ake periodical refreshment of the operation statuses (re-setting of the commands and re-transfe rence of the display data) to cope with catastrophic noise. (6)resistors,capacitors and other passive component s will have different appearance and color caused by the different supplier. (7)our company will has the right to upgrade and mo dify the product function. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of WEH002002ABPP5N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X