Part Number Hot Search : 
HCS201 5248B U74HC123 25L4005A 78012 L8231 IRF370 TFS433F
Product Description
Full Text Search
 

To Download VRB2424LD-20WR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page1of9 features efficiencyupto90% 2:1wideinputvoltagerange outputovervoltage,overcurrentandinput undervoltageprotection,shortcircuitprotection 1.5kvdcisolation operatingtemperaturerange: -40 c~+85 c six-sidedmetalshield industrystandardpinout meetcispr22/en55022classa meeten60950 a2s chassismounting anda4s din-rail mounting havethefunctionofinputreverse connectionpreventing application vra_ld-20wr2&vrb_ld-20wr2seriesareappliedto widevoltagerangeinputsituationsuchasdatatransmission device,batterypowersupplydevice,telecommunicationdevice ,distributed power supply system, remote control system, industrialrobotsystemetc. vra_ld-20wr2 & vrb_ld-20wr2series 20w, wideinput,isolated®ulated dual/single outputdc-dcconverter patentprotected rohs partnumbersystem vra1205ld-20wr2 rated power package style output voltage input voltage product series selectionguide approval model input voltage(vdc) output voltage (vdc) outputcurrent (ma) inputcurrent(ma)(typ.) reflected ripple current (ma,typ.) max. capacitive load ( f) efficiency (%,typ.) @max. load nominal (range) max. max. min. @max. load @noload ce vra1205ld-20wr2 12 (9-18) 20 5 2000 100 1938 30 30 4800 86 vra1212ld-20wr2 12 834 42 1895 25 800 88 vra1215ld-20wr2 15 667 33 1895 25 500 88 vra1224ld-20wr2 24 417 21 1895 20 300 88 vrb1203ld-20wr2 3.3 5000 250 1600 65 18700 86 vrb1205ld-20wr2 5 4000 200 1872 60 9600 89 vrb1212ld-20wr2 12 1667 84 1872 25 1600 89 vrb1215ld-20wr2 15 1333 67 1872 25 1000 89 vrb1224ld-20wr2 24 834 42 1853 30 470 90 vra2405ld-20wr2 24 (18-36) 40 5 2000 100 969 25 4800 86 vra2412ld-20wr2 12 834 42 948 20 800 88 vra2415ld-20wr2 15 667 34 948 20 500 88 vra2424ld-20wr2 24 417 21 948 20 300 88 vrb2403ld-20wr2 3.3 5000 250 800 40 18700 86 vrb2405ld-20wr2 5 4000 200 926 40 9600 90 vrb2412ld-20wr2 12 1667 84 937 20 1600 89 vrb2415ld-20wr2 15 1333 67 926 20 1000 90 VRB2424LD-20WR2 24 834 42 916 20 470 90
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page2of9 ce vra4805ld-20wr2 48 (36-75) 80 5 2000 100 484 20 30 4800 86 vra4812ld-20wr2 12 834 42 474 15 800 88 vra4815ld-20wr2 15 667 34 468 15 500 89 vra4824ld-20wr2 24 417 21 468 15 300 89 vrb4803ld-20wr2 3.3 5000 250 400 25 18700 86 vrb4805ld-20wr2 5 4000 200 463 25 9600 90 vrb4812ld-20wr2 12 1667 84 469 10 1600 89 vrb4815ld-20wr2 15 1333 67 463 10 1000 90 vrb4824ld-20wr2 24 834 42 468 10 470 89 note: serieswithsuffix h areheatsinkmounting;serieswithsuffix a2s arechassismounting withsuffix a4s aredin-railmounting,forexamplevrb2405ld- 20whr2a2sischassismountingofwithheatsink,vrb2405ld-20wr2a4sisdin-railmountingofwithoutheatsink;iftheapplicationhasahigher requirementforheatdissipation,youcanchoosemoduleswithheatsink; absolutemaximumratingwithoutdamageontheconverter; fordual-output-convertersthegivenvalueisforoneoutput(forbothoutputsthesamevalue); theefficiencyof"a2s"and"a4s"isapprox.2%lowerfortheprotectionofinversepolarity. input specifications item testconditions min. typ. max. unit inputsurgevoltage(1sec.max.) 12vdcinput -0.7 -- 25 vdc 24vdcinput -0.7 -- 50 48vdcinput -0.7 -- 100 start-upvoltage 12vdcinput -- -- 9 24vdcinput -- -- 17.8 48vdcinput -- -- 35.8 undervoltageshutdown 12vdcinput 7.5 -- -- 24vdcinput 16 -- -- 48vdcinput 32 -- -- start-uptime nominalinput&constantresistanceload -- 10 -- ms ctrl* modelson ctrlopenorconnectttlhighlevel(2.5-12vdc) modelsoff ctrlconnectgndorlowlevel(0-1.2vdc) inputcurrent(modelsoff) -- 1 -- ma inputfilter pifilter note:*thectrlcontrolpinvoltageisrefertognd. output specifications item testconditions min. typ. max. unit positivevoltageaccuracy -- 1 3 % negativevoltageaccuracy outputvoltagebalance dualoutput,balancedloads -- 0.5 1 lineregulation fullload,inputvoltagefromlowtohigh -- 0.2 0.5 loadregulation 10%to100%load -- 0.5 1 crossregulation dualoutput,mainoutput50%load, supplementoutputfrom10%to100%load -- -- 5 transientrecoverytime 25%loadstepchange -- 300 500 s transientresponsedeviation -- 3 5 % temperaturedrift fullload -- 0.02 -- %/ c ripple&noise* 20mhzbandwidth -- 70 100 mvp-p trim -- 10% -- vdc outputovervoltageprotection 3.3vdcoutput -- 3.9 -- 5vdcoutput -- 6.2 -- 12vdcoutput -- 15 -- 15vdcoutput -- 18 -- 24vdcoutput -- 30 -- overcurrentprotection inputvoltagerange -- 150 -- % shortcircuitprotection hiccup,continuous,automaticrecovery note:*rippleandnoisetestedby parallelcable method.seedetailedoperationinstructionsat dc-dcapplicationnotes.
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page3of9 common specifications item testconditions min. typ. max. unit isolationvoltage input-output,testedfor1minute,leakagecurrentlessthan1ma 1500 -- -- vdc isolationresistance input-output,testat500vdc 1000 -- -- m isolationcapacitance input/output,100khz/0.1v -- 1000 -- pf switchingfrequency pwmmode -- 300 -- khz mtbf mil-hdbk-217f@25 1000 -- -- khours safetyapprovals en60950 casematerial aluminumalloy size pcbmounting withoutheatsink 50.80 25.40 11.80 mm pcbmounting withheatsink 50.80 25.40 16.30 a2schassismounting withoutheatsink 76.00 31.50 21.20 a2schassismounting withheatsink 76.00 31.50 25.10 a4sdin-railmounting withoutheatsink 76.00 31.50 25.80 a4sdin-railmounting withheatsink 76.00 31.50 29.70 weight withoutheatsink withoutheatsink -- 28 -- g withheatsink withheatsink -- 36 -- a2schassismounting withoutheatsink -- 50 -- a2schassismounting withheatsink -- 58 -- a4sdin-railmounting withoutheatsink -- 70 -- a4sdin-railmounting withheatsink -- 78 -- environmentalspecifications item testconditions min. typ. max. unit storagehumidity noncondensing 5 -- 95 % operatingtemperature seetemperaturederatingcurve(figure3) -40 -- 85 c storagetemperature -55 -- 125 themax.casetemperature operatingtemperaturecurverange -- -- 105 leadtemperature 1.5mmfromcasefor10seconds -- -- 300 cooling freeairconvection shake 10-55hz,10g,30min.alongx,yandz emcspecifications emi ce cispr22/en55022 classa withoutexternalcircuit /classb externalcircuitrefertofigure1- ? re cispr22/en55022 classa withoutexternalcircuit /classb externalcircuitrefertofigure1- ? ems esd iec/en61000-4-2 contact 4kv perf.criteriab rs iec/en61000-4-3 10v/m perf.criteriaa eft iec/en61000-4-4 2kv (externalcircuitrefertofigure1- ) perf.criteriab surge iec/en61000-4-5 2kv (externalcircuitrefertofigure1- ) perf.criteriab cs iec/en61000-4-6 3vr.m.s perf.criteriaa voltagedips,shortand interruptionsimmunity iec/en61000-4-29 0%-70% perf.criteriab emcrecommendedcircuit ldm2 c0 tvs ldm1 mov fuse c1 v in gnd + vin gnd +vo -vo (0v) eut load cy1 cy2 (figure1) note:1.infigure1,part isemsrecommendedexternalcircuit,part is emi recommended external circuit(class b). choose according to requirements; 2.ifthereisnorecommendedparameters,themodelnorequiretheexternal component. re commendedexternalcircuitparameters: model vin:12v vin:24v vin:48v fuse chooseaccordingtopracticalinputcurrent mov -- s14k35 s14k60 ldm1 -- 56 h tvs smcj28a smcj48a smcj90a c0 680 f/25v 330 f/50v 330 f/100v c1 1 f/50v 1 f/50v 1 f/100v ldm2 4.7 h cy1 cy2 1nf/2kv
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page4of9 emcrecommendedcircuitpcblayout (figure2) note:thepadspacebetweeninputandoutput(cy1/cy2)must 2mm. emctestwaveform(classbapplycircuit) vra2405ld-20wr2 ce(positiveline) vra2405ld-20wr2 ce(negativeline) vra4815ld-20wr2 ce(positiveline) vra4815ld-20wr2 ce(negativeline) vra2405ld-20wr2 re(horizontal) vra2405ld-20wr2 re(vertical) vra4815ld-20wr2 re(horizontal) vra4815ld-20wr2 re(vertical)
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page5of9 vrb2405ld-20wr2 ce(positiveline) vrb2405ld-20wr2 ce(negativeline) vrb4815ld-20wr2 ce(positiveline) vrb4815ld-20wr2 ce(negativeline) vrb2405ld-20wr2 re(horizontal) vrb2405ld-20wr2 re(vertical) vrb4815ld-20wr2 re(horizontal) vrb4815ld-20wr2 re(vertical) product typical curve temperaturederatingcurve 0 20 40 60 80 100 120 -40 0 40 80 120 85 operating temp( c) o u t p u t p o w e r p e r c e n t ( % ) withoutheatsink with heatsink safe operating area 65 (figure3) efficiency vs input voltage curve (full load) 50 55 60 65 70 75 80 85 90 95 100 9101112131415161718 input voltage(v) efficiency(%) vra1205ld-20wr2 vrb1205ld-20wr2 30 40 50 60 70 80 90 100 5102030405060708090100 efficiency(%) total output current (%) efficiency vs output load curve (vin=vin-nominal) vra 1205 ld - 20 wr 2 vrb 1205 ld - 20 wr 2
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page6of9 efficiency vs input voltage curve (full load) 50 55 60 65 70 75 80 85 90 95 100 18202224262830323436 input voltage(v) efficiency(%) vra2405ld-20wr2 vrb2405ld-20wr2 30 40 50 60 70 80 90 100 5102030405060708090100 efficiency(%) total output current (%) efficiency vs output load curve (vin=vin-nominal) vra2405ld-20wr2 vrb2405ld-20wr2 pcbmountingoutlinedimensions,recommendedfootprint(withoutheatsink) pcbmountin goutlinedimensions(withheatsink)
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page7of9 vra_ld-20wr2a2s&vrb_ld-20wr2a2schassismountingoutlinedimensions footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd vin 0v trim +vo vra_ld-20whr2a2s&vrb_ld-20whr2a2schassismountingoutlinedimensions footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd in 0v trim +vo vra_ld-20wr2a4s&vrb_ld-20wr2a4sdin-railmountingoutlinedimensions itishangedonthets35rail footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd vin 0v trim +vo
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page8of9 vra_ld-20whr2a4s&vrb_ld-20whr2a4sdin-railmountingoutlinedimensions din-railmodulesarefittingtots35rails footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd vin 0v trim +vo packagediagram specialpackageseries a2s/a4s testconfigurations inputreflected-ripplecurrenttestsetup inputreflected-ripplecurrentismeasuredwithaninductorlinandcapacitorcintosimulatesourceimpedance. dc cin lin dc load oscilloscope current probe lin(4.7 h) cin(220 f,esr<1.0 at100khz) trimapplication&trimresistance applicationcircuitfortrim(partinbrokenlineistheinteriorofmodels ) 0v r 2 r 1 r 3 v ref r t trim +vo 0v r 2 r 1 r 3 v ref r t trim +vo trim up trim down formulaforresistanceoftrim up: a= vref vo -vref r 1 r= t ar 2 r-a 2 -r 3 down: a= vref vo -vref r 2 r= t ar 1 r-a 1 -r 3 note:leaveopenifnotused.valueforr1,r2,r3,andv ref refertotheabove(table1).r t :resistanceoftrim.a:user-definedparameter,no actualmeanings.vo :thetrimup/downvoltage.
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-20wr2&vrb_ld-20wr2 2013.11.29-a/4 page9of9 note: 1.min.loadshouldn'tbelessthan5%,otherwiseripplemaybeincreaseddramatically,iftheproductoperatesundermin.load,itmaynotbe guaranteedtomeetallspecificationlisted.operationunderminimumloadwillnotdamagetheconverter. 2.recommendeddualoutputmodelsunbalancedload: 5%,iftheproductoperates> 5%,itmaynotbeguaranteedtomeetallspecification listed,pleasecontactourtechnicalpersonformoredetail. 3.max.capacitiveloadistestedatnominalinputvoltageandfullload. 4.allspecificationsmeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputloadunlessotherwisespecified. 5.inthisdatasheet,allthetestmethodsofindicationsarebasedonourcorporatestandards. 6.allcharacteristicsareforlistedmodel,non-standardmodelsmayperformdifferently,pleasecontactourtechnicalpersonformoredetail. 7.contactusforyourspecificrequirement. 8.specificationsofthisproductaresubjecttochangeswithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 e-mail:info@mornsun.cn http://www.mornsun-power.com (table1) vo parameter 3.3(vdc) 5(vdc) 12(vdc) 15(vdc) 24(vdc) r1(k ) 4.801 2.883 10.971 14.497 24.872 r2(k ) 2.863 2.864 2.864 2.864 2.863 r3(k ) 15 10 17.8 17.8 20 vref(v) 1.24 2.5 2.5 2.5 2.5 designconsiderations recommendedcircuit allthevra_ld-20wr2&vrb_ld-20wr2serieshavebeentestedaccordingtothefollowingrecommendedtestingcircuitbeforeleaving factory(seefigure3). ifyouwanttofurtherdecreasetheinput/outputripple,youcanincreaseacapacitanceproperlyorchoosecapacitorswithlowesr,butthe greatestcapacitanceofitsfiltercapacitormustlessthanthemax.capacitiveload.therecommendedcapacitanceofitsfiltercapacitorsees (table2). dc dc vin gnd +vo 0v cin cout vin gnd +vo 0v cin cout dc dc -vo cout dual output single output (figure3) externalcapacitortable(table2) note: # foreachoutput. itisnotrecommendedtoincreasetheoutputpowercapabilitybyconnectingtwoormoreconvertersinparallel.theproductisnothot- swappable single vout (vdc) cout ( f) cin ( f) dual vout (vdc) cout # ( f) cin ( f) 3.3/5 470 100 5 220 100 12/15 220 12/ 15 100 24 100 24 47


▲Up To Search▲   

 
Price & Availability of VRB2424LD-20WR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X