Part Number Hot Search : 
IDP23E60 TFS365B MJ14003G CH29BU AN5265 SY8024 IN74HC Q800301
Product Description
Full Text Search
 

To Download VRB2424LD-15WR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page1of9 features efficiencyupto90% 2:1wideinputvoltagerange outputovercurrent,overvoltageandinputunder voltageprotection,shortcircuitprotection 1.5kvdcisolation operatingtemperaturerange: -40 c~+85 c six-sidedmetalshield industrystandardpinout meetcispr22/en55022classa meeten60950 a2s ( chassis mounting ) anda4s ( din-rail mounting ) have the function of input reverse connection preventing application vra_ld-15wr2&vrb_ld-15wr2seriesareappliedtowide voltagerangeinputsituationsuchasdatatransmissiondevice, batterypowersupplydevice,telecommunicationdevice,distributed powersupplysystem,remote control system,industrialrobot systemetc. vra_ld-15wr2 & vrb_ld-15wr2series 15w,wide input,isolated®ulated dual/single outputdippackaging, dc-dc converter patentprotectied rohs partnumbersystem vra1205ld-15wr2 rated power package style output voltage input voltage product series selectionguide approval model input voltage(vdc) output voltage (vdc) outputcurrent(ma) inputcurrent (ma)(typ.) reflected ripple current (ma,typ.) max. capacitive load ( f) efficiency (%,typ.) @max load nominal (range) max. max. min. @max. load @no load ce vra1205ld-15wr2 12 (9-18) 20 5 1500 75 1453 30 30 1020 86 vra1212ld-15wr2 12 625 32 1420 25 495 88 vra1215ld-15wr2 15 500 25 1420 25 165 88 vra1224ld-15wr2 24 313 16 1420 20 200 88 vrb1203ld-15wr2 3.3 4000 200 1465 65 10500 87 vrb1205ld-15wr2 5 3000 150 1405 60 4020 89 vrb1212ld-15wr2 12 1250 63 1405 25 1035 89 vrb1215ld-15wr2 15 1000 50 1405 25 705 89 vrb1224ld-15wr2 24 625 32 1389 30 250 90 vra2405ld-15wr2 24 (18-36) 40 5 1500 75 727 25 1020 86 vra2412ld-15wr2 12 625 32 710 20 495 88 vra2415ld-15wr2 15 500 25 710 20 165 88 vra2424ld-15wr2 24 313 16 710 20 200 88 vrb2403ld-15wr2 3.3 4000 200 625 35 10500 88 vrb2405ld-15wr2 5 3000 150 695 35 4020 90 vrb2412ld-15wr2 12 1250 63 703 20 1035 89 vrb2415ld-15wr2 15 1000 50 695 20 705 90 VRB2424LD-15WR2 24 625 32 695 25 250 90
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page2of9 ce vra4805ld-15wr2 48 (36-75) 80 5 1500 75 363 20 30 1020 86 vra4812ld-15wr2 12 625 32 355 15 495 88 vra4815ld-15wr2 15 500 25 355 15 165 88 vra4824ld-15wr2 24 313 16 355 15 200 88 vrb4803ld-15wr2 3.3 4000 200 316 35 10500 87 vrb4805ld-15wr2 5 3000 150 360 35 4020 87 vrb4812ld-15wr2 12 1250 63 352 25 1035 89 vrb4815ld-15wr2 15 1000 50 348 15 705 90 vrb4824ld-15wr2 24 625 32 352 15 250 89 note: serieswithsuffix h areheatsinkmounting;serieswithsuffix a2s arechassismounting withsuffix a4s aredin-railmounting,forexamplevrb2405ld- 15whr2a2sischassismountingofwithheatsink,vrb2405ld-15wr2a4sisdin-railmountingofwithoutheatsink;iftheapplicationhasahigher requirementforheatdissipation,youcanchoosemoduleswithheatsink; absolutemaximumratingwithoutdamageontheconverter; fordual-output-convertersthegivenvalueisforoneoutput(forbothoutputsthesamevalue); theefficiencyof"a2s"and"a4s"isapprox.2%lowerfortheprotectionofinversepolarity. input specifications item testconditions min. typ. max. unit inputsurgevoltage(1sec.max.) 12vdcinput -0.7 -- 25 vdc 24vdcinput -0.7 -- 50 48vdcinput -0.7 -- 100 start-upvoltage 12vdcinput -- -- 9 24vdcinput -- -- 17.8 48vdcinput -- -- 35.8 undervoltageshutdown 12vdcinput 7.5 -- -- 24vdcinput 16 -- -- 48vdcinput 32 -- -- start-uptime nominalinput&constantresistanceload -- 10 -- ms ctrl * modelson ctrlopenorconnectttlhighlevel(2.5-12vdc) modelsoff ctrlconnectgndorlowlevel(0-1.2vdc) inputcurrent(modelsoff) -- 1 -- ma inputfilter pifilter note:*the ctrl controlpinvoltageisrefertognd. output specifications item testconditions min. typ. max. unit positivevoltageaccuracy -- 1 3 % negativevoltageaccuracy outputvoltagebalance dualoutput,balancedloads -- 0.5 1 lineregulation fullload,inputvoltagefromlowtohigh -- 0.2 0.5 loadregulation 5%to100%load -- 0.5 1 crossregulation dualoutput,mainoutput50%load, supplementoutputfrom10%to100%load -- -- 5 transientrecoverytime 25%loadstepchange -- 300 500 s transientresponsedeviation -- 3 5 % temperaturedrift fullload -- 0.02 -- %/ c ripple&noise* 20mhzbandwidth -- 70 100 mvp-p trim -- 10% -- vdc outputovervoltageprotection 3.3vdcoutput -- 3.9 -- 5vdcoutput -- 6.2 -- 12vdcoutput -- 15 -- 15vdcoutput -- 18 -- 24vdcoutput -- 30 -- overcurrentprotection inputvoltagerange -- 150 -- % shortcircuitprotection hiccup,continuous,automaticrecovery note:*rippleandnoisetestedby parallelcable method.seedetailedoperationinstructionsat dc-dcapplicationnotes .
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page3of9 common specifications item testconditions min. typ. max. unit isolationvoltage input-output,testedfor1minuteandleakagecurrentlessthan1ma 1500 -- -- vdc isolationresistance input-output,testat500vdc 1000 -- -- m isolationcapacitance input-output,100khz/0.1v 24vdcoutput -- 2000 -- pf others -- 1000 -- switchingfrequency pwmmode -- 300 -- khz mtbf mil-hdbk-217f@25 1000 -- -- khours safetyapprovals en60950 casematerial aluminumalloy size pcbmounting withoutheatsink 50.80 25.40 11.80 mm pcbmounting withheatsink 50.80 25.40 16.30 a2schassismounting withoutheatsink 76.00 31.50 21.20 a2schassismounting withheatsink 76.00 31.50 25.10 a4sdin-railmounting withoutheatsink 76.00 31.50 25.80 a4sdin-railmounting withheatsink 76.00 31.50 29.70 weight pcbmounting withoutheatsink -- 28 -- g pcbmounting withheatsink -- 36 -- a2schassismounting withoutheatsink -- 50 -- a2schassismounting withheatsink -- 58 -- a4sdin-railmounting withoutheatsink -- 70 -- a4sdin-railmounting withheatsink -- 78 -- environmental specifications item testconditions min. typ. max. unit storagehumidity noncondensing 5 -- 95 % operatingtemperature seetemperaturederatingcurve figure3 -40 -- 85 c storagetemperature -55 -- 125 themax.casetemperature operatingtemperaturecurverange -- -- 105 leadtemperature 1.5mmfromcasefor10seconds -- -- 300 cooling freeairconvection vibrating 10-55hz,10g,30min.alongx,yandz emc specifications emi ce cispr22/en55022 classa withoutexternalcircuit /classb externalcircuitrefertofigure1- re cispr22/en55022 classa withoutexternalcircuit /classb externalcircuitrefertofigure1- ems esd iec/en61000-4-2 contact 4kv perf.criteriab rs iec/en61000-4-3 10v/m perf.criteriaa eft iec/en61000-4-4 2kv externalcircuitrefertofigure1- perf.criteriab surge iec/en61000-4-5 2kv externalcircuitrefertofigure1- perf.criteriab cs iec/en61000-4-6 3vr.m.s perf.criteriaa voltagedips short andinterruptions immunity iec/en61000-4-29 0%-70% perf.criteriab emc recommended circuit ldm2 c0 tvs ldm1 mov fuse c1 v in gnd + vin gnd +vo -vo (0v) eut load cy1 cy2 (figure1) note:1.infigure1,part isemsrecommendedexternalcircuit,part isemirecommendedexternalcircuit.chooseaccordingto requirements. 2.ifthereisnorecommendedparameters,themodelnorequire theexternalcomponent. recommendedexternalcircuitparameters: model vin:12v vin:24v vin:48v fuse chooseaccordingtopracticalinputcurrent mov -- s14k35 s14k60 ldm1 -- 56 h tvs smcj28a smcj48a smcj90a c0 680 f/25v 330 f/50v 330 f/100v c1 1 f/50v 1 f/50v 1 f/100v ldm2 4.7 h cy1 cy2 1nf/2kv
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page4of9 emcrecommendedcircuitpcblayout (figure2) note:thepadspacebetweeninputandoutput(cy1/cy2)must 2mm. emctestwaveform(classbtestcircuit) vra2405ld-15wr2 ce(positiveline) vra2405ld-15wr2 ce(negativeline) vra4815ld-15wr2 ce(positiveline) vra4815ld-15wr2 ce(negativeline) vra2405ld-15wr2 re(horizontal) vra2405ld-15wr2 re(vertical) vra4815ld-15wr2 re(horizontal) vra4815ld-15wr2 re(vertical)
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page5of9 vrb4815ld-15wr2 ce(positiveline) vrb4815ld-15wr2 ce(negativeline) vrb2405ld-15wr2 re(horizontal) vrb2405ld-15wr2 re(vertical) vrb4815ld-15wr2 re(horizontal) vrb4815ld-15wr2 re(vertical) product typical curve temperaturederatingcurve 0 20 40 60 80 100 120 -40 0 40 120 70 85 operating temp( c) o u t p u t p o w e r p e r c e n t ( % ) withoutheatsink with heatsink safe operating area 65 (figure3) 50 55 60 65 70 75 80 85 90 95 100 9101112131415161718 efficiency(%) input voltage(v) efficiency vs input voltage curve (full load) vra1205ld-15wr2 vrb1205ld-15wr2 30 40 50 60 70 80 90 100 5 102030405060708090100 efficiency(%) total output current (%) efficiency vs output load curve (vin=vin-nominal) vra1205ld-15wr2 vrb1205ld-15wr2
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page6of9 50 55 60 65 70 75 80 85 90 95 100 18202224262830323436 efficiency(%) input voltage(v) efficiency vs input voltage curve (full load) vra2405ld-15wr2 vrb2405ld-15wr2 30 40 50 60 70 80 90 100 5102030405060708090100 efficiency(%) total output current (%) efficiency vs output load curve (vin=vin-nominal) vra2405ld-15wr2 vrb2405ld-15wr2 pcbmountingoutlinedimensions,recommendedfootprint(withoutheatsink) pcbmountingoutlinedimensions(withheatsink)
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page7of9 vra_ld-15wr2a2s&vrb_ld-15wr2a2schassismountingoutlinedimensions footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd vin 0v trim +vo vra_ld-15whr2a2s&vrb_ld-15whr2a2schassismountingoutlinedimensions footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd in 0v trim +vo vra_ld-15wr2a4s&vrb_ld-15wr2a4sdin-railmountingoutlinedimensions din-railmodulesarefittingtots35rails footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd vin 0v trim +vo
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page8of9 vra_ld-15whr2a4s&vrb_ld-15whr2a4sdin-railmountingoutlinedimensions din-railmodulesarefittingtots35rails footprintdetails pin 1 2 3 4 5 6 dual ctrl gnd vin -vo 0v +vo single ctrl gnd vin 0v trim +vo packagediagram specialpackageseries a2s/a4s testconfigurations inputreflected-ripplecurrenttestsetup inputreflected-ripplecurrentismeasuredwithaninductorlinandcapacitorcintosimulatesourceimpedance. dc cin lin dc load oscilloscope current probe lin(4.7 h) cin(220 f,esr<1.0 at100khz) trimapplication&trimresistance application circuit for trim (part in broken line is the interior of models) 0v r 2 r 1 r 3 v ref r t trim +vo 0v r 2 r 1 r 3 v ref r t trim +vo trim up trim down formula forresistanceoftrim up: a= vref vo -vref r 1 r= t ar 2 r-a 2 -r 3 down: a= vref vo -vref r 2 r= t ar 1 r-a 1 -r 3 note:leaveopenifnotused.valueforr1,r2,r3,andvrefrefertotheabove table1.r t :resistanceoftrim.a:user-definedparameter,noactual meanings.vo :thetrimup/downvoltage.
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun vra_ld-15wr2&vrb_ld-15wr2 2013.11.29-a/4 page9of9 note: 1. min.loadshouldn'tbelessthan5%,otherwiseripplemaybeincreasedramatically.operationunderminimumloadwillnotdamagetheconverter, however,theymaynotmeetallspecificationlisted. 2. recommendeddualoutputmodelsunbalancedload: 5%,iftheproductoperates> 5%,itmaynotbeguaranteedtomeetallspecification listed,pleasecontactourtechnicalpersonformoredetail. 3. max.capacitiveloadtestedatnominalinputvoltageandconstantresistiveload. 4. allspecificationsmeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputloadunlessotherwisespecified. 5. inthisdatasheet,allthetestmethodsofindicationsarebasedonourcorporatestandards. 6. allcharacteristicsareforlistedmodel,non-standardmodelsmayperformdifferently,pleasecontactourtechnicalpersonformoredetail. 7. contactusforyourspecificrequirement. 8. specificationssubjecttochangewithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 e-mail:info@mornsun.cn http://www.mornsun-power.com (table1) vo parameter 3.3(vdc) 5(vdc) 12(vdc) 15(vdc) 24(vdc) r1(k ) 4.801 2.883 10.971 14.497 24.872 r2(k ) 2.863 2.864 2.864 2.864 2.863 r3(k ) 15 10 17.8 17.8 20 vref(v) 1.24 2.5 2.5 2.5 2.5 designconsiderations recommended circuit allthevra_ld-15wr2&vrb_ld-15wr2serieshavebeentestedaccordingtothefollowingrecommendedtestingcircuitbeforeleaving factory.thisseriesshouldbetestedunderload.neverbetestedundernoload(seefigure4). ifyouwanttofurtherdecreasetheinputsurgevoltageandtheoutputripple,youcanincreaseacapacitanceproperlyorchoosecapacitors withlowesr.itshouldalsobenotedthatthecapacitanceoffiltercapacitormustbeproper.ifthecapacitanceistoobig,astartupproblemmight arise.foreverychannelofoutput,providedthesafeandreliableoperationisensured,therecommendedcapacitanceofitsfiltercapacitorsees (table2). dc dc vin gnd +vo 0v cin cout vin gnd +vo 0v cin cout dc dc -vo cout dual output single output (figure4) externalcapacitortable (table2) note: # foreachoutput. itisnotrecommendedtoincreasetheoutputpowercapabilitybyconnectingtwoormoreconvertersinparallel.theproductisnot hot-swappable. single vout (vdc) cout ( f) cin ( f) dual vout (vdc) cout # ( f) cin ( f) 3.3/5 470 100 5 220 100 12/15 220 12/ 15 100 24 100 24 47


▲Up To Search▲   

 
Price & Availability of VRB2424LD-15WR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X