Part Number Hot Search : 
11006 A1406 3121T MC74HC1 LT3763 T93C56 MSC1192 T93C56
Product Description
Full Text Search
 

To Download VACR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  resistors - up to 500 w power rating VACR key benefits ? power rating up to 500 w ? high overload capability ? protection ip20 or ip65 ? aluminum housed construction ? multiple construction possible for higher power ratings ? heatsink mounting ? ul 600 v/1000 v applications ? braking resistor ? chopper resistor ? load resistor ? pre-discharging resistor ? voltage limiting resistor used in industrial, motor drive, railway, renewable energy, and other high-power systems resources ? datasheet: VACR - http://www.vishay.com/doc?21035 ? for technical questions contact ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power resistors vmn-pt0357-1302 1/ 2 aluminum housed compact resistor vishay intertechnology, inc. discrete semiconductors and passive components one of the worlds largest manufacturers of product sheet
resistors - up to 500 w power rating VACR this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vmn-pt0357-1302 2/2 power resistors aluminum housed compact resistor VACR www.vishay.com vishay draloric revision: 24-jan-13 1 document number: 21035 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum housed compact resistor features ? power rating up to 500 w ? high overload capacity ? protection ip20 or ip65 ? enhanced humidity protection ? complete housed construction ? multiple construction for higher power rating ? heatsink mounting applications ? drive controllers ? railway ? frequency inverter ? mechanical engineering ? renewable energy note (1) resistance value to be selected from e24 series, other values on request. notes (2) approximate value (depending on resistance) (3) cycle duration of 120 s standard electrical specifications model power rating w p 40 c resistance range (1) ? temperature coefficient ppm/k tolerance % protection max. permissible operating voltage VACR050 50 3.0 to 560 50 to 150 10 ip65 ul 600 v/ul 1000 v VACR100 100 6.2 to 1.2k 50 to 150 10 ip65 ul 600 v/ul 1000 v 3.0 to 560 50 to 150 10 ip65 en 1000 v dc 2.7 to 910 50 to 150 10 ip65 ul 600 v/1000 v VACR120 120 4.7 to 1.0k 50 to 150 10 ip65 ul 600 v/1000 v VACR130 130 2.7 to 910 50 to 150 10 ip65 en 1000 v dc VACR150 150 9.1 to 1.5k 50 to 150 10 ip65 ul 600 v/ul 1000 v 6.2 to 1.2k 50 to 150 10 ip65 en 1000 v dc 2.7 to 910 50 to 150 10 ip20 ul 600 v/1000 v 4.7 to 1.0k 50 to 150 10 ip65 en 1000 v dc 6.2 to 1.2k 50 to 150 10 ip65 ul 600 v/1000 v VACR180 180 6.2 to 1.2k 50 to 150 10 ip65 en 1000 v dc 8.2 to 1.8k 50 to 150 10 ip65 ul 600 v/1000 v VACR200 200 9.1 to 1.5k 50 to 150 10 ip65 en 1000 v dc 3.3 to 910 50 to 150 10 ip20 en 1000 v dc VACR250 250 4.7 to 1.0k 50 to 150 10 ip20 ul 600 v/1000 v 8.2 to 1.8k 50 to 150 10 ip65 en 1000 v dc VACR300 300 4.7 to 1.0k 50 to 150 10 ip20 en 1000 v dc 6.2 to 1.2k 50 to 150 10 ip20 ul 600 v/1000 v VACR400 400 6.2 to 1.2k 50 to 150 10 ip20 en 1000 v dc 8.2 to 1.8k 50 to 150 10 ip20 ul 600 v/1000 v VACR500 500 8.2 to 1.8k 50 to 150 10 ip20 en 1000 v dc pulse power (2) in w at t a = 40 c - size 0 = 40 mm x 20 mm model max. permissible operating voltage pulse time (3) 6 % 15 % 25 % 40 % VACR050 ul 600 v/ul 1000 v 550 200 150 100 VACR100 ul 600 v/ul 1000 v 950 400 250 150 en 1000 v dc 1600 650 400 250 VACR150 ul 600 v/ul 1000 v 1600 650 400 250 en 1000 v dc 2200 900 550 350 VACR200 en 1000 v dc 3200 1300 750 500 revision 24-jan-13 product sheet vishay intertechnology, inc.


▲Up To Search▲   

 
Price & Availability of VACR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X