|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
137 radhard msi logic UT54ACS193/ut54acts193 radiation-hardened synchronous 4-bit up-down dual clock counters features look-ahead circuitry enhances cascaded counters fully synchronous in count modes asynchronous clear radiation-hardened cmos - latchup immune high speed low power consumption single 5 volt supply available qml q or v processes flexible package 16-pin dip - description the UT54ACS193 and the ut54acts193 are synchronous 4- operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each output counting spikes normally associated with asynchronous counters. level transition of either count input (up or down). the direc- tion of the counting is determined by which count input is pulsed the counters are fully programmable. the outputs may be pre- set to either level by placing a low on the load input and entering agree with the data inputs independently of the count pulses. asynchronous loading allows the counters to be used as modu- preset inputs. a clear input has been provided that forces all outputs to the low pendent of the count and the load inputs. the counter is designed for efficient cascading without the need bo ) produces a low- similarly, the carry output ( co while the count is maximum pinouts top view 16-lead flatpack function table function clock up clock down clr load count up h l h count down h l h reset x x h x load preset input x x l l 1 2 3 4 5 7 6 16 15 14 13 12 10 11 b q b q a down up q c q d v dd a clr bo co c 8 9 v ss d load 1 2 3 4 5 7 6 16 15 14 13 12 10 11 v dd 8 9 b q b q a down up q c q d a clr bo co load c v ss d
radhard msi logic 138 UT54ACS193/ut54acts193 logic symbol (14) clr (5) up g1 ct=0 ctrdiv 16 (4) down (15) a (1) b (10) c (9) d (12) (3) q a (7) q d (6) q c (2) q b 3d (1) (2) (4) (8) 2+ g2 (11) load c3 (13) bo 2 ct=0 1- co 1ct=15 note: 1. logic symbol in accordance with ansi/ieee std 91-1984 and iec publi- cation 617-12. 139 radhard msi logic UT54ACS193/ut54acts193 logic diagram a down up clr load (15) (4) (5) (1) (10) (9) (14) (11) q (7) (6) (2) (3) (12) (13) b c d bo co d c b a q q q c q r s q c q r s q c q r s q c q r s q radhard msi logic 140 UT54ACS193/ut54acts193 radiation hardness specifications 1 notes: 1. logic will not latchup during radiation exposure within the limits defined in the table. 2. device storage elements are immune to seu affects. absolute maximum ratings note: 1. stresses outside the listed absolute maximum ratings may cause permanent damage to the device. this is a stress rating only, functional operation of the device at these or any other conditions beyond limits indicated in the operational sections is not recommended. exposure to absolute ma ximum rating conditions for extended periods may affect device reliability. parameter limit units total dose 1.0e6 rads(si) seu threshold 2 80 mev-cm 2 /mg sel threshold 120 mev-cm 2 /mg neutron fluence 1.0e14 n/cm 2 symbol parameter limit units v dd supply voltage -0.3 to 7.0 v v i/o voltage any pin -.3 to v dd +.3 v t stg storage temperature range -65 to +150 c t j maximum junction temperature +175 c t ls lead temperature (soldering 5 seconds) +300 c jc thermal resistance junction to case 20 c/w i i dc input current 10 ma p d maximum power dissipation 1 w 141 radhard msi logic UT54ACS193/ut54acts193 recommended operating conditions symbol parameter limit units v dd supply voltage 4.5 to 5.5 v v in input voltage any pin 0 to v dd v t c temperature range -55 to + 125 c radhard msi logic 142 UT54ACS193/ut54acts193 dc electrical characteristics 7 (v dd = 5.0v 10%; v ss = 0v 6 , -55 c < t c < +125 c) symbol parameter condition min max unit v il low-level input voltage 1 acts acs 0.8 .3v dd v v ih high-level input voltage 1 acts acs .5v dd .7v dd v i in input leakage current acts/acs v in = v dd or v ss -1 1 a v ol low-level output voltage 3 acts acs i ol = 8.0ma i ol = 100 a 0.40 0.25 v v oh high-level output voltage 3 acts acs i oh = -8.0ma i oh = -100 a .7v dd v dd - 0.25 v i os short-circuit output current 2 ,4 acts/acs v o = v dd and v ss -200 200 ma i ol output current 10 (sink) v in = v dd or v ss v ol = 0.4v 8 ma i oh output current 10 (source) v in = v dd or v ss v oh = v dd - 0.4v -8 ma p total power dissipation 2, 8, 9 c l = 50pf 2.1 mw/ mhz i ddq quiescent supply current v dd = 5.5v 10 a i ddq quiescent supply current delta acts for input under test v in = v dd - 2.1v for all other inputs v in = v dd or v ss v dd = 5.5v 1.6 ma c in input capacitance 5 = 1mhz @ 0v 15 pf c out output capacitance 5 = 1mhz @ 0v 15 pf 143 radhard msi logic UT54ACS193/ut54acts193 notes: 1. functional tests are conducted in accordance with mil-std-883 with the following input test conditions: v ih = v ih (min) + 20%, - 0%; v il = v il (max) + 0%, - 50%, as specified herein, for ttl, cmos, or schmitt compatible inputs. devices may be tested using any input voltage within th e above specified range, but are guaranteed to v ih (min) and v il (max). 2. supplied as a design limit but not guaranteed or tested. 3. per mil-prf-38535, for current density 5.0e5 amps/cm 2 , the maximum product of load capacitance (per output buffer) times frequency should not exceed 3,765 pf/mhz. 4. not more than one output may be shorted at a time for maximum duration of one second. 5. capacitance measured for initial qualification and when design changes may affect the value. capacitance is measured between the designated terminal and v ss at frequency of 1mhz and a signal amplitude of 50mv rms maximum. 6. maximum allowable relative shift equals 50mv. 7. all specifications valid for radiation dose 1e6 rads(si). 8. power does not include power contribution of any ttl output sink current. 9. power dissipation specified per switching output. 10. this value is guaranteed based on characterization data, but not tested. radhard msi logic 144 UT54ACS193/ut54acts193 ac electrical characteristics 2 (v dd = 5.0v 10%; v ss = 0v 1 , -55 c < t c < +125 c) notes: 1. maximum allowable relative shift equals 50mv. 2. all specifications valid for radiation dose 1e6 rads(si). 3. based on characterization, data hold time (t h3 ) of 0ns can be assumed if data setup time (t su3 ) is > 10ns. this is guaranteed, but not tested. symbol parameter minimum maximum unit t plh up to q n 2 20 ns t phl up to q n 2 24 ns t plh up to co 2 13 ns t phl up to co 2 16 ns t plh down to bo 2 13 ns t phl down to bo 2 16 ns t plh down to q n 2 20 ns t phl down to q n 2 24 ns t plh load to q n 2 22 ns t phl load to q n 2 23 ns t phl clr to q n 2 22 ns f max maximum clock frequency 56 mhz t su1 load inactive setup time before up or down 3 ns t su2 clr inactive setup time before up or down 3 ns t su3 a, b, c, d setup time before load 6 ns t h1 up high hold time after down 20 ns t h2 down high hold time after up 20 ns t h3 3 a, b, c, d hold time after load 2 ns t w minimum pulse width up high or low down high or low load low clr high 9 ns |
Price & Availability of UT54ACS193 |