Part Number Hot Search : 
L2000 DA156 XXXXXX EL817107 EL817107 VSC7991 MAX3845 3008P
Product Description
Full Text Search
 

To Download UT3210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UT3210 surface mount compound function triggers features included a trigger chip and a rectifier chip glass passivated chip junctions low leakage current mechanical data case: jesd 30e psoj-4 molded plastic body over glass passivated chip terminals: solder plated, solderable per j-std-002b and jesd22-b102d weight: 0.046g typical applications for use in energy conservation electronic ballasts fluorescent lamps maximum ratings (t a = 25 c unless otherwise noted) symbol unit i trm a p d mw i f(av) a v rrm v v rsm v i fsm a r ja / w t j t stg note1: mounted on fr-4 p.c.b. with soldering pad. electrical characteristics for trigger diode (t a = 25 c unless otherwise noted) symbol unit v bo v v v i bo a i b a i r a i p a t r s electrical characteristics for rectifier (t a = 25 c unless otherwise noted) symbol unit v rrm v v f v i r a --2.0 parameter repetitive peak reverse voltage forward voltage at i f =0.4a reverse current at v r =1000v 1000 - - - 0.93 1.1 min type max - 1.0 - 36 maximum non-repetitive peak reverse voltage for rectifier - - min type max - -1.5 5 operating junction and st orage temperature range dynamic breakover voltage at ? i= [i bo to i f =10ma] breakover voltage at c=22nf parameter thermal resistance from junction to ambient (note 1) 112 - peak current see diagram 4 - 10 - 40 ~ 125 -1.0 10 - -10 rise time see diagram 5 leakage current at v b =0.5v bo max 28 breakover current at c=22nf reverse current at v r =6v 5.0 - peak forward surge current (8.3 ms half sine-wave) for rectifier 700 1000 2.0 0.4 maximum repetitive peak reverse voltage for rectifier paramete r repetitive peak on-state current(tp=20 s f=100hz) for trigger diode power dissipation for trigger diode (t a =50 ) 150 v alue maximum average forward rectified current for rectifier http://www.trr-jx.com
UT3210 surface mount compound function triggers voltage-current characteristics for trigger diode marking diagram 1 diagram 2 recommended circuit connection t est circuit for trigger diode diagram 3 diagram 4 rise time measurement for trigger diode diagram 5 http://www.trr-jx.com
is registered trademark of rising- UT3210 surface mount compound function triggers package outline dimensions in millimeters (inches) soldering pad diagram 7 diagram 6 sun technology. rising-sun technology rese rves the right to make changes to any product in this specification to improve reliability ,functional characteristics,or design without notice. rising-sun technology does not assure any liability arisi ng out of the applications or any product described in this specification. rising-sun technology advises customers to obtain the latest version of the device information before placing orders to verify that the required information is current. http://www.trr-jx.com


▲Up To Search▲   

 
Price & Availability of UT3210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X