Part Number Hot Search : 
AT25C32 P125T AHC3G AT25C32 2SB1215 M5226PFP GOTECH RGP20B
Product Description
Full Text Search
 

To Download TMCX050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  terminator ? ii tmcx cable glands for use with metal-clad, teck, unarmoured and tray cable
2 eaton?s crouse-hinds business the terminator ? ii tmcx cable gland is an armoured barrier, non-armoured barrier and teck armoured gland used to terminate cable in hazardous locations. its unique design features, coupled with our new fast curing chico ? liquidseal compound, make the terminator ? ii tmcx cable gland the easiest and safest solution available. cable types: ? metal-clad and teck (interlocked and continuously welded corrugated armoured) cable ? unarmoured and tray cable certifications and compliances: ? class i, division 1, groups a, b, c, d ? class ii, groups e, f, g ? class iii ? nema 6p ? ul/culus listed - file no. e122485 ? iecex/atex (pending) features and benefits: ? designed to minimize the opportunity for incorrect assembly ? simple selection process and fi eld preparation aids to ensure the right gland is selected every time ? full coverage of all popular cables and hub sizes, ensuring a perfect seal in all instances ? use of nickel-plated brass and stainless steel to increase corrosion resistance and maintain integrity in the harshest environments ? chico ? liquidseal, an innovative liquid compound with fast gel and cure times, reduces waiting times ? complete with integral dam to facilitate liquid pour ? integral union design reduces the number of times the gland has to be assembled and disassembled during installation ? mating components have generous lead-ins to ensure that assembly is as trouble-free as possible, even with the heaviest cables ? use of neoprene seal allows use in temperatures from -40c to +60c; for specifi c temperature information, please contact your local sales representative ? metric size threads allow interfacing to european machinery ? wide range of global certifi cations and approvals terminator? ii tmcx cable glands the ideal gland for terminating cable in hazardous locations a c b d e f g h design features: desi g a captive sealing and back nut - the use of slip rings with snap-in features enables the tmcx to retain all of the components in the entry end of the gland. t b integral union - the design allows for a two-piece assembly gland, minimizing tightening and loosening of nuts. g c red anodized nut - this hard-wearing, permanent, consistent coating is standard on all units. c d anti-rotation feature - for single tool assembly; the splined shaft ensures that the two assemblies lock together and do not rotate during assembly. ro e barrier compounds - chico ? liquidseal or standard tsc epoxy compound options allow for rapid curing and assembly in any orientation. o f conical compound chamber - ensures that double the misalignment can be accepted without the risk of binding. m g captive garter spring - copper fl ashed stainless steel ensures good connectivity, strength and corrosion resistance. g h npt and iso threads - entire range of cable glands are available with either npt or metric threads in all materials.
eaton?s crouse-hinds business 3 selection table: entry thread ?c? npt catalog no. entry thread ?c? (metric option) metric catalog no. over conductors o.d. max. inches ?g? ?a? armour o.d. ?b? cable o.d.? across corners ?d? thread length npt ?e? (metric mm.) length ?f? min. max. min. max. ? ? TMCX050 1 m20 tmcxm20 1 0.480 0.40 (10.16) 0.86 (21.84) 0.49 (12.45) 0.90 (22.86) 1.56 (39.62) 1.00 (25.40) 3.05 (77.47) ? ? TMCX050 2 m20 tmcxm20 2 0.480 0.56 (14.22) 1.14 (28.96) 0.65 (16.51) 1.18 (29.97) 1.99 (50.55) 1.00 (25.40) 3.18 (80.77) ? ? tmcx075 1 m25 tmcxm25 1 0.713 0.40 (10.16) 0.86 (21.84) 0.49 (12.45) 0.90 (22.86) 1.56 (39.62) 1.00 (25.40) 3.05 (77.47) ? ? tmcx075 2 m25 tmcxm25 2 0.713 0.56 (14.22) 1.14 (28.96) 0.65 (16.51) 1.18 (29.97) 1.99 (50.55) 1.00 (25.40) 3.18 (80.77) 1? tmcx100 1 m32 tmcxm32 1 0.939 0.56 (14.22) 1.14 (28.96) 0.65 (16.51) 1.18 (29.97) 1.99 (50.55) 1.08 (27.40) 3.18 (80.77) 1? tmcx100 2 m32 tmcxm32 2 0.939 0.78 (19.81) 1.35 (34.29) 0.87 (22.10) 1.39 (35.31) 2.24 (56.90) 1.08 (27.40) 3.30 (83.82) 1-? ? tmcx125 1 m40 tmcxm40 1 1.172 0.78 (19.81) 1.35 (34.29) 0.87 (22.10) 1.39 (35.31) 2.24 (56.90) 1.08 (27.40) 3.30 (83.82) g c e d f b a multiple cable ranges per hub size for simplified selection *all dimensions in inches; metric millimeters shown in parenthesis. sizes 1-? and above will be available soon. ?when making your cable gland selection based on cable o.d., be sure to also observe the over conductors o.d. dimension. catalog numbering system: tmcx 050 1 np l hub size npt hub (in.) metric hub (mm.) 050 ? ? m20 20 075 ? ? m25 25 100 1? m32 32 125 1-? ? m40 40 cable sealing range hub size code thread sealing range code standard cable sealing range 050 ? ? npt 1 0.49? - 0.90? 2 0.65? - 1.18? 075 ? ? npt 1 0.49? - 0.90? 2 0.65? - 1.18? 100 1? npt 1 0.65? - 1.18? 2 0.87? - 1.39? 125 1-? ? npt 1 0.87? - 1.39? m20 m20 iso 1 12.4 mm - 22.8 mm 2 16.5 mm - 29.9 mm m25 m25 iso 1 12.4 mm - 22.8 mm 2 16.5 mm - 29.9 mm m32 m32 iso 1 16.5 mm - 29.9 mm 2 22.0 mm - 35.3 mm m40 m40 iso 1 22.0 mm - 35.3 mm material blank aluminum ss 316 stainless steel np nickel-plated brass compound type blank tsc l liquid chico? liquidseal ? mixing time: 2 minutes ? application: pour/ gun ? gel time: 15-30 minutes? ? full cure/return to service time: 2 hours? ? available for installation in vertical position ? integral dam means no packing or taping to prevent liquid leakage tsc epoxy compound ? mixing time: 5 minutes ? application: by hand ? full cure time: 24 hours ? available for installation in any orientation chico ? liquidseal cat. no. size (ml.) std. carton qty. lsc 10 10 ml. 10 lsc 20 20 ml. 10 lsc 50 50 ml. 5 ?at 20c ambient temperature. tsc epoxy compound cat. no. tube size (oz.) std. carton qty. tsc05 0.5 oz. 10 tsc1 1.0 oz. 10 tsc4 4.0 oz. 5 new!
? 2013 eaton corporation all rights reserved printed in usa form no. 5073 -0713 july 2013 eatons crouse-hinds business 1201 wolf street syracuse, ny 13208 (866) 764-5454 crouse.customerctr@cooperindustries.com for more information: if further assistance is required, please contact an authorized eaton distributor, sales offi ce, or customer service department. u.s. (global headquarters): eaton's crouse-hinds business wolf & seventh north streets syracuse, ny 13221 (866) 764-5454 fax: (315) 477-5179 fax orders only: (866) 653-0640 crouse.customerctr@cooperindustries.com canada: cooper crouse-hinds canada toll free: 800-265-0502 fax: (800) 263-9504 fax orders only: (866) 653-0645 mexico/latin america/caribbean: cooper crouse-hinds, s.a. de c.v. 52-555-804-4000 fax: 52-555-804-4020 mxmercadotecnia@cooperindustries.com europe (germany): cooper crouse-hinds gmbh 49 (0) 6271 806-500 49 (0) 6271 806-476 sales.cch.de@cooperindustries.com middle east (dubai): cooper crouse-hinds llc 971 4 4272500 fax: 971 4 4298521 sales.cch.me@cooperindustries.com singapore: cooper crouse-hinds pte. ltd. 65-6645-9888 fax: 65-6297-4819 chsi-sales@cooperindustries.com china: cooper crouse-hinds pte. ltd. 86-21-2899-3600 fax: 86-21-2899-4055 cchsales@cooperindustries.com korea: cooper crouse-hinds korea 82-2-3484-6783 82-2-3484-6778 cchk-sales@cooperindustries.com australia: cooper electrical australia 61-2-8787-2777 fax: 61-2-9609-2342 ceasales@cooperindustries.com india: cooper india pvt. ltd. 91-124-4683888 fax: 91-124-4683899 cchindia@cooperindustries.com


▲Up To Search▲   

 
Price & Availability of TMCX050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X