Part Number Hot Search : 
51006 ST3241EB R1000 HER205 DT72V LK822 C100B QPH9232
Product Description
Full Text Search
 

To Download TC2H447 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  22 tcp series tcp series low esr tantalum modules tcp series tantalum modules rep- resents the highest packing density for high capacitance / voltage avail- able in surface mount tantalum. these modules feature stacked assemblies of cwr29 capacitors which provide ultra low esr and utilize established reliability capaci- tors (weibull grade voltage condi- tioning) in accordance with mil- prf-55365. they can also be sup- plied with src9000 space level components. the stacked construction of fully molded capacitors is compatible with a wide range of smt board assembly processes including wave or reflow solder or conductive epoxy. there are two termination finishes available: hot solder dipped (c) and gold plated (b). the molding compound has been selected to meet the requirements of ul94v-0 and outgassing require- ments of nasa sp-r-0022a. capacitance rated voltage dc (v r ) to 85oc f code 6v 10v 15v 20v 25v 35v 50v 9.4 945 2h (200) 18.8 196 4h (100) 20 206 2h (200) 28.2 286 6h (67) 40 406 4h (100) 60 606 6h (67) 66 666 2h (85) 94 946 2h (75) 132 137 4h (43) 188 197 4h (38) 198 207 6h (28) 200 207 2h (63) 282 287 6h (25) 400 407 4h (31) 440 447 2h (50) 600 607 6h (21) 660 667 2h (50) 880 887 4h (25) 1,320 138 4h (25) 6h (17) 1,980 208 6h (17) capacitance and rated voltage case size (esr in m  ) note: additional form factors and ratings are available. contact plant for details. w l h http://www..net/ datasheet pdf - http://www..net/
23 tcp series tcp series low esr tantalum modules case dimensions: millimeters (inches) case length (l) width (w) height (h) term. width (w 1 ) term. length (p) code 0.38 (0.015) 0.38 (0.015) 0.38 (0.015) 0.38 (0.015) for reference only 2h 7.82 (0.308) 4.06 (0.160) 6.10 (0.240) 4.06 (0.160) 1.52 (0.060) 4h 7.82 (0.308) 8.13 (0.320) 6.10 (0.240) 8.13 (0.320) 1.52 (0.060) 6h 7.82 (0.308) 8.13 (0.320) 9.14 (0.360) 8.13 (0.320) 1.52 (0.060) k capacitance tolerance m = 20% k = 10% j = 5% r packaging b = bulk r = 7" t&r ++ surge test option 00 = none 23 = 10 cycles, +25oc 24 = 10 cycles, -55oc & +85oc 45 = 10 cycles, -55oc & +85oc before weibull tc type 2h case size l standard or low esr range l = low esr # inspection level s = std. conformance l = group a d = dscc dwg how to order dimensions 050 voltage code 006 = 6vdc 010 = 10vdc 015 = 15vdc 020 = 20vdc 025 = 25vdc 035 = 35vdc 050 = 50vdc 945 capacitance code pf code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) @ reliability grade weibull: b = 0.1%/1000 hrs. 90% conf. c = 0.01%/1000 hrs. 90% conf. d = 0.001%/1000 hrs. 90% conf. z = non-er 0 qualification level 0 = n/a 9 = src9000 ^ termination finish 8 = hot solder dipped 9 = gold plated technical data: unless otherwise specified, all technical data relate to an ambient temperature of 25c capacitance range: 9.4 f to 1,980 f capacitance tolerance: 5%; 10%; 20% rated voltage: (v r )  85c: 6 10 15 15 20 25 35 50 category voltage: (v c ) 125c: 4 7 10 10 13 17 23 33 surge voltage: (v s )  85c: 8 13 20 20 26 32 46 65 125c: 5 8 13 13 16 20 28 40 temperature range: -55c to +125c technical specifications additional form factors and ratings are available C contact plant for details. w l h l w w1 h p p solderable surface (see note 1) not rohs compliant http://www..net/ datasheet pdf - http://www..net/
24 tcp series tcp series low esr tantalum modules all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 2-stack parametric speci?cations by rating typical ripple data by rating cap volt esr @ dc leakage (max) a disspation factor (max) % 100khz ripple current rating 100khz ripple voltage rating avx p/n case f v 100 khz aaa vv v +25c m +25c +85c +125c +25c +(85/125)c -55c +25c +85c +125c +25c +85c +125c tc2h 667 *006l#d^00++ 2h 660 6 50 39.6 396 495 10 12 12 2.4 2.2 1.0 0.12 0.11 0.05 tc2h 447 *010l#d^00++ 2h 440 10 50 44 440 550 10 12 12 2.4 2.2 1.0 0.12 0.11 0.05 tc2h 207 *015l#d^00++ 2h 200 15 63 30 300 375 10 12 12 2.2 2.0 0.9 0.14 0.12 0.05 tc2h 946 *020l#d^00++ 2h 94 20 75 18.8 188 235 8 10 10 2.0 1.8 0.8 0.15 0.14 0.06 tc2h 666 *025l#d^00++ 2h 66 25 85 16.5 165 206 8 10 10 1.9 1.7 0.8 0.16 0.14 0.06 tc2h 206 *035l#d^00++ 2h 20 35 200 7 70 88 8 10 10 1.2 1.1 0.5 0.24 0.22 0.10 tc2h 945 *050l#d^00++ 2h 9.4 50 200 4.7 47 59 6 8 8 1.2 1.1 0.5 0.24 0.22 0.10 4-stack parametric speci?cations by rating typical ripple data by rating cap volt esr @ dc leakage (max) a disspation factor (max) % 100khz ripple current rating 100khz ripple voltage rating avx p/n case f v 100 khz aaa vv v +25c m +25c +85c +125c +25c +(85/125)c -55c +25c +85c +125c +25c +85c +125c tc4h 138 *006l#d^00++ 4h 1320 6 25 79.2 792 990 10 12 12 4.2 3.8 1.7 0.11 0.10 0.04 tc4h 887 *010l#d^00++ 4h 880 10 25 88 880 1100 10 12 12 4.2 3.8 1.7 0.11 0.10 0.04 tc4h 407 *015l#d^00++ 4h 400 15 31 60 600 750 10 12 12 3.8 3.4 1.5 0.12 0.11 0.05 tc4h 197 *020l#d^00++ 4h 188 20 38 37.6 376 470 8 10 10 3.5 3.2 1.4 0.13 0.12 0.05 tc4h 137 *025l#d^00++ 4h 132 25 43 33 330 413 8 10 10 3.2 2.9 1.3 0.14 0.13 0.06 tc4h 406 *035l#d^00++ 4h 40 35 100 14 140 175 8 10 10 2.1 1.9 0.8 0.21 0.19 0.08 tc4h 196 *050l#d^00++ 4h 18.8 50 100 9.4 94 118 6 8 8 2.1 1.9 0.8 0.21 0.19 0.08 6-stack parametric speci?cations by rating typical ripple data by rating cap volt esr @ dc leakage (max) a disspation factor (max) % 100khz ripple current rating 100khz ripple voltage rating avx p/n case f v 100 khz aaa vv v +25c m +25c +85c +125c +25c +(85/125)c -55c +25c +85c +125c +25c +85c +125c tc6h 208 *006l#d^00++ 6h 1980 6 17 118.8 1188 1485 10 12 12 5.9 5.3 2.4 0.10 0.09 0.04 tc6h 138 *010l#d^00++ 6h 1320 10 17 132 1320 1650 10 12 12 5.9 5.3 2.4 0.10 0.09 0.04 tc6h 607 *015l#d^00++ 6h 600 15 21 90 900 1125 10 12 12 5.2 4.7 2.1 0.11 0.10 0.04 tc6h 287 *020l#d^00++ 6h 282 20 25 56.4 564 705 8 10 10 4.8 4.3 1.9 0.12 0.11 0.05 tc6h 207 *025l#d^00++ 6h 198 25 28 49.5 495 619 8 10 10 4.5 4.1 1.8 0.13 0.11 0.05 tc6h 606 *035l#d^00++ 6h 60 35 67 21 210 263 8 10 10 2.9 2.6 1.2 0.19 0.17 0.08 tc6h 286 *050l#d^00++ 6h 28.2 50 67 14.1 141 176 6 8 8 2.9 2.6 1.2 0.19 0.17 0.08 ratings & part number reference http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of TC2H447

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X