Part Number Hot Search : 
SMA3103 4222R 80C51 36445 C88MF PE44240 SST39 5671A4
Product Description
Full Text Search
 

To Download STS4622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  40 a b s ol ut e ma ximum r at ing s (t a =25 c unles s otherwis e noted) p arameter s ymbol limit unit drain-s ource voltage v ds v g ate-s ource voltage v g s v drain c urrent-c ontinuous @ t j =25 c -p uls ed i d 3 a a a w i dm 12 drain-s ource diode f orward c urrent i s 1.25 maximum p ower dis s ipation p d operating j unction and s torage temperature r ange t j , t s t g -55 to 150 c the r mal c har ac te r is tic s t hermal r es is tance, j unction-to-ambient r thj a 100 /w c s t s 4622 1. 25 a a b p r oduc t s ummar y v ds s i d r ds (on) ( m : ) max 40v 3a 65 @ v g s = 10v 85 @ v g s =4.5v f e at ur e s s uper high dens e cell des ign for low r ds (on ). r ugged and reliable. s ot -26 package. 20 g 2 s 1 g 1 d1 d2 s 2 s ot 26 t op v iew s 2 d2 s 1 g 1 d1 g 2 1 2 3 6 5 4 product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
e l e c t r ic al c har ac t e r is t ic s (t a 25 c unles s otherwis e noted) = p arameter s ymbol c ondition min typ max unit of f c har ac t e r is t ic s drain-s ource b reakdown voltage b v ds s = v g s 0v, i d 250ua = 40 v zero g ate voltage drain c urrent i ds s v ds 32v, v g s 0v = = 1 ua g ate-b ody leakage i g s s v g s 20v, v ds 0v = = 100 na on c har ac t e r is t ic s b g ate t hres hold voltage v g s (th) v ds v g s , i d = 250ua = 1 3 v drain-s ource on-s tate r es is tance r ds (on) v g s 10v, i d 3a 65 v g s 4.5v, i d 2a 85 on-s tate drain c urrent i d(on) v ds = 5v, v g s = 4.5v a s f orward trans conductance f s g v ds 5v, i d dy namic c har ac t e r is t ic s c input c apacitance c is s c r s s c os s output c apacitance r evers e trans fer c apacitance v ds =20v, v g s = 0v f =1.0mh z p f p f p f s wit c hing c har ac t e r is t ic s c turn-on delay time r is e time turn-off delay time t d(on) t r t d(of f ) t f v dd = 20v, i d = 1a, v g s = 10v, r l = 20 ohm r g e n = 6 ohm ns ns ns ns total g ate c harge g ate-s ource c harge g ate-drain c harge q g q gs q gd v ds =20v, i d = 3a, v g s =10v nc nc nc c f all t ime = = = = = m-ohm m-ohm 10 = 3a 7 330 50 28 7.9 4.6 17 9.3 6.7 0.9 1.6 66 53 1.8 s t s 4622 product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
p arameter s ymbol c ondition min typ max unit e l e c t r ic al c har ac t e r is t ic s (t a =25 c unles s otherwis e noted) dr ain-s o ur c e dio de c har ac t e r is t ic s diode f orward voltage v s d v g s = 0v, is =1.25a 0.82 1.2 v b c notes c.g uaranteed by des ign, not s ubject to production tes ting. b.p uls e tes t:p uls e width 300us , duty c ycle 2%. a.s urface mounted on f r 4 b oard, t 10s ec. s t s 4622 product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of STS4622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X