Part Number Hot Search : 
BAT54W URF1620 SLE4406 300AC6 C8108 SDR625G E5FSC R80188B
Product Description
Full Text Search
 

To Download SSR225MG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bipv solar module: smile solar ssr220mg series ssr200mg/ssr205mg/ssr210mg/ssr215mg/ssr220mg/ SSR225MG/ssr230mg/ssr235mg front view s m i l e so la r e n er gy c o . , l td . 1 - 3 http://
t echnical dra w ing unit: mm electrical characteristics: performance at stc*1 model type ssr200mg ssr205mg ssr210mg ssr215mg nominal peak power, pmax 200w5% 205w5% 210w5% 215w5% peak power voltage, vpm 28.61v 28.95v 29.18v 29.40v peak power current, ipm 7.00a 7.08a 7.22a 7.36a open circuit voltage, voc 36.19v 36.62v 37.04v 37.45v short circuit current, isc 7.58a 7.67a 7.77a 7.92a cell area efficiency 12.29% 12.60% 12.91% 13.22% stc: standard test condition, 1000w/m2, am 1.5, 2 5 electrical characteristics: performance at stc*1 model type ssr220mg SSR225MG ssr230mg ssr235m g nominal peak power, pmax 220w5% 225w5% 230w5% 2355% peak power voltage, vpm 29.69v 29.46v 29.80v 29.75v peak power current, ipm 7.43a 7.69a 7.78a 7.90a open circuit voltage, voc 37.63v 37.20v 37.63v 37.55v short circuit current, isc 8.00a 8.36a 8.46a 8.57a cell area efficiency 13.52% 13.83% 14.14% 14.44% stc: standard test condition, 1000w/m2, am 1.5, 2 5 s m i l e so la r e n er gy c o . , l td . 2 - 3
system integration parameter maximum system voltage 1000vdc(600vdc in us) series fuse rating 10a operating temperature -40 to 8 5 thermal characteristics temperature coefficient tk pmax (peak power) -0.52%/ temperature coefficient tk voc (open circuit voltage) -0.38%/ temperature coefficient tk isc (short circuit current) +0.03%/ temperature coefficient tk vmp (peak power voltage ) -0.415%/ component materials cell q?ty per module 60 pcs cell type mono-crystalline silicon cell dimensions 156 x 156 mm laminate construction front: low-iron tempered glass 5mm (basic design=5mm. >5mm or above, ex. 6mm. custom-made possible) encapsulation: solar cells embedded in eva rear: tempered glass 6mm (basic design=6mm. >6mm or above, ex. 7mm. custom-made possible) junction box ip65 (tv certified) bypass diodes 3 pcs cable 2 cables(tv certified) connector tv certified frame no physical specifications dimension (lwh) 1760 1066 ( 11.51) mm weight (kg) 53.5 kg quality assurance iec61215:2005 tv certified en61730-1& en61720-2:2007 tv certified performance warranty 90% 10 years 80% 25 years s m i l e so la r e n er gy c o . , l td . 3 - 3


▲Up To Search▲   

 
Price & Availability of SSR225MG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X