Part Number Hot Search : 
TGP210 TDA111 PMFR5002 1N985B 54LS257 VD9P200E OPB940W D1975
Product Description
Full Text Search
 

To Download SPP2301D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2011/10/25 ver.3 page 1 SPP2301D p-channel enhancement mode mosfet description applications the SPP2301D is the p-channel logic enhancement mode power field effect transistors are produced using high cell density , dmos trench technology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low voltage application such as cellular phone and notebook computer power management and other battery powered circuits, and low in-line power loss are needed in a very small outline surface mount package. z power management in note book z portable equipment z battery powered system z dc/dc converter z load switch z dsc z lcd display inverter features pin configuration(sot-23) part marking ? -20v/-2.4a,r ds(on) =128m ? @v gs =-4.5v ? -20v/-2.0a,r ds(on) =188m ? @v gs =-2.5v ? super high density cell design for extremely low r ds (on) ? exceptional on-resistance and maximum dc current capability ? sot-23 package design
2011/10/25 ver.3 page 2 SPP2301D p-channel enhancement mode mosfet pin description pin symbol description 1 g gate 2 s source 3 d drain ordering information part number package part marking SPP2301Ds23rg sot-23 s01yw SPP2301Ds23rgb sot-23 s01yw week code : a ~ z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 ) SPP2301Ds23rg : tape reel ; pb- free ; SPP2301Ds23rgb : tape reel ; pb- free ; halogen -free absoulte maximum ratings (t a =25 unless otherwise noted) parameter symbol typical unit drain-source voltage vdss -20 v gate ?source voltage vgss 12 v t a =25 -2.4 continuous drain current(t j =150 ) t a =70 id -1.8 a pulsed drain current idm -10 a continuous source current(diode conduction) is -1.6 a t a =25 1.25 power dissipation t a =70 pd 0.8 w operating junction temperature tj -55/150 storage temperature range tstg -55/150 thermal resistance-junction to ambient r ja 120 /w
2011/10/25 ver.3 page 3 SPP2301D p-channel enhancement mode mosfet electrical characteristics (t a =25 unless otherwise noted) parameter symbol conditions min. typ max. unit static drain-source breakdown voltage v (br)dss v gs =0v,i d =-250ua -20 gate threshold voltage v gs(th) v ds =v gs ,i d =-250ua -0.45 -1.5 v gate leakage current i gss v ds =0v,v gs =12v 100 na v ds =-20v,v gs =0v -1 zero gate voltage drain current i dss v ds =-20v,v gs =0v t j =55 -10 ua v ds Q -5v,v gs =-4.5v -6 on-state drain current i d(on) v ds Q -5v,v gs =-2.5v -3 a v gs =-4.5v,i d =-2.4a 0.115 0.128 drain-source on-resistance r ds(on) v gs =-2.5v,i d =-2.0a 0.165 0.188 ? forward transconductance gfs v ds =-5v,i d =-2.8a 6.5 s diode forward voltage v sd i s =-1.6a,v gs =0v -0.8 -1.2 v dynamic total gate charge q g 4.8 8 gate-source charge q gs 0.75 gate-drain charge q gd v ds =-6v,v gs =-4.5v i d -2.4a 1.3 nc input capacitance c iss 35 output capacitance c oss 150 reverse transfer capacitance c rss v ds =-6v,v gs =0v f=1mhz 60 pf t d(on) 10 20 turn-on time t r 32 45 t d(off) 38 55 turn-off time t f v dd =-6v,r l =6 ? i d -1.0a,v gen =-4.5v r g =6 ? 30 50 ns
2011/10/25 ver.3 page 4 SPP2301D p-channel enhancement mode mosfet typical characteristics
2011/10/25 ver.3 page 5 SPP2301D p-channel enhancement mode mosfet typical characteristics
2011/10/25 ver.3 page 6 SPP2301D p-channel enhancement mode mosfet typical characteristics
2011/10/25 ver.3 page 7 SPP2301D p-channel enhancement mode mosfet sot-23 package outline
2011/10/25 ver.3 page 8 SPP2301D p-channel enhancement mode mosfet information provided is alleged to be exact and consistent. sync power corporation presumes no responsibility for the penalties of use of such information or for any violation of pa tents or other rights of third parties which may result from its use. no license is granted by allegation or otherwise under any pate nt or patent rights of sync power corporation. conditions mentioned in this publication ar e subject to change without notice. this p ublication surpasses and replaces all information previously supplied. sync power corporation products are not authorized for use as critical components in life support devices or systems without express written approval of sync power corporation. ?the sync power logo is a registered trademark of sync power corporation ?2004 sync power corporation ? printed in taiwan ? all rights reserved sync power corporation 7f-2, no.3-1, park street nankang district (nksp), taipei, taiwan, 115, r.o.c phone: 886-2-2655-8178 fax: 886-2-2655-8468 ?http://www.syncpower.com


▲Up To Search▲   

 
Price & Availability of SPP2301D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X