Part Number Hot Search : 
DTC143Z ST7590 RQK060 IRG4BC BT169 ST6357 1N338 EP120665
Product Description
Full Text Search
 

To Download SMB137C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SMB137C ? summit microelectronics, inc. 2012 ? 757 n. mary ? sunnyvale ca 94085 ? phone 408 523-1000 ? fax 408 523-1266 http://www.summitmicro.com/ 2156 3.0 4/17/2012 1 programmable switching li+ battery charger with usb/ac input, currentpath? manager, turbochar g e tm mode*, low batter y recover y *, aicl* and usb otg/hdmi/mhl su pp ort introduction features ? automatic input current limit for universal usb/ac/dc adapter compatibility* ? optional automatic power source detection per latest usb charging specification 1.2 ? usb or ac input with automatic input selection and programmable input current limiting (usb2.0 compliant) ? up to 750ma charging output from 500ma usb port or 1500ma from ac adapter using proprietary ?turbocharge tm mode? ? input/output currentpath? control allows system operation with deeply discharged/missing battery ? no start-up delay ? ?low battery recovery? mode for >500ma startup from 100ma usb port with deeply discharged cells ? no start-up delay* ? usb otg, hdmi, mhl power support (up to 500ma @ +5v) ? hardware programmable support for jeita ? high-efficiency step-dow n regulator with 3mhz switching ? +4.35 to +6.0v input voltage range ? +18v input tolerance (non-operating) ? high-accuracy float voltage regulation: 1.0% ? digital programming of major parameters via i 2 c interface* ? comprehensive protection features ? tiny csp-30 package applications ? smartphones ? tablet pcs ? portable media players ? perfect companion for msm chipsets the SMB137C is a programmable single-cell lithium- ion/lithium-polymer battery charger designed for a variety of portable applications. unlike conventional charging devices, the SMB137C?s high-efficiency switch-mode operation eliminates the low charge current and thermal problems of conventional linear solutions. in addition, the switching architecture in conjunction with programmability enables dramatically faster charging ? turbocharge? mode - from current limited inputs such as usb. the SMB137C can switch between usb mode and ac adapter mode and works seamlessly in conjunction with a usb controller. the device can manage two outputs independently: battery charging and system power. this allows immediate system operation even under missing/deeply discharged battery conditions. the SMB137C can also run its switching regulator in reverse to support ?low battery recovery? mode (+4.17v @ 500ma) or usb ?on the go? and hdmi/mhl power (+5.0v @ 500ma). charge control includes input current limit (supporting usb2.0), trickle charge, pre-charge, constant current/constant voltage, float voltage and termi nation/safety settings that are fully programmable via a serial i 2 c/smbus and stored in non- volatile memory making the device truly a flexible solution. the SMB137C also offers a wide variety of features that protect the battery pack as well as the charger and input circuitry: over-current, under/over-voltage, safety timers, charge current/float voltag e compensation and thermal protection. status can be moni tored via the serial port for charge state and fault conditions . in addition, the stat output can be used to signal charge status while the sysok output can be used as a system ok in dicator. operating voltage is specified from +4.35v to +6.0v with +18v non-operating input tolerance. the SMB137C is available in an ultra-compact csp-30 package and is rated over the -30c to +85c temperature range. figure 1 ? system application features & applications handheld device usb2.0 500ma 4.35v-5.5v usb charger up to 1500ma 4.5v-6.0v (18v ovp) i2c (optional) system SMB137C li- ion charging current up to 1500ma usb system output up to 1500ma gnd vb us d- d+ id usb-otg/ hdmi/mhl 5.0v @ 500ma ac/dc adapter up to 1500ma 4.5v-6.0v (18v ovp) otg/lbr/hdmi/mhl 750ma ac/dc input 700-1500ma usb input 100/500/700-1500ma "ideal diode" current total sys. output >1500ma lbr output 4.17v @ 500ma using the SMB137C to charge a single cell li+ battery from usb or ac adapter power sources *patent granted or pending


▲Up To Search▲   

 
Price & Availability of SMB137C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X