Part Number Hot Search : 
K550CE 7DDCT SPN2346W CXO3M09 UA3730 AN6357N N5404 7C148
Product Description
Full Text Search
 

To Download SB12100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feature & dimensions * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guarding for over voltage protection * high temperature soldering guaranteed: 260 c/10 seconds at terminals mechanical data case : jedec r-6, molded plastic over sky die terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode endwe declare that the material of product compliance weight : 0.042oz., 1.19 gwith rohs requirements mounting position : any handling precautin : none 1.maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbolsb1235sb1245sb1250sb1260sb1280SB12100 unit device marking code sb1235sb1245sb1250sb1260sb1280SB12100 maximum repetitive peak reverse voltage v rrm 3545506080100v maximum rsm voltage v rsm 3545506080100v maximum dc blocking voltage v dc 3545506080100v maximum average forward rectified current 0.375" (9.5mm) lead length (see fig. 1) if(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm1 a thermal resistance, junction to ambient r ja c/w operating temperature range tj c storage temperature range tstg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol sb1235sb1245sb1250sb1260sb1280SB12100 unit maximum instantaneous forward voltage at 12.0a vf 0.600.70v maximum dc reverse current tc = 25 c ir ua maximum dc reverse current tc = 100 c ir ua typical junction capacitance at 4.0v, 1mhz cj 380pf notes: 1. thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted 175 40 500 C 55 to +175 200 1000 0.550.90 C 55 to +150 sb1220 thru SB12100 schottky barrier rectifiers reverse voltage 35 to 100v forward current 12a 12.0
2. characteristic curves ( ta = 25 c unless otherwise noted ) sb1220 thru SB12100 fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 1000 100 1.0 0.001 10 1.0 0.1 0.01 100 12 6.0 0 tj = 25 c pulse width = 300 s 1% duty cycle ambient temperature, c number of cycles at 60hz instantaneous forward voltage (v)percent of rated peak reverse voltage (%) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) 0 20 40 60 80 100 10 1.0 0.1 0.01 tj=100 tj=75 tj=25 C C C C ?CCCCCCCCCCCCCCCCCCCCCCCCCCCCC??CCCCCCCCCCCCCCCCCCCCCCCCCCCC?? ? ?? tj = tj max 8.3ms single half sine-wave (jedec method) fig 5. C typical transient thermal impedance t r a n s i e n t t h e r m a l i m p e d a n c e ( c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length j u n c t i o n c a p a c i t a n c e ( p f ) fig 6. C typical junction capacitance reverse voltage (v)
3. dimension: sb1220 thru SB12100 8.5 9.5 r-6 0.335 0.375
: 1.1. ammo spec. mm lwh t52 262 276 290 2 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc ? label rohs ? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ? forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 3 ????? typing and cartoon spec. ? r-6 ?? wi-250 ???Z 4 0 ? 2 ? ? quantity/ammo t52 quantity/cartoon 0.4k 4.0k l w h ? cartoon label ******* lrc ?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
!: 4 -!#$ brede spec w p l1-l2 h z r t 1. ^_-!`a]0.05mmbcde!fghijklmnb-!)*o]e!p the typing thickness is 0.05mm and color is obvious difference 2. cqr!20~40cm. typing lead over 20~40cm 3. ^m-!sq]tuvwxuyb_m-!sq]tuvwzuyp red color is cathode ,white color is anode 4. j{ green epoxy compound nj{hi|}hf only o . 1.0 . 1.0 / 3.5 52 -1.0/+2.0 2 0 0.5 . 1.2 6 1.0 52/tape# +,-.' wi-250 "#$%&'(%)*+,- / 4 0 / 0 123 0123 4501 typing dimension / 3 5 green
4. update record 1 2 ?? 2010-9-28 2010-6-23 ? ? sb1220 thru SB12100 ??


▲Up To Search▲   

 
Price & Availability of SB12100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X