Part Number Hot Search : 
LT1083 70XH02 MC68331 TM162G R2A20117 RE5RL21A SK203 BUX98A
Product Description
Full Text Search
 

To Download RXLG-S31000W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high power resistor in a aluminium housing ??? rxlg-h-f type rxlg-h-f 80w rxlg-h-f 100w rxlg-h-f 150w(160w) rxlg-h-f 200w rxlg-h-f 300w resistance range Q r50- 4k3 r75- 5k1 r75- 6k8 1r0- 7k5 1r0- 8k2 tolerance of resistance ? % r 1 ? 5% r<1? 10% temperature coefficient ?? ppm/ r>20?, 260 ppm/ r20?, 400 ppm/ insulation resistance ? m? r 100 weight kg - - - - - l 140 160 215 165 215 l1 125 150 200 150 200 l2 100 125 175 125 175 a 40 40 40 60 60 h 20 20 20 30 30 dimension ? d mm ??? power rating ?? v protection lever ? - ip54 climatic category (iec 68-1) - 40/155/21 temperature change ?? -40 200 ability to tractive power of terminals ? n 100 connections ? lead fetched out l1 l a 1 l2 5 . 3 0 . 2 h 1 ? h / 2 d 250 10 p r shanghai krah electronics 06-3-26
high power resistor in a aluminium housing ??? rxlg-h-t type rxlg-h-t 400w rxlg-h-t 600w rxlg-h-t 800w rxlg-h-t 1000w rxlg-h-t 1200w resistance range Q 2r2- 10k 4r3- 20k 5r1- 33k 5r1- 43k 6r8- 68k tolerance of resistance ? % r 1 ? 5% r<1? 10% temperature coefficient ?? ppm/ r>20?, 260 ppm/ r20?, 400 ppm/ insulation resistance ? m? r 100 weight kg - - - - - l 265 400 340 400 460 l1 250 385 325 385 445 dimension ? l2 mm 225 360 300 360 420 power rating ?? v protection lever ? - ip54 climatic category (iec 68-1) - 40/155/21 temperature change ?? -40 200 ability to tractive power of terminals ? n 100 connections ? terminal ? l2 l l1 300w600w l l1 1 2 . 5 6 +0.2 2 4 2 3 6 0 1 3 1 2 . 5 0 . 2 6 +0.2 4 0 2 l2 h / 2 3 0 1 ? h / 2 800w 5 . 3 0 . 2 1 0 0 1 8 0 . 5 1 ? p r shanghai krah electronics 06-3-26
high power resistor in a aluminium housing ??? rxlg-v-f 800w 200w600w 1 60w150w 4 0 b 1 2 . 5 7 . 5 5 . 3 1 0 0 5 0 2 0 6 0 3 0 type rxlg-v-f 80w rxlg-v-f 100w rxlg-v-f 150w(160w) rxlg-v-f 200w rxlg-v-f 300w resistance range Q r47- 2.7k r75- 3k 1r0- 5.1k 1r0- 7k5 1r6- 7.5k tolerance of resistance ? % r 1 5% r<1 10% temperature coefficient ?? ppm/ r>20, 260 ppm/ r20, 400 ppm/ insulation resistance ? m r 100 weight kg - - - - - l 140 160 215 165 215 l1 125 150 200 150 200 l2 100 125 175 125 175 dimension ? d mm ??? power rating ?? v protection lever ? - ip54 climatic category (iec 68-1) - 40/155/21 temperature change ?? -40 200 ability to tractive power of terminals ? n 100 connections ? lead fetched out p r shanghai krah electronics 06-3-26
high power resistor in a aluminium housing shanghai krah electronics 06-3-26 0 . 5 <200w 200w600w ??? rxlg-v-t type rxlg-v-t 400w rxlg-v-t 600w rxlg-v-t 800w rxlg-v-t 1000w rxlg-v-t 1200w resistance range Q 2r2- 10k 4r3- 20k 5r1- 36k 5r1- 43k 6r8- 51k tolerance of resistance ? % r 1 ? 5% r<1? 10% temperature coefficient ?? ppm/ r>20?, 260 ppm/ r20?, 400 ppm/ insulation resistance ? m? r 100 weight kg - - - - - l 265 400 340 400 460 l1 250 385 325 385 445 l2 225 360 300 360 420 dimension ? d mm power rating ?? v protection lever ? - ip54 climatic category (iec 68-1) - 40/155/21 temperature change ?? -40 200 ability to tractive power of terminals ? n 100 connections ? terminal ? p r
technology parameter of type rxlg aluminous crust resistor rxlg ? 1. electric and mechanical capability: ? shanghai krah electronics 06-3-26 serial number item ? capability require test method ? 1 resistance and resistance variance ?? r 1 ? 5% r<1? 10% accordance with jis-c-5202 5.1 jis-c-5202 5.1 2 resistor temperature coefficient ?? r>20?, 260 ppm/ r 20?, 400 ppm/ to run within temperature range ?25~200, factor shall be in accordance with jis-c-5202 5.2 ?25~200?? jis-c-5202 5.2 3 rating load ? superficial temperature 375 ?? 375 correctly mounted on 300 300 3mm plate aluminium ,accordance with jis-c-5202 5.4 3003003mm ? jis-c-5202 5.4 4 short term overload ? no abnormality r 2%r+0.05? ? r 2%r+0.05? application of 10 times higher than rating power for 5 seconds under the same invironment, accordance with jis-c-5202 5.5 ?10 ??5 ? jis-c-5202 5.5 5 insulation resistance ? no abnormality r 100m ? ? r 100m ? insulation resistance shall be 100 m ? or more between terminal and case when measured with dc 500v insulation resistance tester, accordance with jis-c-5202 5.6 ? 500v ???? ?? 100m ? jis-c-5202 5.6 6 withstand voltage ? no abnormality no destroying r 0.1%r+0.05? ? ? r 0.1%r+0.05? no abnormality shall be found when ac 2500v applied between terminal and case for 1 min, accordance wirh jis-c-5202 5.7 ???? 2500v 1 ? jis-c-5202 5.7 7 terminal strength ?? no abnormal or loosing ? ? a static load of 100n in the direction of terminal for 30 seconds, accordance to jis-c-5202 6.1.2(1) 100n ??30 ? jis-c-5202 6.1.2(1) 8 vibration proof no abnormal r 0.1%r+0.05? ? r 0.1%r+0.05? no mechanical damage shall be observed where vibration applied in a cycle of 10~55hz 1.5mm wide in the three directions for 1 minute, keeping 2 hours in each direction. accordance with jis-c-5202 6.3 10 ~55 hz 1.5mm ? 1 ??? 2 ? ?? jis-c-5202 6.3
technology parameter of type rxlg aluminous crust resistor rxlg ? 2.endure capability: ? serial number item ? capability require test method ? 1 heat tolerance no colour changed and abnormality except terminal, sign clear ???? where the device is heated to 3505 with no load for 120 5 minutes , accordance with jis-c-5202 7.2 ?? 3505 1205 ? jis-c-5202 7.2 2 thermal shock ? no abnormality r 2%r+0.05? ? r 2%r+0.05? apply rating power for 30 minutes,on reaching thermal stability ,within 8-12 s expose to -40 2 for 15+5 minutes, then constant temperature, 2 hours. accordance with jis-c-5202 7.3 ?? 30 ?8-12 ? -402F 15+5 ?? 2 ? jis-c-5202 7.3 3 moisture resistance life ? no damage sign clear r 3%r+0.05? insulation resistance r 25m ? r 3%r+0.05? ?? r 25m ? dc voltage of 100v at 402 at relative humidity 90-95% shall be applied for 1 hour, then cycled off for less than 0.5 hours for 500+24 hours, accordance with jis-c-5202 7.5 ?? 100v 402? 90-95%60 ?30 ?? 500+24 ? jis-c-5202 7.5 4 load life no damage sign clear r 5%r+0.05? r 5%r+0.05? correctly mounted on 300 300 3mm plate aluminium, rating dc voltage shall be applied at 207, 90 minutes on 30 minutes off, then cycled for 500+24 hours, accordance with jis-c-5202 7.10 3003003mm ? 207 ???90 ?30 ?? ? 500+24 ? jis-c-5202 7.10 ? ?? 10 ???10 ?? ?? shanghai krah electronics 06-3-26
high power resistor in a aluminium housing ??? 0 . 2 rxlg-s3 type rxlg-s3 800w rxlg-s3 1000w rxlg-s3 1200w ? rxlg-s3 1200w rxlg-s3 1500w resistance range Q 5r1- 24k 5r1- 24k 5r1- 1k 5r0- 30k 6r8- 36k tolerance of resistance ? % r 1 5% r<1 10% temperature coefficient ?? ppm/ r>20, 260 ppm/ r20, 400 ppm/ insulation resistance ? m r 100 weight kg - - - - - l 260 320 320 380 450 l1 246 306 306 366 436 l2 208 268 268 328 398 dimension ? mm power rating ?? v protection lever ? - ip54 climatic category (iec 68-1) - 40/155/21 temperature change ?? -40 200 p r shanghai krah electronics 06-3-26
ability to tractive power of terminals ? n 100 connections ? terminal ? high power resistor in a aluminium housing 2 2 1 l ??? rxlg-s1 6 . 3 shanghai krah electronics 06-3-26 l2 type rxlg-s1 1000w rxlg-s1 1200w rxlg-s1 1500w rxlg-s3 2000w rxlg-s3 2500w resistance range Q 1r0- 10k 1r0- 15k 1r0- 24k 1r6- 24k 2r5- 24k tolerance of resistance ? % r 1 ? 5% r<1? 10% temperature coefficient ?? ppm/ r>20?, 260 ppm/ r20?, 400 ppm/ insulation resistance ? m? r 100 weight kg - - - - - l 400 460 520 700 800 l1 385 445 505 685 785 l2 360 420 480 660 760 dimension ? mm power rating ?? v protection lever ? - ip54 climatic category (iec 68-1) - 40/155/21 temperature change ?? -40 200 p r
shanghai krah electronics 06-3-26 ability to tractive power of terminals ? n 100 connections ? terminal ?


▲Up To Search▲   

 
Price & Availability of RXLG-S31000W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X