Part Number Hot Search : 
USB22 DSR1AS1A LBC847 BRUS5100 CFD1264P PE6808 092316 ACSL6210
Product Description
Full Text Search
 

To Download RT100KP260CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? plastic package has underwriters laboratory p-600 flammability classification 94v-0 ? glass passivated junction ? 100000w peak pulse power capability on 6.4/6.9s waveform ? excellent clamping capability 1.0(25.4) min ? repetition rate (duty cycle):0.05% .360(9.1) ? low incremental surge resistance .340(8.6) ? fast response time: typically less dia .360(9.1) than 1.0 ps from 0 volts to bv .340(8.6) ? high temperature soldering guaranteed: 265c/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension ? 100kw tranisent voltage suppressor (tvs) are designed for aircraft applications requiring high power transient protection.this includes various treats such as "waveform 4" at 6.4/69 s per rtca/do-160e section 22 .052(1.3) 1.0(25.4) min dia mechanical data case:molded plastic over glass passivated junction terminals: matte tin plated axial leads, solderable per dimensions in inches (milimeters) mil-std-750, method 2026 polarity: color band denoted positive end (cathode) except bipola r mounting position: any weight: 0.07 ounce, 2.5 gram ratings at 25c ambient temperature unless otherwise specified. rating symbol v alue units peak pulse power dissipation on 6.4/6.9s waveform peak pulse current of on 6.4/69s waveform steady state power dissipation at tl=75 c lead lengths.375", (9.5mm) peak forward surge current, 8.3ms sine-wave superimposed on rated load, (jedec method) operatings and storage temperature range t j , t stg -55 to +175 c certified rohs compliant i fsm 400.0 amps i ppm see table 1 amps p m (av) 8.0 watts mde semiconductor, inc. 78-150 calle tam p ico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 1-800-831-4881 email: sales@mdesemiconductor.com web: www.mdesemiconductor.com maximum ratings and characteristic s electrical characteristics apply in both directions. for bidirectional use c or ca suffix for types rt100kp28 thru types rt1000kp400 devices for bipolar applications rt100kp series glass passivated junction transient voltage suppressor voltage-28.0 to 400 volts 100000 watt peak pulse power p ppm minimum 100000 watts 1 8/21/2013
100000 watt tvs uni-polar bi-polar reverse standoff voltage v rwm (v) breakdown voltage v br (v) min. @ i t test current (i t ) ma maximum clamping voltage @i pp vc (v) peak pulse current i pp (a) reverse leakage @ v rwm i r (a) rt100kp28a rt100kp28ca 28.00 31.28 50 50.0 2018.0 5000 rt100kp30a rt100kp30ca 30.00 33.51 50 55.2 1827.8 5000 rt100kp33a rt100kp33ca 33.00 36.9 50 58.5 1722.3 5000 rt100kp36a rt100kp36ca 36.00 40.2 50 61.8 1632.7 5000 rt100kp39a rt100kp39ca 39.00 43.6 20 67.2 1501.5 2000 rt100kp42a rt100kp42ca 42.00 46.9 10 72.0 1401.2 1000 rt100kp43a rt100kp43ca 43.00 48.0 10 73.0 1382.3 1000 rt100kp45a rt100kp45ca 45.00 50.3 5 77.4 1303.7 250 rt100kp48a rt100kp48ca 48.00 53.6 5 81.6 1236.4 150 rt100kp51a rt100kp51ca 51.00 57.0 5 86.4 1167.8 50 rt100kp54a rt100kp54ca 54.00 60.3 5 91.4 1103.9 20 rt100kp58a rt100kp58ca 58.00 64.8 5 92.4 1091.9 20 rt100kp60a rt100kp60ca 60.00 67.0 5 102.0 989.3 15 rt100kp64a rt100kp64ca 64.00 71.5 5 104.0 970.0 10 rt100kp66a rt100kp66ca 66.00 73.7 5 107.0 943.0 10 rt100kp70a rt100kp70ca 70.00 78.2 5 109.0 925.7 10 rt100kp71a rt100kp71ca 71.00 79.3 5 111.5 904.8 10 rt100kp72a rt100kp72ca 72.00 80.4 5 114.0 885.1 10 rt100kp75a rt100kp75ca 75.00 83.8 5 119.4 845.1 10 rt100kp78a rt100kp78ca 78.00 87.1 5 129.0 782.2 10 rt100kp84a rt100kp84ca 84.00 93.8 5 139.2 724.9 10 rt100kp90a rt100kp90ca 90.00 100.5 5 146.4 689.3 10 rt100kp96a rt100kp96ca 96.00 107.2 5 156.0 646.7 10 rt100kp102a rt100kp102ca 102.00 113.9 5 165.6 609.4 10 rt100kp108a rt100kp108ca 108.00 120.6 5 175.2 575.8 10 rt100kp120a rt100kp120ca 120.00 134.0 5 194.4 519.1 10 rt100kp132a rt100kp132ca 132.00 147.4 5 213.0 473.9 10 rt100kp144a rt100kp144ca 144.00 160.8 5 223.2 452.2 10 rt100kp150a rt100kp150ca 150.00 167.6 5 233.4 432.2 10 rt100kp156a rt100kp156ca 156.00 174.3 5 245.0 411.9 10 rt100kp160a rt100kp160ca 160.00 178.7 5 252.6 399.6 10 rt100kp168 a rt100kp168c a 168.00 187.7 5 272.4 370.3 10 rt100kp170 a rt100kp170c a 170.00 189.9 5 275.0 367.0 10 rt100kp180a rt100kp180ca 180.00 201.1 5 290.4 347.3 10 rt100kp198a rt100kp198ca 198.00 221.2 5 319.8 315.3 10 rt100kp216a rt100kp216ca 216.00 241.3 5 348.6 289.4 10 rt100kp240a rt100kp240ca 240.00 268.1 5 387.0 260.7 10 rt100kp258a rt100kp258ca 258.00 288.2 5 416.4 242.4 10 rt100kp260a RT100KP260CA 260.00 290.4 5 416.0 242.4 10 rt100kp270a rt100kp270ca 270.00 301.6 5 436.2 231.4 10 rt100kp280a rt100kp280ca 280.00 312.8 5 464.0 217.4 10 rt100kp288a rt100kp288ca 288.00 321.7 5 469.9 214.8 10 rt100kp300a rt100kp300ca 300.00 333.0 5 483.0 206.5 10 rt100kp350a rt100kp350ca 350.00 389.0 5 564.0 176.5 10 rt100kp400a rt100kp400ca 400.00 444.0 5 644.0 153.1 10 for bidirectional type having vrwm of 40 volts and less, the ir limit is doubl e for parts without a , the v br is + 10% certified rohs compliant mde semiconductor, inc. 78-150 calle tam p ico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-241 4 1-800-831-4881 email: sales@mdesemiconductor.com web: www.mdesemiconductor.com 2 8/21/2013
rt100kp series rating and characteristic curves mde semiconductor, inc. 78-150 calle tam p ico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 1-800-831-4881 email: sales@mdesemiconductor.com web: www.mdesemiconductor.com 0 12.5 25 37.5 50 62.5 75 87.5 100 0 25 50 75 100 125 150 175 200 fig.2 - pulse derating curve peak pulse power (p pp ) or current (i pp ) derating in percentage,% t a - ambient temperature (c) 1 10 100 1000 100ns 1s 10s 100s t d - pulse width (sec.) fig. 1 - peak pulse power rating curve p ppm -peak pulse power s. pulse time - kw non-repetitive pulse 3 8/21/2013
draft rt100kp series rating and characteristic curves mde semiconductor, inc. 78-150 calle tam p ico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 1-800-831-4881 email: sales@mdesemiconductor.com web: www.mdesemiconductor.com note: the 1 mhz damped oscillatory w aveform (3) has an effective oulse width of 4 s. equivalent peak pulse power at each of the pulse widths represented in the rtca/do-160e for waveforms 3, 4 and 5a (above) has been determined referencing figure 1. * multiply by the conversion factor shown with reference to the maximum rated ipp in the electrical characteristics table. 4 8/21/2013


▲Up To Search▲   

 
Price & Availability of RT100KP260CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X