Part Number Hot Search : 
WU20X NHFSC00B 0305H 00051 B45197 B32672P 14D121KJ BC857
Product Description
Full Text Search
 

To Download RH035078ST-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emi shield beads dip/rh type rh type series applications product identification features outline prevention of high frequency emi from video and acoustic communication units as well as other electronic devices. the filters suppress voltage & current spikes within the circuit, providing protection to semiconductor devices the flter can be mounted directly onto the leads of components utilizing no additional space. when these products are placed in series with diodes, they more effectively suppress transient current changes which cause noise than other methods. best designed and tested to offer perfect space utilization and accurate impedance. yageo emi / rfi flters are useful for suppressing noise mainly of low impedance circuits. it can effectively absorb any given spectrum of noise by selecting the appropriate ferrite material. these flters are comparatively inexpensive easily installed. the most important thing is that they attenuate the unwanted noise & emi without degradation of the informative signal. rh 035 06 st - b - ? st : ammo pack a : 26.5mm b : 52.4mm material code b, y7, b246 packaging symbol bulk : s, b, ps as, b1, b2 reel ammo : st, pt, at b1t, b2t b dim. a dim. product symbol yageo the part number of lead-free products will be added -n after original one as identifcation. ex: rh025015 -b -n
electrical parameters category shape packing symbol bulk reel ammo
dimensions in mm & electrical characteristics remark part no. a b d impedance min. 10 mhz 100 mhz rh025015 - b - ? rh02503 - b - ? rh02504 - b - ? rh02507 - y7 - ? rh03503 -b246 rh03503 -b rh035045 -b rh035047 -y7 rh03505 -b rh03506 -y7 rh03506 -b rh035078 -y7 rh035078 -b rh03583 -y7 rh03509 -b246 rh03509 -b rh035115 -y7 rh03514 -b rh08010 -b rh035045 b-b rh03506 b-b rh03509 b-b246 rh035045 -b rh03506 -b rh035045 -b rh03506 -y7 axial radial transversal radial erection radial pair : s, st ?: a, b : ps as b1 pt : b2 b2t 2.50.15 3.50.2 8.00.3 3.50.2 3.50.2 3.50.2 1.50.15 3.02.0 4.00.2 7.00.3 3.00.2 3.00.2 4.50.2 4.70.2 5.00.2 6.00.2 6.00.2 7.80.3 7.80.3 8.30.3 9.00.4 9.00.4 11.50.5 14.00.5 10.00.4 4.50.2 6.00.3 9.00.4 4.50.2 6.00.3 4.50.2 6.00.3 0.65 0.65 0.80 0.65 0.65 0.65 5.0 8.0 12.0 20.0 13.0 13.0 20.0 20.0 20.0 20.0 25.0 28.0 30.0 30.0 60.0 50.0 45.0 60.0 50.0 20.0 20.0 60.0 20.0 25.0 20.0 25.0 10.0 25.0 30.0 60.0 35.0 35.0 45.0 60.0 50.0 80.0 65.0 90.0 85.0 100.0 100.0 80.0 145.0 100.0 130.0 45.0 65.0 100.0 45.0 65.0 80.0 110.0
electrical parameters test meter hp 4287a rf impedance analyzer test fixture : hp 16092a spring clip fixture test wire : 0.65? tcw. (l:63mm) test winding : 1 / 2 ts. rh025030s-b rh035030s-b rh035040s-b rh035060s-b rh035045s-y7 rh035060s-y7 rh035067s-y7 rh035078s-y7 rh035078s-b rh035090s-b246 rh035083s-y7
packing specification packing dimension dimensions : mm 1. axial 2. radial tape bulk packing dimension lead spacing category tape bulk packing style c 26.5 +1.0 - 0.5 63 3 d erection 4.8 ~ 5.8 6.351 52.41.5 pair 51 the size of packing case carton dimension (a x b x c) mm packing quantity pcs reel ammo typing bulk 350 x 430 x 340 260 x 260 x 224 380 x 415 x 385 150 x 75 x 85 20,000 25,000 25,000 30,000 reel dimensions (mm) marking : 1. product name 2. quantity 3. inspection no. ammo-packing carton dimension marking : 1. product name 2. quantity 3. inspection no.


▲Up To Search▲   

 
Price & Availability of RH035078ST-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X