Part Number Hot Search : 
CLAMP LM1640 MAC12SMG CLAMP 00130 IIRL3713 MTM8N20 M1001
Product Description
Full Text Search
 

To Download PSKT96 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thyristor modules pskt 96 i trms = 2x180 a thyristor/thyristor modules i tavm = 2x105 a v rrm = 600-1800v preliminary data sheet features ? ? isolation voltage 3600 v ? planar glass passivated chips ? low forward voltage drop ? leads suitable for pc board soldering ? ul registered, e 148688 applications ? dc motor control ? light and temperature control ? softstart ac motor controller ? solid state switches advantages ? easy to mount with two screws ? space and weight savings ? improved temperature and power cycling capability ? high power density ? small and light weight powersem gmbh, walpersdorfer str. 53 d - 91126 schwabach phone: 09122 - 9764 - 0 fax: 09122 - 9764 - 20 eco-pac tm 2 ? 2005 powersem reserves the right to change limits, test conditions and dimensions v rsm v rrm type v dsm v drm (v) (v) 700 600 pskt 96/06 900 800 pskt 96/08 1300 1200 pskt 96/12 1500 1400 pskt 96/14 1700 1600 pskt 96/16 1900 1800 pskt 96/18 symbol test conditions maximum ratings data according to iec 60747 refer to a single thyristor unless otherwise stated i trms 180 a i tavm t c = 85 c, 180 sine 105 a i tsm t vj = 45 c t = 10 ms (50 hz), sine 2250 a v r = 0 t = 8.3 ms (60 hz), sine 2400 a t vj = 125 c t = 10 ms (50 hz), sine 2000 a v r = 0 t = 8.3 ms (60 hz), sine 2150 a i 2 dt t vj = 45 c t = 10 ms (50 hz), sine 25300 a2s v r = 0 t = 8.3 ms (60 hz), sine 23900 a2s t vj = 125 c t = 10 ms (50 hz), sine 20000 a2s v r = 0 t = 8.3 ms (60 hz), sine 19100 a2s (di/dt) cr t vj = 125 c repetitive, i t = 250 a 150 a/s f=50hz, t p =200s v d =2/3v drm i g =0.45 a non repetitive,i t = i tavm 500 a/s di g /dt=0.45a/s (dv/dt) cr t vj = 125 c v d =2/3v drm 1000 v/s r gk = , method 1 (linear voltage rise) p gm t vj = 125 c t p =30s 10 w i t =i tavm t p =300s 5 w p gavm 0.5 w v rgm 10 v t vj -40... + 125 c t vjm 125 c t stg -40... + 125 c v isol 50/60 hz, rms t = 1 min 3000 v i isol 1 ma t = 1 s 3600 v m d mounting torque (m4) 1.5 - 2.0 nm 14 - 18 lb.in. weight typ. 24 g ik-10 vx-1 8 ac-1 s- 1 6 e- 3
eco-pac tm 2 powersem gmbh, walpersdorfer str. 53 d - 91126 schwabach phone: 09122 - 9764 - 0 fax: 09122 - 9764 - 20 ? 2005 powersem reserves the right to change limits, test conditions and dimensions symbol test conditions characteristic value i d, i r t vj = 125c, v r = v rrm , v d =v drm 5 ma v t i t = 150 a, t vj = 25 c 1.2 v v to for power-loss calculations only 0.8 v r t 2.4 m ? v gt v d =6v t vj = 25c 1.5 v t vj =-40c 1.6 v i gt v d =6v t vj = 25c 150 ma t vj =-40c 200 ma v gd t vj = 125c v d =2/3v drm 0.2 v i gd t vj = 125c v d =2/3v drm 10 ma i l t vj = 25c, t p =10s 450 ma i g =0.45a, di g /dt=0.45a/s i h t vj = 25c, v d =6v, r gk = ? 200 ma t gd t vj = 25c, v d =1/2v drm 2 s i g =0.45a, di g /dt=0.45a/s r thjc per thyristor; dc 0.26 k/w per module 0.13 k/w r thjk per thyristor; sine 180 el 0.46 k/w per module 0.23 k/w d s creeping distance on surface 11.2 mm d a creeping distance in air 5.0 mm a max. allowable acceleration 50 m/s2 package style and outline dimensions in mm (1mm = 0.0394?)


▲Up To Search▲   

 
Price & Availability of PSKT96

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X