Part Number Hot Search : 
XC3142A 1N6330 AS1117R MSK185G 4982SLPT BA7645 XTL1026 PA25A
Product Description
Full Text Search
 

To Download PJUSB208-AUAD10001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.0-dec.1.2008 pjusb208-au series low capacitance diode array pjusb208 series is surge rated diode array desiged to protect high speed data interfaces.the pjusb208 series has been specifica lly designed to protect sensitive components which are connect to data and transmission lines from over-voltages caused by esd (electrostatic dischatge),eft(electrical fast transients), and lightning. mechanical ? case: sot23-6l, plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: see diagram below ? approx.weight : 0.014 grams ? marking : pjusb208 -au : 208 pjusb208r -au : 316 data applications ? usb 2.0 and firewire port protection ? lan / wlan access point terminals ? video signal line protection maximum ratings gnita rl obmy se ula vs tinu egatlovesreverkaepevititeperreifitcer v rrm 0 7v )ria(2-4-00016ceirepdse )tcatnoc(2-4-00016ceirepdse v esd 51> 8> vk mrofevawralugnatcer-tnerrucdrawrofevititepernonegrus 5.2=pt s sm1=pt sm001=pt i fsm 6 2 1 a egnarerutarepmetegarotsdnanoitcnujgnitarepo t j t, stg 051+ot55- o c sot-23 6l unit inch(mm) features ? maximum capacitance of 3.0pf at 0vdc 1mhz line-to-ground ? low leakage current, maximum of 0.1 a at rated voltage ? iec61000-4-2 esd 15kv air, 8kv contact compliance ? protect four i/o lines ? flammability rating ul94v-0 ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free) 0.119(3.00) 0.110(2.80) 0.067(1.70) 0.059(1.50) 0.119(3.00) 0.102(2.60) 0.020(0.50) 0.012(0.30) 0.057(1.45) max. 0.051(1.30) 0.035(0.90) 0.006(0.15) max. 0.009(0.22) 0.003(0.08) 0.075(1.90) bsc ? acqire quality system certificate : ts16949 ? aec-q101 qualified
page . 2 rev.0.0-dec.1.2008 electrical characteristics (t j =25 o c) v cc gnd input drivers or high spped signals linear or digitalic interface retemarap lobmys noitidnoc .nim .pyt .xam tinu egatlovffo-dnatsesreverkaep v rrm - -0 7 v egatlovnwodkaerbesrever v br i br =0 5 a 58 - - v tnerrucegakaelesrever i r v rwm =7 v 0 - 1. 01 a ecnaticapacnoitcnujetatsffo c j 0z hm1=f,cdv dngdnasenilo/ineewteb - -1 fp ecnaticapacnoitcnujetatsffo c j 0z hm1=f,cdv senilo/ineewteb - -9 .0 fp retemarap lobmys noitidnoc .nim .pyt .xam tinu egatlovffo-dnatsesreverkaep v rrm - -0 7 v egatlovnwodkaerbesrever v br i br =0 5 a 58 - - v tnerrucegakaelesrever i r v rwm =7 v 0 - 1. 01 a ecnaticapacnoitcnujetatsffo c j 0z hm1=f,cdv dngdnasenilo/ineewteb - -1 fp ecnaticapacnoitcnujetatsffo c j 0z hm1=f,cdv senilo/ineewteb - -9 .0 fp pjusb208-au series pjusb208-au fig.71 pjusb208r-au fig.100
page . 3 rev.0.0-dec.1.2008 typical characteristics curves pjusb208-au series
page . 4 rev.0.0-dec.1.2008 mounting pad layout ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7 plastic reel order information sot-23 6l 0.024 (0.60) 0.026 (0.67) 0.096 (2.43) 0.037 (0.95) 0.037 (0.95) unit inch(mm) pjusb208-au series
part no_packing code_version pjusb208-au _r1_000 a 1 pjusb208 -au _r2_000 a 1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d pjusb208-au series page 5 rev00-dec2008
page . 6 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining. pjusb208-au series rev.0.0-dec.1.2008


▲Up To Search▲   

 
Price & Availability of PJUSB208-AUAD10001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X