Part Number Hot Search : 
4LVX1 MUR810 TMV2412 1ZB22 HYB25 XFATM 2N3642 IDT72V84
Product Description
Full Text Search
 

To Download PG150R09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 stad-mar.03.2009 1 pg150r~pg156r glass passivated junction fast switching rectifiers maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. resistive or inductive load, 60hz. 50 to 600 volts 1.5 amperes current voltage .034(.86) .140(3.6) .028(.71) .104(2.6) 1.0(25.4)min. 1.0(25.4)min. .300(7.6) .230(5.8) do-15 unit: inch(mm) r e t e m a r a pl o b m y sr 0 5 1 g pr 1 5 1 g pr 2 5 1 g pr 4 5 1 g pr 6 5 1 g ps t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a mv m r r 0 50 0 10 0 20 0 40 0 6v e g a t l o v s m r m u m i x a mv s m r 5 30 70 4 10 8 20 2 4v e g a t l o v g n i k c o l b c d m u m i x a mv c d 0 50 0 10 0 20 0 40 0 6v ) m m 5 . 9 ( " 5 7 3 . t n e r r u c d r a w r o f e g a r e v a m u m i x a m t t a h t g n e l d a e l a 5 5 = o c i ( f) v a 5 . 1a e v a w - e n i s f l a h e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s i m s f 0 5a a 5 . 1 t a e g a t l o v d r a w r o f m u m i x a m v f 3 . 1v t t n e r r u c e s r e v e r c d m u m i x a m j 5 2 = o c t e g a t l o v g n i k c o l b c d d e t a r t a j 0 0 1 = o c i r 0 . 1 0 5 1 a ) 1 e t o n ( e m i t y r e v o c e r e s r e v e r m u m i x a m t r r 0 5 10 5 2s n ) 2 e t o n ( e c n a t i c a p a c n o i t c n u j l a c i p y t c j 5 3f p ) 3 e t o n ( e c n a t s i s e r l a m r e h t l a c i p y t r a j 5 4 o w / c e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p ot j t , g t s 0 5 1 + o t 5 5 - o c features  plastic package has underwriters laboratory flammability classification 94v-o utilizing flame retardant epoxy molding compound.  glass passivated junction  exceeds environmental standards of mil-s-19500/228  fast switching for high efficiency.  in compliance with eu rohs 2002/95/ec directives mechanical data  case: molded plastic, do-15  terminals: axial leads, solderable to mil-std-750,method 2026  polarity: color band denotes cathode end  mounting position: any  weight: 0.014 ounce, 0.397 gram notes:1. reverse recovery test conditions: i f =.5a, i r =1a, i rr =.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 vdc 3. thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) p.c.b. mounted
page . 2 stad-mar.03.2009 1 pg150r~pg156r fig.1 forward current derating curve fig.3 typical junction capacitance fig.4 max non-repetitive surge current ambient temperature, c o reverse voltage, volts no. of cycles at 60hz average forward rectified current amperes capacitance,pf rating and characteristic curves 3.0 2.0 1.0 0 0 50 100 150 1.5 2.5 0.5 single phase half wave 60hz resistive or inductive load .375" (9.5mm) lead length peak forward surge current, amperes fig.2 typical forward characteristics forward voltage,volts forward current, amperes 70 50 40 30 20 10 1 5 10 20 50 100 1 2 4 10 20 40 100 100 40 20 10 4 2 1 60 t=25 c f=1.0mhz vsig=50mvp-p j o 0.4 0.001 0.01 0.1 1.0 10 100 0.8 1.2 1.5 1.9 t=25c a o 0.6 1.0 1.3 1.7 percentage of peak reverse voltage,% 0.1 20 40 60 80 100 120 140 1.0 10 100 1000 t=150c j o t=100c j o t=25c j o fig.5-typical reverse characteristic ins t a n ta n e ous re v e r s e c ur re n t , m a


▲Up To Search▲   

 
Price & Availability of PG150R09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X