Part Number Hot Search : 
SR150 100HS CAT93C5 105L2 F051202 100AXC P30CA 1N759
Product Description
Full Text Search
 

To Download PCAALT20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? laser trimmed ? temperature stable general information the pca and pcaa series consists of a laser trimmed distrib- uted thin f ilm element on an alumina ceramic substrate with solderable terminals. two sizes are available. the pca size operates to 12.4 ghz and the pcaa size operates to 18.0 ghz. both sizes are available with leads and wrap around conduc- tors for ease of installation. the pcaf and pcaaf options are designed for flip-chip application in lower frequency circuits. pca & pcaa series data ? substrate: 96% alumina ? solderable terminals: electroplated silver over nickel ? resistive element: proprietary thin film ? wrap around ground terminal available, w option ? wrap around-all terminalsf option ? standard values 1, 2, 3, 4, 5, 6, 10, 20 db ? non-std. values available as special order ordering information the attenuators listed are available in 1 db increments from 1 through 20 db. when ordering, to specify the correct part num- ber for the desired attenuation value, select any of the series listed and add the attenuation value desired to the basic series designation. options (note 4) l = lead/tab (gold plated becu) w = wrap around ground only f = wrap around all terminals (flip-chip) t = tinned terminals (any terminal type) sn62 h = tinned terminals ( any terminal type) sn96 g = gold plated terminals series pca, pcaa attenuators, chip low power C dc-18 ghz notes 1. performance of other db values vary dependent on attenuation. contact factor y for specifications for fractional db values. 2. performance is based on device mounted in matched 50 ohm line. 3. rated power 1.5 watts input pca, 100 mw pcaa. 4. tinnning with sn96 lead free high temperature solder will maintain rohs compliance. general specifications impedance 50 ohms operating temperature C55c to +150c attenuation stability 0.0001 db/db/c example: examples: pca or pcaa (x) option(s) l w f basic series pcaw-t3 pcaaf-g3 (x) option(s) t h g db value average power derating curve 25 100 75 50 25 0 85 150c power derating % of rated power attenuation attenuation accuracy (db) note 2 vswr (typical) note 2 increments dc - 4 ghz 4 - 8 ghz 8 - 12.4 ghz 12.4 - 18 ghz dc - 4 ghz 4 - 8 ghz 8 - 12.4 ghz 12.4 - 18 ghz (db) pca, pcaa pca, pcaa pca, pcaa pcaa pca, pcaa pca, pcaa pca, pcaa pcaa note 1 series series series series only series series series series only 1 - 3 0.5 0.5 0.5 0.5 1.25 1.35 1.50 1.50 4 - 6 0.5 0.5 0.5 0.75 1.25 1.35 1.50 1.50 7 - 10 0.5 0.5 0.75 1.0 1.25 1.35 1.50 1.50 11 - 15 0.75 +0.5 +0.5 1.25 1.35 1.50 -3.0 -4.0 16 - 20 1.0 +0.5 1.25 1.35 -4.0 performance specifications rev 3/09 key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25] rohs  
series pca, pcaa attenuators, chip low power C dc-18 ghz k di-resistor produc ts 60 south jefferson road, whippany, nj 07981 tel: 973-887-8100 ? fax: 973-560-1372 w ww.aeroflex.com/kdi-resistor ? kdi-resistor-sales@aeroflex.com key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25] physical dimensions pca pcaa pcaal (lead/cover) pcal (lead/cover) pcaw (wrap around ground terminal only) pcaf (wrap around all terminals) pcaaf (wrap around all terminals) pcaaw (wrap around ground terminal only) .025[0.64] min .060 [1.52] typ. .015[0.38] min .150 [3.8] .010 [0.25] ground .125 [3.18] .150 [3.8] .125 [3.18] .250 [6.4] min .060.003 [1.520.08] typ. .003.001 [0.080.03] .040 [1.02] max .060[1.52] typ. .015[0.38] min .150 [3.8] .125 [3.18] .010 [0.25] .025[0.64] min .125 [3.18] .025 min [0.64] .060 [1.52] typ. .015[0.38] min .150 [3.8] .010 [0.25] wrap around ground wrap around ground maximum frequency 4 ghz maximum frequency 8 ghz .025 [0.64] typ. .015[0.38] min .075 [1.9] .010 [0.25] ground .060 [1.52] .020[0.5] typ. .020 [0.5] typ. .025 [0.64] typ. .015 [0.38] min .075 [1.9] .010 [0.25] wrap around ground .060 [1.52] .020 [0.5] typ. .025 [0.64] typ. .015 [0.38] min .075 [1.9] .010 [0.25] wrap around ground .060 [1.52] .075 [1.9] .060 [1.52] .250 [6.4] min .020.003 [0.50.08] typ. .003.001 [0.080.03] .040 [1.02] max


▲Up To Search▲   

 
Price & Availability of PCAALT20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X