Part Number Hot Search : 
RF740 167BZX EG3110 ST323 PJ14126T MC20A DA15M HCGF5A
Product Description
Full Text Search
 

To Download NSPH475M35V1812TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change multilayer polymer film capacitor chips nsph series features ? high capacitance (up to 22 f) ? wide voltage & temperature range (16 ~ 63v, -55c ~ +125c) ? upgrade performance vs. mlcc's stable over frequency, temperature & voltage no piezo electric effect ? ideal for audio applications ? typical open failure mode ? +260c reflow soldering compatible environmental characteristics nsph 106 m 16 tr 1812 f rohs compliant size code tape & reel voltage tolerance code: m=20% capacitance in pf, 1st two digits are signi cant, 3rd digit is no. of zeros series part number system specifications case sizes 1206 1210 1812 2220 capacitance range 0.1 f ~ 22 f (measured at < 5vrms, 1khz) voltage ratings 16, 25, 35, 50 & 63vdc capacitance tolerance 20% (m) temperature range -55c ~ +125c dissipation factor (20c) 1.5% (measured at 5vrms, 1khz) insulation resistance (20c) > 300m ? f (after 60 seconds at rated voltage) dielectric withstanding voltage no abnormalities after application of 150% of rated voltage for 1 minute or 175% of rated voltage for 1 ~ 5 seconds high temperature life test* +125c 3c, 1,000 hrs +48/-0 hrs 125% of rated voltage capacitance change within +5%/-20% of initial value dissipation factor 1.65% maximum @ 1khz insulation resistance 30m ? f minimum humidity load life* 500 hours, +40c & 90% ~ 95% rh at rated voltage capacitance change within +20%/-5% of initial value dissipation factor 2.25% maximum @ 1khz insulation resistance 30m ? f minimum temperature cycling* no load, 5 cycles of -55c (30 minutes), room temperature < 3 minutes, +125c (30 minutes) capacitance change within +5%/-20% of initial value dissipation factor 1.65% maximum @ 1khz insulation resistance 30m ? f minimum resistance to soldering heat (soldering using recommended re ow conditions, 2 times) capacitance change within +5%/-10% of initial value dissipation factor 1.65% maximum @ 1khz insulation resistance 100m ? f minimum part materials 1 capacitor element acrylic base polymer lm 2 internal electrode vapor deposited aluminum 3 first termination layer copper alloy 4 second termination layer conductive paste 5 third termination layer 100% sn (tin) plating construction www.datasheet.co.kr datasheet pdf - http://www..net/
2 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change standard values and case sizes (mm) l h w e e part number voltage (vdc) capacitance ( f) l0.3 w0.3 h0.2 e0.3 case size reel qty 180mm 255mm nsph105m16v1206trf 16 1 3.2 1.6 1.4 0.5 1206 2,000 - nsph155m16v1206trf 16 1.5 3.2 1.6 1.4 0.5 1206 2,000 - nsph225m16v1210trf 16 2.2 3.2 2.5 1.8 0.5 1210 2,000 - nsph335m16v1210trf 16 3.3 3.2 2.5 2 0.5 1210 2,000 - nsph475m16v1812trf 16 4.7 4.5 3.2 1.4 0.5 1812 1,000 2,000 nsph685m16v1812trf 16 6.8 4.5 3.2 1.8 0.5 1812 1,000 2,000 nsph106m16v1812trf 16 10 4.5 3.2 2.6 0.5 1812 500 1,500 nsph156m16v2220trf 16 15 5.7 5 1.8 0.5 2220 1,000 2,000 nsph226m16v2220trf 16 22 5.7 5 2.6 0.5 2220 500 1,500 nsph684m25v1206trf 25 0.68 3.2 1.6 1.4 0.5 1206 2,000 - nsph105m25v1206trf 25 1 3.2 1.6 1.4 0.5 1206 2,000 - nsph155m25v1210trf 25 1.5 3.2 2.5 2 0.5 1210 2,000 - nsph225m25v1210trf 25 2.2 3.2 2.5 1.8 0.5 1210 2,000 - nsph335m25v1812trf 25 3.3 4.5 3.2 1.4 0.5 1812 1,000 2,000 nsph475m25v1812trf 25 4.7 4.5 3.2 1.8 0.5 1812 1,000 2,000 nsph685m25v1812trf 25 6.8 4.5 3.2 2.6 0.5 1812 500 1,500 nsph106m25v2220trf 25 10 5.7 5 1.8 0.5 2220 1,000 2,000 nsph156m25v2220trf 25 15 5.7 5 2.6 0.5 2220 500 1,500 nsph474m35v1206trf 35 0.47 3.2 1.6 1 0.5 1206 3,000 - nsph684m35v1206trf 35 0.68 3.2 1.6 1.4 0.5 1206 2,000 - nsph105m35v1210trf 35 1 3.2 2.5 1.4 0.5 1210 2,000 - nsph155m35v1210trf 35 1.5 3.2 2.5 2 0.5 1210 2,000 - nsph225m35v1812trf 35 2.2 4.5 3.2 1.4 0.5 1812 1,000 2,000 nsph335m35v1812trf 35 3.3 4.5 3.2 1.8 0.5 1812 1,000 2,000 NSPH475M35V1812TRF 35 4.7 4.5 3.2 2.6 0.5 1812 500 1,500 nsph685m35v2220trf 35 6.8 5.7 5 1.8 0.5 2220 1,000 2,000 nsph106m35v2220trf 35 10 5.7 5 2.6 0.5 2220 500 1,500 nsph104m50v1206trf 50 0.1 3.2 1.6 1 0.5 1206 3,000 - nsph224m50v1206trf 50 0.22 3.2 1.6 1 0.5 1206 3,000 - nsph334m50v1206trf 50 0.33 3.2 1.6 1.4 0.5 1206 2,000 - nsph474m50v1210trf 50 0.47 3.2 2.5 1.4 0.5 1210 2,000 - nsph684m50v1210trf 50 0.68 3.2 2.5 1.8 0.5 1210 2,000 - nsph105m50v1812trf 50 1 4.5 3.2 1.4 0.5 1812 1,000 2,000 nsph155m50v1812trf 50 1.5 4.5 3.2 1.8 0.5 1812 1,000 2,000 nsph225m50v1812trf 50 2.2 4.5 3.2 2.6 0.5 1812 500 1,500 nsph335m50v2220trf 50 3.3 5.7 5 1.8 0.5 2220 1,000 2,000 nsph475m50v2220trf 50 4.7 5.7 5 2.6 0.5 2220 500 1,500 nsph224m63v1206trf 63 0.22 3.2 1.6 1.4 0.5 1206 2,000 - nsph334m63v1210trf 63 0.33 3.2 2.5 1.4 0.5 1210 2,000 - nsph474m63v1210trf 63 0.47 3.2 2.5 1.8 0.5 1210 2,000 - nsph684m63v1812trf 63 0.68 4.5 3.2 1.4 0.5 1812 1,000 2,000 nsph105m63v1812trf 63 1 4.5 3.2 1.8 0.5 1812 1,000 2,000 nsph155m63v1812trf 63 1.5 4.5 3.2 2.6 0.5 1812 500 1,500 nsph225m63v2220trf 63 2.2 5.7 5 1.8 0.5 2220 1,000 2,000 nsph335m63v2220trf 63 3.3 5.7 5 2.6 0.5 2220 500 1,500 multilayer polymer film capacitor chips nsph series www.datasheet.co.kr datasheet pdf - http://www..net/
3 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change t e w d 0 p 0 p 2 f a d 1 b k p 1 reel dimensions (mm) embossed plastic carrier dimensions (mm) w 2 reel w 1 r n d e a case code a 1.0 n 1.0 w1 1.0 w2 1.0 d 0.2 e 0.5 r 0.2 a & b 180 60 9.5 13.1 13 2 1 c & d 180 60 13.5 18.5 13 2 1 255 80 13.5 18.5 13 2 1 multilayer polymer film capacitor chips nsph series case code a 0.1 b 0.1 w 0.3 f 0.5 e 0.1 p 1 0.5 p 2 0.4 p 0 0.1 d 0 0.1 d 1 0.1 k 0.1 t 0.05 a1 2 3.6 8 3.5 1.75 4 2 4 1.5 1 1.4 0.2 a2 1.8 0.25 b1 2.9 3.6 8 3.5 1.75 4 2 4 1.5 1 1.8 0.25 b2 2.2 0.25 b3 2.4 0.25 c1 3.6 4.9 12 5.5 1.75 8 2 4 1.5 1.5 1.8 0.25 c2 2.2 0.25 c3 2.4 0.25 c4 3.0 0.25 d1 5.4 6.1 12 5.5 1.75 8 2 4 1.5 1.5 2.2 0.25 d2 2.6 0.25 d3 3.0 0.25 www.datasheet.co.kr datasheet pdf - http://www..net/
4 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change land pattern dimensions (mm) c a b eia size a 0.1 b 0.1 c 0.2 1206 1.8 3.6 1.4 1210 1.8 3.6 2.3 1812 2.7 5.7 3.0 2220 3.5 7.8 4.5 recommended reflow profile peak temperature 260c 50 100 150 200 250 300 time temperature - deg. c pre-heat 150c 60 ~120 sec. 25 0 cool down time above 230c 30 ~ 60 sec. ramp-up 3c/sec. to 150c note: these capacitors are sensitive to moisture. the parts should be used within one year of shipping date while stored unopened in moisture barrier packaging at +5c ~ 30c and a relative humidity of <70% rh. multilayer polymer film capacitor chips nsph series storage time limit after opening moisture barrier packaging size open bag storage limit (+30c/<60% rh) msl* 1206 96 hours 4 1210 96 hours 4 1812 48 hours 5 2220 48 hours 5 *ipc/jedec j-std-020-c www.datasheet.co.kr datasheet pdf - http://www..net/
5 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change multilayer polymer film capacitor chips nsph series high temperature load life test (typical performance) permissible current (maximum t = 10c) frequency (khz) current (arms) nsph106m35v2220f nsph335m35v1812f nsph105m35v1210f - 20.00 - 15.00 - 10.00 -5.00 0.00 5.00 10.00 - 100 - 50 0 50 100 150 ?? c @ 1khz (% ) 35st475 35st685 35st106 mlcc(b, 50v/ 475) mlcc(x7r, 50v/ 475) mlcc(b,50v/475) mlcc(b,50v/475) mlcc(x7r,50v/475) nsph475m35v1812f nsph685m35v2220f nsph106m35v2220f nsph685m35v2220f nsph475m35v1812f nsph106m35v2220f mlcc(x7r,50v/475) temperature ( ) -100 -50 0 50 100 150 -20 -15 -20 -10 -5 0 +5 +10 c @ 1khz (%) typical capacitance vs. temperature (nsph vs. mlcc) typical esr & z vs. frequency (nsph vs. mlcc) www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of NSPH475M35V1812TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X